Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM75BIMMX-5 Datasheet(PDF) 10 Page - Texas Instruments

Part # LM75BIMMX-5
Description  LM75C Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM75BIMMX-5 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM75BIMMX-5 Datasheet HTML 6Page - Texas Instruments LM75BIMMX-5 Datasheet HTML 7Page - Texas Instruments LM75BIMMX-5 Datasheet HTML 8Page - Texas Instruments LM75BIMMX-5 Datasheet HTML 9Page - Texas Instruments LM75BIMMX-5 Datasheet HTML 10Page - Texas Instruments LM75BIMMX-5 Datasheet HTML 11Page - Texas Instruments LM75BIMMX-5 Datasheet HTML 12Page - Texas Instruments LM75BIMMX-5 Datasheet HTML 13Page - Texas Instruments LM75BIMMX-5 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
I
2
C Interface
SDA
SCL
Pointer Register
(Selects register for
communication)
Address
Data
Temperature
(Read-Only)
Pointer = 00000000
TOS Set Point
(Read-Write)
Pointer = 00000011
Configuration
(Read-Write)
Pointer = 00000001
THYST Set Point
(Read-Write)
Pointer = 00000010
LM75B, LM75C
SNIS153B – JULY 2009 – REVISED MARCH 2013
www.ti.com
COMPARATOR/INTERRUPT MODE
As indicated in the O.S. Output Temperature Response Diagram, Figure 9, the events that trigger O.S. are
identical for either Comparator or Interrupt mode. The most important difference is that in Interrupt mode the O.S.
will remain set indefinitely once it has been set. To reset O.S. while in Interrupt mode, perform a read from any
register in the LM75.
O.S. OUTPUT
The O.S. output is an open-drain output and does not have an internal pull-up. A “high” level will not be observed
on this pin until pull-up current is provided from some external source, typically a pull-up resistor. Choice of
resistor value depends on many system factors but, in general, the pull-up resistor should be as large as
possible. This will minimize any errors due to internal heating of the LM75. The maximum resistance of the pull
up, based on LM75 specification for High Level Output Current, to provide a 2V high level, is 30 k
Ω.
O.S. POLARITY
The O.S. output can be programmed via the configuration register to be either active low (default mode), or
active high. In active low mode the O.S. output goes low when triggered exactly as shown on the O.S. Output
Temperature Response Diagram, Figure 9. Active high simply inverts the polarity of the O.S. output.
INTERNAL REGISTER STRUCTURE
Figure 10.
There are four data registers in the LM75B and LM75C selected by the Pointer register. At power-up the Pointer
is set to “000”; the location for the Temperature Register. The Pointer register latches whatever the last location it
was set to. In Interrupt Mode, a read from the LM75, or placing the device in shutdown mode, resets the O.S.
output. All registers are read and write, except the Temperature register which is a read only.
A write to the LM75 will always include the address byte and the Pointer byte. A write to the Configuration
register requires one data byte, and the TOS and THYST registers require two data bytes.
Reading the LM75 can take place either of two ways: If the location latched in the Pointer is correct (most of the
time it is expected that the Pointer will point to the Temperature register because it will be the data most
frequently read from the LM75), then the read can simply consist of an address byte, followed by retrieving the
corresponding number of data bytes. If the Pointer needs to be set, then an address byte, pointer byte, repeat
start, and another address byte will accomplish a read.
The first data byte is the most significant byte with most significant bit first, permitting only as much data as
necessary to be read to determine temperature condition. For instance, if the first four bits of the temperature
data indicates an overtemperature condition, the host processor could immediately take action to remedy the
excessive temperatures. At the end of a read, the LM75 can accept either Acknowledge or No Acknowledge from
the Master (No Acknowledge is typically used as a signal for the slave that the Master has read its last byte).
10
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: LM75B LM75C


Similar Part No. - LM75BIMMX-5

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM75BIMMX-5 NSC-LM75BIMMX-5 Datasheet
308Kb / 18P
   Digital Temperature Sensor and Thermal WATCHDOG with Two-Wire Interface
LM75BIMMX-5 NSC-LM75BIMMX-5 Datasheet
734Kb / 18P
   Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
logo
Texas Instruments
LM75BIMMX-5 TI-LM75BIMMX-5 Datasheet
422Kb / 20P
[Old version datasheet]   LM75B LM75C Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
logo
Maxim Integrated Produc...
LM75BIMMX-5++ MAXIM-LM75BIMMX-5+ Datasheet
270Kb / 12P
   Digital Temperature Sensor and Thermal Watchdog with 2-Wire Interface
Rev 0; 3/09
LM75BIMMX-5++ MAXIM-LM75BIMMX-5+ Datasheet
1Mb / 13P
   Digital Temperature Sensor and Thermal Watchdog with 2-Wire Interface
2021
More results

Similar Description - LM75BIMMX-5

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM75CIM-5 TI-LM75CIM-5 Datasheet
422Kb / 20P
[Old version datasheet]   LM75B LM75C Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
LM75B TI-LM75B_15 Datasheet
1Mb / 31P
[Old version datasheet]   Digital Temperature Sensor and Thermal Watchdog With Two-Wire Interface
logo
Global Mixed-mode Techn...
G751 GMT-G751_05 Datasheet
257Kb / 12P
   Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
logo
National Semiconductor ...
LM75 NSC-LM75 Datasheet
308Kb / 18P
   Digital Temperature Sensor and Thermal WATCHDOG with Two-Wire Interface
LM75 NSC-LM75_05 Datasheet
734Kb / 18P
   Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
logo
Global Mixed-mode Techn...
G751-1P1 GMT-G751-1P1 Datasheet
268Kb / 11P
   Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
G751 GMT-G751_15 Datasheet
63Kb / 1P
   Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
logo
List of Unclassifed Man...
G751 ETC-G751 Datasheet
160Kb / 10P
   Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
logo
Texas Instruments
LM75A TI1-LM75A Datasheet
1Mb / 21P
[Old version datasheet]   LM75A Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
LM75A TI-LM75A_15 Datasheet
1Mb / 28P
[Old version datasheet]   LM75A Digital Temperature Sensor and Thermal Watchdog With Two-Wire Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com