Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELLATV3R3N Datasheet(PDF) 2 Page - Panasonic Battery Group

Part # ELLATV3R3N
Description  SMD Choke Coils
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONICBATTERY [Panasonic Battery Group]
Direct Link  http://www.panasonic.com/industrial/batteries-oem/
Logo PANASONICBATTERY - Panasonic Battery Group

ELLATV3R3N Datasheet(HTML) 2 Page - Panasonic Battery Group

  ELLATV3R3N Datasheet HTML 1Page - Panasonic Battery Group ELLATV3R3N Datasheet HTML 2Page - Panasonic Battery Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Choke Coils
2.0
±0.3
4.0
±0.3
16.0
±0.3
4.8
±0.3
0.4
±0.1
R0.5
m
ax.
f1.5
+0.1
–0
Indication method of products manufacture
Indication method of date code
Quantity 500 pcs./reel
Tape running direction
Standard Parts
Embossed Carrier Tape Dimensions in mm
(not to scale)
Date code
Month
Year
123456789 10 11 12
Odd year
A B C D E
F H
I
J
K L M
Even year
N O P R S
T U V W X Y
Z
✽ Current: This indicates the value of current when the inductance is 70 % of nominal value or when the case temperature has risen 45 °C (at 20 °C)
Part No.
Inductance (100 kHz)
RDC (at 20 °C)
Rated
Current
(mA) max.
Marking
(µH)
Tolerance
(m )Tolerance
ELLATV1R5N
1.5
±30 %
5.3
±20 %
6700
1R5
ELLATV2R2N
2.26.3
6200
2R2
ELLATV3R3N
3.38.8
5350
3R3
ELLATV4R3N
4.310
5000
4R3
ELLATV5R1N
5.1
14
4350
5R1
ELLATV6R8N
6.816
4000
6R8
ELLATV8R2N
8.2
18
3700
8R2
ELLATV100M
10.0
±20 %
23
3300
100
ELLATV120M
12.0
25
2900
120
ELLATV150M
15.0
32
2800
150
ELLATV180M
18.0
38
2500
180
ELLATV220M
22.0
45
2200
220
ELLATV270M
27.0
56
2000
270
ELLATV330M
33.0
62
1800
330
ELLATV390M
39.0
74
1600
390
ELLATV470M
47.0
94
1550
470
ELLATV560M
56.0
100
1350
560
ELLATV680M
68.0
130
1200
680
ELLATV820M
82.0
150
1100
820
ELLATV101M
100.0
180
1000
101
ELLATV121M
120.0
190
840
121
ELLATV151M
150.0
250
780
151
ELLATV181M
180.0
320
750
181
ELLATV221M
220.0
360
700
221
ELLATV271M
270.0
460
600
271
ELLATV331M
330.0
550
550
331
ELLATV391M
390.0
690
520
391
ELLATV471M
470.0
780
470
471
ELLATV561M
560.0
820
390
561
ELLATV681M
680.0
1150
370
681
ELLATV821M
820.0
1270
340
821
ELLATV102M
1000.0
1750
320
102
Feb. 2006


Similar Part No. - ELLATV3R3N

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELLATV3R3N PANASONIC-ELLATV3R3N Datasheet
79Kb / 2P
   Power Inductors / Wire Wound type Magnetic shielded structure
ELLATV3R3N PANASONIC-ELLATV3R3N Datasheet
79Kb / 2P
   Power Inductors / Wire Wound type
ELLATV3R3N PANASONIC-ELLATV3R3N Datasheet
79Kb / 2P
   Power Inductors / Wire Wound type
More results

Similar Description - ELLATV3R3N

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELL5PS100M PANASONIC-ELL5PS100M Datasheet
114Kb / 2P
   SMD Choke Coils
ELL6SH220M PANASONIC-ELL6SH220M_05 Datasheet
152Kb / 2P
   SMD Choke Coils
ELL-6PG100M PANASONIC-ELL-6PG100M Datasheet
122Kb / 2P
   SMD Choke Coils
ELL-6GM6R8N PANASONIC-ELL-6GM6R8N Datasheet
164Kb / 2P
   SMD Choke Coils
ELL6SH220M PANASONIC-ELL6SH220M Datasheet
225Kb / 2P
   SMD Choke Coils
logo
Frontier Electronics.
SCM2012FH-I FRONTIER-SCM2012FH-I_15 Datasheet
222Kb / 2P
   SMD COMMON MODE CHOKE COILS
SCM7038F FRONTIER-SCM7038F Datasheet
165Kb / 1P
   SMD COMMON MODE CHOKE COILS
logo
Panasonic Semiconductor
ELC11D2R2F PANASONIC-ELC11D2R2F Datasheet
321Kb / 4P
   Choke coils
ELL-6PG6R8N PANASONIC-ELL-6PG6R8N Datasheet
83Kb / 2P
   Choke Coils
ELC-09D101DF PANASONIC-ELC-09D101DF Datasheet
136Kb / 7P
   Choke Coils
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com