Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM335AH Datasheet(PDF) 7 Page - Texas Instruments

Part # LM335AH
Description  LM135/LM235/LM335, LM135A/LM235A/LM335A Precision Temperature Sensors
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM335AH Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM335AH Datasheet HTML 3Page - Texas Instruments LM335AH Datasheet HTML 4Page - Texas Instruments LM335AH Datasheet HTML 5Page - Texas Instruments LM335AH Datasheet HTML 6Page - Texas Instruments LM335AH Datasheet HTML 7Page - Texas Instruments LM335AH Datasheet HTML 8Page - Texas Instruments LM335AH Datasheet HTML 9Page - Texas Instruments LM335AH Datasheet HTML 10Page - Texas Instruments LM335AH Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
LM135, LM135A, LM235, LM235A, LM335, LM335A
www.ti.com
SNIS160D – MAY 1999 – REVISED MARCH 2013
Figure 18. Minimum Temperature Sensing
Figure 20. Remote Temperature Sensing
Wire length for 1°C error due to wire drop
Figure 19. Average Temperature Sensing
IR = 1 mA
IR = 0.5 mA
(1)
AWG
FEET
FEET
14
4000
8000
16
2500
5000
18
1600
3200
20
1000
2000
22
625
1250
24
400
800
(1)
For IR = 0.5 mA, the trim pot must be deleted.
Figure 21. Isolated Temperature Sensor
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM135 LM135A LM235 LM235A LM335 LM335A


Similar Part No. - LM335AH

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM335AH NSC-LM335AH Datasheet
291Kb / 14P
   Precision Temperature Sensors
LM335AH NSC-LM335AH Datasheet
867Kb / 16P
   Precision Temperature Sensors
More results

Similar Description - LM335AH

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM135 NSC-LM135_08 Datasheet
867Kb / 16P
   Precision Temperature Sensors
logo
STMicroelectronics
LM135 STMICROELECTRONICS-LM135_08 Datasheet
574Kb / 16P
   Precision temperature sensors
LM135 STMICROELECTRONICS-LM135 Datasheet
118Kb / 11P
   PRECISION TEMPERATURE SENSORS
logo
National Semiconductor ...
LM135 NSC-LM135 Datasheet
291Kb / 14P
   Precision Temperature Sensors
LM34 NSC-LM34 Datasheet
248Kb / 12P
   Precision Fahrenheit Temperature Sensors
logo
Riedon Powertron
RTDW1N1001 RIEDON-RTDW1N1001 Datasheet
255Kb / 1P
   Precision Wirewound Temperature Sensors
201907_002
logo
National Semiconductor ...
LM34C NSC-LM34C Datasheet
242Kb / 10P
   Precision Fahrenheit Temperature Sensors
LM35A NSC-LM35A Datasheet
252Kb / 12P
   Precision Centigrade Temperature Sensors
logo
Tiger Electronic Co.,Lt...
LM35 TGS-LM35 Datasheet
451Kb / 10P
   Precision Centigrade Temperature Sensors
logo
Texas Instruments
LM35 TI1-LM35_15 Datasheet
1Mb / 31P
[Old version datasheet]   Precision Centigrade Temperature Sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com