Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM335AM Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM335AM
Description  LM135/LM235/LM335, LM135A/LM235A/LM335A Precision Temperature Sensors
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM335AM Datasheet(HTML) 3 Page - Texas Instruments

  LM335AM Datasheet HTML 1Page - Texas Instruments LM335AM Datasheet HTML 2Page - Texas Instruments LM335AM Datasheet HTML 3Page - Texas Instruments LM335AM Datasheet HTML 4Page - Texas Instruments LM335AM Datasheet HTML 5Page - Texas Instruments LM335AM Datasheet HTML 6Page - Texas Instruments LM335AM Datasheet HTML 7Page - Texas Instruments LM335AM Datasheet HTML 8Page - Texas Instruments LM335AM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
LM135, LM135A, LM235, LM235A, LM335, LM335A
www.ti.com
SNIS160D – MAY 1999 – REVISED MARCH 2013
Electrical Characteristics
(1)
LM135/LM235
LM335
Parameter
Conditions
LM135A/LM235A
LM335A
Units
Min
Typ
Max
Min
Typ
Max
Operating Output Voltage
400
μA ≤ IR ≤ 5 mA
2.5
10
3
14
mV
Change with Current
At Constant Temperature
Dynamic Impedance
IR = 1 mA
0.5
0.6
Ω
Output Voltage Temperature
+10
+10
mV/°C
Coefficient
Time Constant
Still Air
80
80
sec
100 ft/Min Air
10
10
sec
Stirred Oil
1
1
sec
Time Stability
TC = 125°C
0.2
0.2
°C/khr
(1)
Accuracy measurements are made in a well-stirred oil bath. For other conditions, self heating must be considered.
Thermal Resistance
8-Pin SOIC
TO-92
TO
θJA (Junction to Ambient)
165°C/W
202°C/W
400°C/W
θJC (Junction to Case)
N/A
170°C/W
N/A
CONNECTION DIAGRAMS
Figure 1. 8-Pin SOIC
Figure 2. TO-92
Figure 3. TO
Surface Mount Package
Plastic Package
Metal Can Package (1)
Top View
Bottom View
Bottom View
Package Number M08A
Package Z03A
Package Number H03H
(1)
Case is connected to negative pin.
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM135 LM135A LM235 LM235A LM335 LM335A


Similar Part No. - LM335AM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM335AM NSC-LM335AM Datasheet
867Kb / 16P
   Precision Temperature Sensors
LM335AMX NSC-LM335AMX Datasheet
867Kb / 16P
   Precision Temperature Sensors
More results

Similar Description - LM335AM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM135 NSC-LM135_08 Datasheet
867Kb / 16P
   Precision Temperature Sensors
logo
STMicroelectronics
LM135 STMICROELECTRONICS-LM135_08 Datasheet
574Kb / 16P
   Precision temperature sensors
LM135 STMICROELECTRONICS-LM135 Datasheet
118Kb / 11P
   PRECISION TEMPERATURE SENSORS
logo
National Semiconductor ...
LM135 NSC-LM135 Datasheet
291Kb / 14P
   Precision Temperature Sensors
LM34 NSC-LM34 Datasheet
248Kb / 12P
   Precision Fahrenheit Temperature Sensors
logo
Riedon Powertron
RTDW1N1001 RIEDON-RTDW1N1001 Datasheet
255Kb / 1P
   Precision Wirewound Temperature Sensors
201907_002
logo
National Semiconductor ...
LM34C NSC-LM34C Datasheet
242Kb / 10P
   Precision Fahrenheit Temperature Sensors
LM35A NSC-LM35A Datasheet
252Kb / 12P
   Precision Centigrade Temperature Sensors
logo
Tiger Electronic Co.,Lt...
LM35 TGS-LM35 Datasheet
451Kb / 10P
   Precision Centigrade Temperature Sensors
logo
Texas Instruments
LM35 TI1-LM35_15 Datasheet
1Mb / 31P
[Old version datasheet]   Precision Centigrade Temperature Sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com