Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM321MF Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LM321MF
Description  LM321 Low Power Single Op Amp
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM321MF Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM321MF Datasheet HTML 2Page - Texas Instruments LM321MF Datasheet HTML 3Page - Texas Instruments LM321MF Datasheet HTML 4Page - Texas Instruments LM321MF Datasheet HTML 5Page - Texas Instruments LM321MF Datasheet HTML 6Page - Texas Instruments LM321MF Datasheet HTML 7Page - Texas Instruments LM321MF Datasheet HTML 8Page - Texas Instruments LM321MF Datasheet HTML 9Page - Texas Instruments LM321MF Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
LM321
SNOS935B – FEBRUARY 2001 – REVISED MARCH 2013
www.ti.com
APPLICATION HINTS
The LM321 op amp can operate with a single or dual power supply voltage, has true-differential inputs, and
remain in the linear mode with an input common-mode voltage of 0 VDC. This amplifier operates over a wide
range of power supply voltages, with little change in performance characteristics. At 25°C amplifier operation is
possible down to a minimum supply voltage of 3V.
Large differential input voltages can be easily accommodated and, as input differential voltage protection diodes
are not needed, no large input currents result from large differential input voltages. The differential input voltage
may be larger than V+ without damaging the device. Protection should be provided to prevent the input voltages
from going negative more than
−0.3 VDC (at 25°C).An input clamp diode with a resistor to the IC input terminal
can be used.
To reduce the power supply drain, the amplifier has a class A output stage for small signal levels which converts
to class B in a large signal mode. This allows the amplifiers to both source and sink large output currents.
Therefore both NPN and PNP external current boost transistors can be used to extend the power capability of
the basic amplifiers. The output voltage needs to raise approximately 1 diode drop above ground to bias the on-
chip vertical PNP transistor for output current sinking applications.
For AC applications, where the load is capacitively coupled to the output of the amplifier, a resistor should be
used, from the output of the amplifier to ground to increase the class A bias current and to reduce distortion.
Capacitive loads which are applied directly to the output of the amplifier reduce the loop stability margin. Values
of 50pF can be accommodated using the worst-case non-inverting unity gain connection. Large closed loop
gains or resistive isolation should be used if large load capacitance must be driven by the amplifier.
The bias network of the LM321 establishes a supply current which is independent of the magnitude of the power
supply voltage over the range of from 3 VDC to 30 VDC.
Output short circuits either to ground or to the positive power supply should be of short time duration. Units can
be destroyed, not as a result of the short circuit current causing metal fusing, but rather due to the large increase
in IC chip dissipation which will cause eventual failure due to excessive junction temperatures. The larger value
of output source current which is available at 25°C provides a larger output current capability at elevated
temperatures than a standard IC op amp.
The circuits presented in the section on typical applications emphasize operation on only a single power supply
voltage. If complementary power supplies are available, all of the standard op amp circuits can be used. In
general, introducing a pseudo-ground (a bias voltage reference of V+/2) will allow operation above and below this
value in single power supply systems. Many application circuits are shown which take advantage of the wide
input common-mode voltage range which includes ground. In most cases, input biasing is not required and input
voltages which range to ground can easily be accommodated.
6
Submit Documentation Feedback
Copyright © 2001–2013, Texas Instruments Incorporated
Product Folder Links: LM321


Similar Part No. - LM321MF

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM321MF NSC-LM321MF Datasheet
237Kb / 9P
   Low Power Single Op Amp
logo
Tiger Electronic Co.,Lt...
LM321MF TGS-LM321MF Datasheet
1Mb / 9P
   Low Power Single Op Amp
logo
Guangdong Youtai Semico...
LM321MF UMW-LM321MF Datasheet
2Mb / 8P
   The LM321 brings performance and economy to low power
logo
National Semiconductor ...
LM321MFX NSC-LM321MFX Datasheet
237Kb / 9P
   Low Power Single Op Amp
logo
TECH PUBLIC Electronics...
LM321MFX TECHPUBLIC-LM321MFX Datasheet
3Mb / 6P
   LOW POW ER SINGLE OPERATIONAL AMPLIFIER
More results

Similar Description - LM321MF

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LM321 UTC-LM321 Datasheet
225Kb / 7P
   LOW POWER SINGLE OP AMP
logo
AiT Semiconductor Inc.
AO321B AITSEMI-AO321B Datasheet
968Kb / 11P
   LOW POWER SINGLE OP AMP
REV1.0
logo
National Semiconductor ...
LM321 NSC-LM321 Datasheet
237Kb / 9P
   Low Power Single Op Amp
logo
Tiger Electronic Co.,Lt...
LM321MF TGS-LM321MF Datasheet
1Mb / 9P
   Low Power Single Op Amp
logo
Unisonic Technologies
LM321 UTC-LM321_17 Datasheet
227Kb / 7P
   LOW POWER SINGLE OP AMP
logo
KODENSHI_AUK CORP.
SN321 KODENSHI-SN321 Datasheet
319Kb / 7P
   Low Power Single OP-AMP
logo
SHOUDING Shouding Semic...
SD321 SHOUDING-SD321 Datasheet
1Mb / 9P
   Low Power Single Op Amp
logo
New Japan Radio
NJM320A NJRC-NJM320A Datasheet
751Kb / 11P
   Low power single channel OP-Amp
Ver.01
logo
Shanghai Consonance Ele...
CN958 CONSONANCE-CN958 Datasheet
190Kb / 7P
   Low-Power, Single-Supply Op Amp Reference
logo
AUK corp
S45S58 AUK-S45S58 Datasheet
53Kb / 3P
   Low Noise Single OP AMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com