Electronic Components Datasheet Search |
|
LM2574 Datasheet(PDF) 1 Page - Texas Instruments |
|
|
LM2574 Datasheet(HTML) 1 Page - Texas Instruments |
1 / 35 page LM2574, LM2574HV www.ti.com SNVS104C – JUNE 1999 – REVISED APRIL 2013 LM2574/LM2574HV SIMPLE SWITCHER™ 0.5A Step-Down Voltage Regulator Check for Samples: LM2574, LM2574HV 1 FEATURES DESCRIPTION The LM2574 series of regulators are monolithic 23 • 3.3V, 5V, 12V, 15V, and Adjustable Output integrated circuits that provide all the active functions Versions for a step-down (buck) switching regulator, capable of • Adjustable Version Output Voltage Range, driving a 0.5A load with excellent line and load 1.23V to 37V (57V for HV version) ±4% Max regulation. These devices are available in fixed output Over Line and Load Conditions voltages of 3.3V, 5V, 12V, 15V, and an adjustable output version. • Specified 0.5A Output Current • Wide Input Voltage Range, 40V, up to 60V for Requiring a minimum number of external HV Version components, these regulators are simple to use and include internal frequency compensation and a fixed- • Requires Only 4 External Components frequency oscillator. • 52 kHz Fixed Frequency Internal Oscillator The LM2574 series offers a high-efficiency • TTL Shutdown Capability, Low Power Standby replacement for popular three-terminal linear Mode regulators. Because of its high efficiency, the copper • High Efficiency traces on the printed circuit board are normally the only heat sinking needed. • Uses Readily Available Standard Inductors • Thermal Shutdown and Current Limit A standard series of inductors optimized for use with Protection the LM2574 are available from several different manufacturers. This feature greatly simplifies the design of switch-mode power supplies. APPLICATIONS Other features include a specified ±4% tolerance on • Simple High-Efficiency Step-Down (Buck) output voltage within specified input voltages and Regulator output load conditions, and ±10% on the oscillator • Efficient Pre-Regulator for Linear Regulators frequency. External shutdown is included, featuring • On-Card Switching Regulators 50 μA (typical) standby current. The output switch includes cycle-by-cycle current limiting, as well as • Positive to Negative Converter (Buck-Boost) thermal shutdown for full protection under fault conditions. Typical Application (Fixed Output Voltage Versions) Note: Pin numbers are for 8-pin PDIP package. Figure 1. 1 Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. 2 SIMPLE SWITCHER is a trademark of Texas Instruments. 3 All other trademarks are the property of their respective owners. PRODUCTION DATA information is current as of publication date. Copyright © 1999–2013, Texas Instruments Incorporated Products conform to specifications per the terms of the Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. |
Similar Part No. - LM2574 |
|
Similar Description - LM2574 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |