Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2735 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LM2735
Description  LM2735/LM2735-Q1 520kHz/1.6MHz ??Space-Efficient Boost and SEPIC DC-DC Regulator
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2735 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM2735 Datasheet HTML 6Page - Texas Instruments LM2735 Datasheet HTML 7Page - Texas Instruments LM2735 Datasheet HTML 8Page - Texas Instruments LM2735 Datasheet HTML 9Page - Texas Instruments LM2735 Datasheet HTML 10Page - Texas Instruments LM2735 Datasheet HTML 11Page - Texas Instruments LM2735 Datasheet HTML 12Page - Texas Instruments LM2735 Datasheet HTML 13Page - Texas Instruments LM2735 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 58 page
background image
- D
1
1
1
=
c
D
=
VOUT
VIN
¸
¹
·
¨
©
§
LM2735
SNVS485F – JUNE 2007 – REVISED APRIL 2013
www.ti.com
CURRENT LIMIT
The LM2735 uses cycle-by-cycle current limiting to protect the internal NMOS switch. It is important to note that
this current limit will not protect the output from excessive current during an output short circuit. The input supply
is connected to the output by the series connection of an inductor and a diode. If a short circuit is placed on the
output, excessive current can damage both the inductor and diode.
Design Guide
ENABLE PIN / SHUTDOWN MODE
The LM2735 has a shutdown mode that is controlled by the Enable pin (EN). When a logic low voltage is applied
to EN, the part is in shutdown mode and its quiescent current drops to typically 80 nA. Switch leakage adds up to
another 1 µA from the input supply. The voltage at this pin should never exceed VIN + 0.3V.
THERMAL SHUTDOWN
Thermal shutdown limits total power dissipation by turning off the output switch when the IC junction temperature
exceeds 160°C. After thermal shutdown occurs, the output switch doesn’t turn on until the junction temperature
drops to approximately 150°C.
SOFT-START
This function forces VOUT to increase at a controlled rate during start up. During soft-start, the error amplifier’s
reference voltage ramps to its nominal value of 1.255V in approximately 4.0ms. This forces the regulator output
to ramp up in a more linear and controlled fashion, which helps reduce inrush current.
INDUCTOR SELECTION
The Duty Cycle (D) can be approximated quickly using the ratio of output voltage (VO) to input voltage (VIN):
(1)
10
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LM2735


Similar Part No. - LM2735

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2735 NSC-LM2735 Datasheet
760Kb / 38P
   520kHz/1.6MHz - Space-Efficient Boost and SEPIC DC-DC Regulator
LM2735 NSC-LM2735 Datasheet
746Kb / 42P
   520kHz/1.6MHz - Space-Efficient Boost and SEPIC DC-DC Regulator
logo
Texas Instruments
LM2735 TI-LM2735 Datasheet
1Mb / 59P
[Old version datasheet]   LM2735-xx 520-kHz and 1.6-MHz Space-Efficient Boost and SEPIC DC-DC Regulator
LM2735-Q1 TI-LM2735-Q1 Datasheet
1Mb / 59P
[Old version datasheet]   LM2735-xx 520-kHz and 1.6-MHz Space-Efficient Boost and SEPIC DC-DC Regulator
logo
National Semiconductor ...
LM2735XMF NSC-LM2735XMF Datasheet
760Kb / 38P
   520kHz/1.6MHz - Space-Efficient Boost and SEPIC DC-DC Regulator
More results

Similar Description - LM2735

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2735 NSC-LM2735_08 Datasheet
746Kb / 42P
   520kHz/1.6MHz - Space-Efficient Boost and SEPIC DC-DC Regulator
LM2735 NSC-LM2735 Datasheet
760Kb / 38P
   520kHz/1.6MHz - Space-Efficient Boost and SEPIC DC-DC Regulator
logo
Texas Instruments
LM2735 TI-LM2735_15 Datasheet
1Mb / 59P
[Old version datasheet]   LM2735-xx 520-kHz and 1.6-MHz Space-Efficient Boost and SEPIC DC-DC Regulator
logo
Infineon Technologies A...
TLD5098EL INFINEON-TLD5098EL Datasheet
1Mb / 39P
   DC/DC Boost, Buck-Boost, SEPIC controller
Rev. 1.0, 2010-10-13
TLD5095EL INFINEON-TLD5095EL Datasheet
1Mb / 31P
   DC/DC Boost, Buck-Boost, SEPIC controller
Rev. 1.1, 2009-12-16
logo
Texas Instruments
LM3481 TI-LM3481_15 Datasheet
1Mb / 38P
[Old version datasheet]   LM3481 / -Q1 High-Efficiency Controller for Boost, SEPIC and Flyback DC-DC Converters
TPS55340-Q1 TI-TPS55340-Q1_15 Datasheet
1Mb / 36P
[Old version datasheet]   TPS55340-Q1 Integrated 5-A, Wide Input Range Boost, SEPIC, or Flyback DC-DC Regulator
TPS55330 TI-TPS55330 Datasheet
1Mb / 27P
[Old version datasheet]   Integrated 5-A 24-V Boost/SEPIC/Flyback DC-DC Regulator
TPS55330 TI-TPS55330_15 Datasheet
1Mb / 32P
[Old version datasheet]   TPS55330 Integrated 5-A, 24-V Boost/SEPIC/Flyback DC-DC Regulator
logo
Linear Technology
LT8582 LINER-LT8582 Datasheet
368Kb / 8P
   Dual 3A Boost/Inverting/SEPIC DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com