Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3404 Datasheet(PDF) 4 Page - Texas Instruments

Part # LM3404
Description  1.0A Constant Current Buck Regulator for Driving High Power LEDs
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3404 Datasheet(HTML) 4 Page - Texas Instruments

  LM3404_13 Datasheet HTML 1Page - Texas Instruments LM3404_13 Datasheet HTML 2Page - Texas Instruments LM3404_13 Datasheet HTML 3Page - Texas Instruments LM3404_13 Datasheet HTML 4Page - Texas Instruments LM3404_13 Datasheet HTML 5Page - Texas Instruments LM3404_13 Datasheet HTML 6Page - Texas Instruments LM3404_13 Datasheet HTML 7Page - Texas Instruments LM3404_13 Datasheet HTML 8Page - Texas Instruments LM3404_13 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 39 page
background image
LM3404, LM3404HV
SNVS465F – OCTOBER 2006 – REVISED MAY 2013
www.ti.com
ABSOLUTE MAXIMUM RATINGS (LM3404HV)
(1)
VALUE / UNIT
VIN to GND
–0.3 V to 76 V
BOOT to GND
–0.3 V to 90 V
SW to GND
–1.5 V to 76 V
BOOT to VCC
–0.3 V to 76 V
BOOT to SW
–0.3 V to 14 V
VCC to GND
–0.3 V to 14 V
DIM to GND
–0.3 V to 7 V
CS to GND
–0.3 V to 7 V
RON to GND
–0.3 V to 7 V
Junction Temperature
150°C
Storage Temperature Range
–65°C to 125°C
ESD Rating (2)
2 kV
Soldering Information
Lead Temperature (Soldering, 10sec)
260°C
Infrared/Convection Reflow (15sec)
235°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but specific performance is not ensured. For specifications and the test conditions, see
Electrical Characteristics.
(2)
The human body model is a 100 pF capacitor discharged through a 1.5 k
Ω resistor into each pin.
RECOMMENDED OPERATING CONDITIONS (LM3404HV)
(1)
VALUE / UNIT
VIN
6 V to 75 V
Junction Temperature Range
–40°C to +125°C
Thermal Resistance
θJA (SOIC-8 Package)
155°C/W
Thermal Resistance
θJA (So PowerPAD-8 Package)
(2)
50°C/W
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but specific performance is not ensured. For specifications and the test conditions, see
Electrical Characteristics.
(2)
θJA of 50°C/W with DAP soldered to a minimum of 2 square inches of 1oz. copper on the top or bottom PCB layer.
4
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LM3404 LM3404HV


Similar Part No. - LM3404_13

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3404 NSC-LM3404_1 Datasheet
417Kb / 6P
   Thermal Performance of the LM3404/04HV in SO-8 and PSOP-8 Packages
logo
Texas Instruments
LM3404 TI1-LM3404_14 Datasheet
1Mb / 39P
[Old version datasheet]   1.0A Constant Current Buck Regulator for Driving High Power LEDs
More results

Similar Description - LM3404_13

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCL30160 ONSEMI-NCL30160 Datasheet
222Kb / 10P
   1.0A Constant-Current Buck Regulator for Driving High Power LEDs
January, 2012 ??Rev. 1
logo
Texas Instruments
LM3404 TI1-LM3404_14 Datasheet
1Mb / 39P
[Old version datasheet]   1.0A Constant Current Buck Regulator for Driving High Power LEDs
logo
National Semiconductor ...
LM3404 NSC-LM3404 Datasheet
645Kb / 28P
   1.0A Constant Current Buck Regulator for Driving High Power LEDs
LM3404 NSC-LM3404_07 Datasheet
547Kb / 24P
   1.0A Constant Current Buck Regulator for Driving High Power LEDs
logo
Texas Instruments
LM3404 TI1-LM3404 Datasheet
574Kb / 30P
[Old version datasheet]   LM3404/04HV 1.0A Constant Current Buck Regulator for Driving High Power LEDs
logo
ON Semiconductor
NCL30161 ONSEMI-NCL30161 Datasheet
126Kb / 8P
   Constant-Current Buck Regulator for Driving High Power LEDs
May, 2013 ??Rev. 0
NCV30161 ONSEMI-NCV30161 Datasheet
252Kb / 10P
   Constant-Current Buck Regulator for Driving High Power LEDs
June, 2019 ??Rev. 1
logo
Texas Instruments
LM3406 TI1-LM3406_15 Datasheet
1Mb / 38P
[Old version datasheet]   Constant Current, Buck Regulator for Driving High Power LEDs
logo
National Semiconductor ...
LM3402 NSC-LM3402_08 Datasheet
560Kb / 24P
   0.5A Constant Current Buck Regulator for Driving High Power LEDs
logo
Texas Instruments
LM3402 TI1-LM3402_14 Datasheet
1Mb / 36P
[Old version datasheet]   0.5A Constant Current Buck Regulator for Driving High Power LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com