Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2574HVN-12 Datasheet(PDF) 6 Page - Texas Instruments

Part # LM2574HVN-12
Description  LM2574/LM2574HV SIMPLE SWITCHER??0.5A Step-Down Voltage Regulator
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2574HVN-12 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM2574HVN-12 Datasheet HTML 2Page - Texas Instruments LM2574HVN-12 Datasheet HTML 3Page - Texas Instruments LM2574HVN-12 Datasheet HTML 4Page - Texas Instruments LM2574HVN-12 Datasheet HTML 5Page - Texas Instruments LM2574HVN-12 Datasheet HTML 6Page - Texas Instruments LM2574HVN-12 Datasheet HTML 7Page - Texas Instruments LM2574HVN-12 Datasheet HTML 8Page - Texas Instruments LM2574HVN-12 Datasheet HTML 9Page - Texas Instruments LM2574HVN-12 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
LM2574, LM2574HV
SNVS104C – JUNE 1999 – REVISED APRIL 2013
www.ti.com
All Output Voltage Versions Electrical Characteristics
Specifications with standard type face are for TJ = 25°C, and those with boldface type apply over full Operating
Temperature Range. Unless otherwise specified, VIN = 12V for the 3.3V, 5V, and Adjustable version, VIN = 25V for the 12V
version, and VIN = 30V for the 15V version. ILOAD = 100 mA.
Symbol
Parameter
Conditions
LM2574-XX
Units
LM2574HV-XX
(Limits)
Typ
Limit (1)
DEVICE PARAMETERS
Ib
Feedback Bias
Adjustable Version Only, VOUT = 5V
50
100/500
nA
Current
fO
Oscillator Frequency
See (2)
52
kHz
47/42
kHz(Min)
58/63
kHz(Max)
VSAT
Saturation Voltage
IOUT = 0.5A
(3)
0.9
V
1.2/1.4
V(max)
DC
Max Duty Cycle (ON)
See (4)
98
%
93
%(Min)
ICL
Current Limit
Peak Current (3)(2)
1.0
A
0.7/0.65
A(Min)
1.6/1.8
A(Max)
IL
Current
Output = 0V
2
mA(Max)
Output Leakage
Output =
−1V
7.5
mA
Output =
−1V (5) (6)
30
mA(Max)
IQ
Quiescent Current
See (5)
5
mA
10
mA(Max)
ISTBY
Standby Quiescent
ON /OFF Pin= 5V (OFF)
50
μA
Current
200
μA(Max)
θJA
Thermal Resistance
P Package, Junction to Ambient (7)
92
θJA
P Package, Junction to Ambient (8)
72
°C/W
θJA
NPA Package, Junction to Ambient (7)
10
θJA
NPA Package, Junction to Ambient (8)
2 78
ON /OFF CONTROL Test Circuit Figure 24
VIH
ON /OFF Pin Logic
VOUT = 0V
1.4
2.2/2.4
V(Min)
Input Level
VIL
VOUT = Nominal Output Voltage
1.2
1.0/0.8
V(Max)
IH
ON /OFF Pin Input
ON /OFF Pin = 5V (OFF)
12
μA
Current
30
μA(Max)
IIL
ON /OFF Pin = 0V (ON)
0
μA
10
μA(Max)
(1)
All limits specified at room temperature (Standard type face) and at temperature extremes (bold type face). All room temperature limits
are 100% production tested. All limits at temperature extremes are specified via correlation using standard Statistical Quality Control
(SQC) methods. All limits are used to calculate Average Outgoing Quality Level.
(2)
The oscillator frequency reduces to approximately 18 kHz in the event of an output short or an overload which causes the regulated
output voltage to drop approximately 40% from the nominal output voltage. This self protection feature lowers the average power
dissipation of the IC by lowering the minimum duty cycle from 5% down to approximately 2%.Figure 9
(3)
Output pin sourcing current. No diode, inductor or capacitor connected to output pin.
(4)
Feedback pin removed from output and connected to 0V.
(5)
Feedback pin removed from output and connected to +12V for the Adjustable, 3.3V, and 5V versions, and +25V for the 12V and 15V
versions, to force the output transistor OFF.
(6)
VIN = 40V (60V for high voltage version).
(7)
Junction to ambient thermal resistance with approximately 1 square inch of printed circuit board copper surrounding the leads. Additional
copper area will lower thermal resistance further. See Application Hints in this data sheet and the thermal model in Switchers Made
Simple software.
(8)
Junction to ambient thermal resistance with approximately 4 square inches of 1 oz. (0.0014 in. thick) printed circuit board copper
surrounding the leads. Additional copper area will lower thermal resistance further (See Note 7)
6
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LM2574 LM2574HV


Similar Part No. - LM2574HVN-12

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2574HVN-12 NSC-LM2574HVN-12 Datasheet
639Kb / 24P
   SIMPLE SWITCHER??0.5A Step-Down Voltage Regulator
logo
Texas Instruments
LM2574HVN-12/NOPB TI1-LM2574HVN-12/NOPB Datasheet
3Mb / 38P
[Old version datasheet]   SIMPLE SWITCHER 0.5A Step-Down Voltage Regulator
More results

Similar Description - LM2574HVN-12

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2574 TI-LM2574_15 Datasheet
2Mb / 34P
[Old version datasheet]   LM2574/LM2574HV SIMPLE SWITCHER??0.5A Step-Down Voltage Regulator
LM2574 TI1-LM2574_16 Datasheet
3Mb / 38P
[Old version datasheet]   SIMPLE SWITCHER 0.5A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM2574 NSC-LM2574 Datasheet
639Kb / 24P
   SIMPLE SWITCHER??0.5A Step-Down Voltage Regulator
LM5574 NSC-LM5574_09 Datasheet
446Kb / 22P
   SIMPLE SWITCHER 75V, 0.5A Step-Down Switching Regulator
logo
Texas Instruments
LM25574 TI1-LM25574_17 Datasheet
970Kb / 30P
[Old version datasheet]   SIMPLE SWITCHER 42V, 0.5A Step-Down Switching Regulator
LM5574 TI1-LM5574_17 Datasheet
964Kb / 29P
[Old version datasheet]   SIMPLE SWITCHER 75V, 0.5A Step-Down Switching Regulator
LM25574 TI1-LM25574_16 Datasheet
973Kb / 30P
[Old version datasheet]   SIMPLE SWITCHER 42V, 0.5A Step-Down Switching Regulator
logo
National Semiconductor ...
LM2594 NSC-LM2594 Datasheet
740Kb / 28P
   SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator
logo
SeCoS Halbleitertechnol...
S5ELM2576 SECOS-S5ELM2576 Datasheet
967Kb / 8P
   Simple Switcher 3A Step-Down Voltage Regulator
logo
Cystech Electonics Corp...
PL2576-XXXF5 CYSTEKEC-PL2576-XXXF5 Datasheet
223Kb / 10P
   Simple Switcher 3A Step- Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com