Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2576T-12 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LM2576T-12
Description  LM2576/LM2576HV Series SIMPLE SWITCHER짰 3A Step-Down Voltage Regulator
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2576T-12 Datasheet(HTML) 4 Page - Texas Instruments

  LM2576T-12 Datasheet HTML 1Page - Texas Instruments LM2576T-12 Datasheet HTML 2Page - Texas Instruments LM2576T-12 Datasheet HTML 3Page - Texas Instruments LM2576T-12 Datasheet HTML 4Page - Texas Instruments LM2576T-12 Datasheet HTML 5Page - Texas Instruments LM2576T-12 Datasheet HTML 6Page - Texas Instruments LM2576T-12 Datasheet HTML 7Page - Texas Instruments LM2576T-12 Datasheet HTML 8Page - Texas Instruments LM2576T-12 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
LM2576, LM2576HV
SNVS107C – JUNE 1999 – REVISED APRIL 2013
www.ti.com
ELECTRICAL CHARACTERISTICS LM2576-5.0, LM2576HV-5.0
Specifications with standard type face are for TJ = 25°C, and those with Figure 21 and Figure 22 boldface type apply over
full Operating Temperature Range.
LM2576-5.0
Units
LM2576HV-5.0
Symbol
Parameter
Conditions
(Limits)
Typ
Limit (1)
SYSTEM PARAMETERS Figure 21 and Figure 22(2)
VOUT
Output Voltage
VIN = 12V, ILOAD = 0.5A
5.0
V
Circuit of Figure 21 and Figure 22
4.900
V(Min)
5.100
V(Max)
VOUT
Output Voltage
0.5A
≤ ILOAD ≤ 3A,
5.0
V
LM2576
8V
≤ VIN ≤ 40V
4.800/4.750
V(Min)
Circuit of Figure 21 and Figure 22
5.200/5.250
V(Max)
VOUT
Output Voltage
0.5A
≤ ILOAD ≤ 3A,
5.0
V
LM2576HV
8V
≤ VIN ≤ 60V
4.800/4.750
V(Min)
Circuit of Figure 21 and Figure 22
5.225/5.275
V(Max)
η
Efficiency
VIN = 12V, ILOAD = 3A
77
%
(1)
All limits specified at room temperature (standard type face) and at temperature extremes (bold type face). All room temperature limits
are 100% production tested. All limits at temperature extremes are specified via correlation using standard Statistical Quality Control
(SQC) methods.
(2)
External components such as the catch diode, inductor, input and output capacitors can affect switching regulator system performance.
When the LM2576/LM2576HV is used as shown in Figure 21 and Figure 22, system performance will be as shown in ELECTRICAL
CHARACTERISTICS ALL OUTPUT VOLTAGE VERSIONS.
ELECTRICAL CHARACTERISTICS LM2576-12, LM2576HV-12
Specifications with standard type face are for TJ = 25°C, and those with boldface type apply over full Operating Temperature
Range.
LM2576-12
Units
LM2576HV-12
Symbol
Parameter
Conditions
(Limits)
Typ
Limit (1)
SYSTEM PARAMETERS Test Circuit Figure 21 and Figure 22(2)
VOUT
Output Voltage
VIN = 25V, ILOAD = 0.5A
12
V
Circuit of Figure 21 and Figure 22
V(Min)
11.76
12.24
V(Max)
VOUT
Output Voltage
0.5A
≤ ILOAD ≤ 3A,
12
V
LM2576
15V
≤ VIN ≤ 40V
V(Min)
11.52/11.40
Circuit of Figure 21 and Figure 22 and
12.48/12.60
V(Max)
VOUT
Output Voltage
0.5A
≤ ILOAD ≤ 3A,
12
V
LM2576HV
15V
≤ VIN ≤ 60V
V(Min)
11.52/11.40
Circuit of Figure 21 and Figure 22
12.54/12.66
V(Max)
η
Efficiency
VIN = 15V, ILOAD = 3A
88
%
(1)
All limits specified at room temperature (standard type face) and at temperature extremes (bold type face). All room temperature limits
are 100% production tested. All limits at temperature extremes are specified via correlation using standard Statistical Quality Control
(SQC) methods.
(2)
External components such as the catch diode, inductor, input and output capacitors can affect switching regulator system performance.
When the LM2576/LM2576HV is used as shown in Figure 21 and Figure 22, system performance will be as shown in ELECTRICAL
CHARACTERISTICS ALL OUTPUT VOLTAGE VERSIONS.
4
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LM2576 LM2576HV


Similar Part No. - LM2576T-12

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2576T-12 NSC-LM2576T-12 Datasheet
490Kb / 11P
   Simple Switcher??3 Amp Step-Down Voltage Regulator
logo
Texas Instruments
LM2576T-12 TI-LM2576T-12 Datasheet
4Mb / 46P
[Old version datasheet]   LM2576xx Series SIMPLE SWITCHER® Power Converter 3-A Step-Down Voltage Regulator
REVISED MARCH 2023
logo
National Semiconductor ...
LM2576T-12 NSC-LM2576T-12 Datasheet
639Kb / 24P
   SIMPLE SWITCHER 3A Step-Down Voltage Regulator
logo
ON Semiconductor
LM2576T-12 ONSEMI-LM2576T-12 Datasheet
417Kb / 26P
   EASY SWITCHER 3.0 A STEP.DOWN VOLTAGE REGULATOR
June, 2004 ??Rev. 5
logo
Semtech Corporation
LM2576T-12 SEMTECH-LM2576T-12 Datasheet
441Kb / 19P
   1A & 3A Miniconverter Switching Regulators
More results

Similar Description - LM2576T-12

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2576S-12 TI1-LM2576S-12 Datasheet
3Mb / 37P
[Old version datasheet]   LM2576/LM2576HV Series SIMPLE SWITCHER짰 3A Step-Down Voltage Regulator
LM2576 TI-LM2576_15 Datasheet
3Mb / 37P
[Old version datasheet]   LM2576/LM2576HV Series SIMPLE SWITCHER짰 3A Step-Down Voltage Regulator
LM2576T-ADJ TI1-LM2576T-ADJ Datasheet
3Mb / 37P
[Old version datasheet]   LM2576/LM2576HV Series SIMPLE SWITCHER짰 3A Step-Down Voltage Regulator
LM2576S-5.0-NOPB TI1-LM2576S-5.0-NOPB Datasheet
3Mb / 37P
[Old version datasheet]   SIMPLE SWITCHER짰 3A Step-Down Voltage Regulator
LM5576 TI1-LM5576_13 Datasheet
1Mb / 30P
[Old version datasheet]   SIMPLE SWITCHER짰 75V, 3A Step-Down Switching Regulator
logo
National Semiconductor ...
LM25576_0703 NSC-LM25576_0703 Datasheet
434Kb / 24P
   SIMPLE SWITCHER짰 42V, 3A Step-Down Switching Regulator
logo
Texas Instruments
LM2676SX-ADJ TI-LM2676SX-ADJ Datasheet
1Mb / 35P
[Old version datasheet]   LM2676 SIMPLE SWITCHER짰 High Efficiency 3A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM1575 NSC-LM1575_07 Datasheet
848Kb / 28P
   SIMPLE SWITCHER짰 1A Step-Down Voltage Regulator
logo
Texas Instruments
LM5576Q0 TI1-LM5576Q0 Datasheet
972Kb / 27P
[Old version datasheet]   LM5576Q0 SIMPLE SWITCHER짰 75V, 3A Step-Down Switching Regulator
LM2575T-5.0 TI1-LM2575T-5.0 Datasheet
5Mb / 44P
[Old version datasheet]   SIMPLE SWITCHER짰 1A Step-Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com