Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2901NSRE4 Datasheet(PDF) 4 Page - Texas Instruments

Part # LM2901NSRE4
Description  QUAD DIFFERENTIAL COMPARATORS
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2901NSRE4 Datasheet(HTML) 4 Page - Texas Instruments

  LM2901NSRE4 Datasheet HTML 1Page - Texas Instruments LM2901NSRE4 Datasheet HTML 2Page - Texas Instruments LM2901NSRE4 Datasheet HTML 3Page - Texas Instruments LM2901NSRE4 Datasheet HTML 4Page - Texas Instruments LM2901NSRE4 Datasheet HTML 5Page - Texas Instruments LM2901NSRE4 Datasheet HTML 6Page - Texas Instruments LM2901NSRE4 Datasheet HTML 7Page - Texas Instruments LM2901NSRE4 Datasheet HTML 8Page - Texas Instruments LM2901NSRE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
LM139, LM239, LM339
LM139A, LM239A, LM339A
LM2901, LM2901AV, LM2901V
SLCS006S – OCTOBER 1979 – REVISED AUGUST 2012
www.ti.com
ABSOLUTE MAXIMUM RATINGS
(1)
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCC
Supply voltage(2)
36
V
VID
Differential input voltage(3)
±36
V
VI
Input voltage range (either input)
–0.3
36
V
VO
Output voltage
36
V
IO
Output current
20
mA
Duration of output short circuit to ground(4)
Unlimited
D package
86
DB package
96
θJA
Package thermal impedance, junction to free air(5) (6)
N package
80
°C/W
NS package
76
PW package
113
FK package
5.61
θJC
Package thermal impedance, junction to case(7) (8)
J package
15.05
°C/W
W package
14.65
TJ
Operating virtual-junction temperature
150
°C
Case temperature for 60 s
FK package
260
°C
Lead temperature 1,6 mm (1/16 in) from case for 60 s
J package
300
°C
Tstg
Storage temperature range
–65
150
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values, except differential voltages, are with respect to network ground.
(3)
Differential voltages are at IN+ with respect to IN–.
(4)
Short circuits from outputs to VCC can cause excessive heating and eventual destruction.
(5)
Maximum power dissipation is a function of TJ (max), θJA, and TA. The maximum allowable power dissipation at any allowable ambient
temperature is PD = (TJ (max) – TA)/θJA. Operating at the absolute maximum TJ of 150°C can affect reliability.
(6)
The package thermal impedance is calculated in accordance with JESD 51-7.
(7)
Maximum power dissipation is a function of TJ (max), θJC, and TC. The maximum allowable power dissipation at any allowable case
temperature is PD = (TJ (max) – TC)/θJC. Operating at the absolute maximum TJ of 150°C can affect reliability.
(8)
The package thermal impedance is calculated in accordance with MIL-STD-883.
4
Submit Documentation Feedback
Copyright © 1979–2012, Texas Instruments Incorporated
Product Folder Links: LM139 LM239 LM339 LM139A LM239A LM339A LM2901 LM2901AV LM2901V


Similar Part No. - LM2901NSRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2901NSRE4 TI-LM2901NSRE4 Datasheet
587Kb / 23P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM2901NSRE4 TI-LM2901NSRE4 Datasheet
743Kb / 25P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM2901NSRE4 TI-LM2901NSRE4 Datasheet
1Mb / 33P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
More results

Similar Description - LM2901NSRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM139 TI-LM139_06 Datasheet
587Kb / 23P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM139-MIL TI1-LM139-MIL Datasheet
478Kb / 19P
[Old version datasheet]   Quad Differential Comparators
LM139 TI1-LM139_14 Datasheet
1Mb / 34P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
OPA843IDBVRG4 TI1-OPA843IDBVRG4 Datasheet
1Mb / 34P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM139 TI-LM139 Datasheet
518Kb / 19P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
logo
Estek Electronics Co. L...
ET-LM339 ESTEK-ET-LM339 Datasheet
277Kb / 6P
   Quad Differential Comparators
logo
Texas Instruments
LM2901ID TI-LM2901ID Datasheet
1Mb / 33P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM139 TI-LM139_07 Datasheet
743Kb / 25P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM139 TI1-LM139_15 Datasheet
1Mb / 37P
[Old version datasheet]   Quad Differential Comparators
LM111 TI1-LM111_15 Datasheet
2Mb / 38P
[Old version datasheet]   Quad Differential Comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com