Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC34152DR2G Datasheet(PDF) 7 Page - ON Semiconductor

Part # MC34152DR2G
Description  High Speed Dual MOSFET Drivers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC34152DR2G Datasheet(HTML) 7 Page - ON Semiconductor

Back Button MC34152DR2G Datasheet HTML 3Page - ON Semiconductor MC34152DR2G Datasheet HTML 4Page - ON Semiconductor MC34152DR2G Datasheet HTML 5Page - ON Semiconductor MC34152DR2G Datasheet HTML 6Page - ON Semiconductor MC34152DR2G Datasheet HTML 7Page - ON Semiconductor MC34152DR2G Datasheet HTML 8Page - ON Semiconductor MC34152DR2G Datasheet HTML 9Page - ON Semiconductor MC34152DR2G Datasheet HTML 10Page - ON Semiconductor MC34152DR2G Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
MC34152, MC33152, NCV33152
http://onsemi.com
7
the NPN pullup during the negative output transient, power
dissipation at high frequencies can become excessive.
Figures 19, 20, and 21 show a method of using external
Schottky diode clamps to reduce driver power dissipation.
Undervoltage Lockout
An undervoltage lockout with hysteresis prevents erratic
system operation at low supply voltages. The UVLO forces
the Drive Outputs into a low state as VCC rises from 1.4 V
to the 5.8 V upper threshold. The lower UVLO threshold
is 5.3 V, yielding about 500 mV of hysteresis.
Power Dissipation
Circuit performance and long term reliability are
enhanced with reduced die temperature. Die temperature
increase is directly related to the power that the integrated
circuit must dissipate and the total thermal resistance from
the junction to ambient. The formula for calculating the
junction temperature with the package in free air is:
TA + PD (RqJA)
where:
TJ =
Junction Temperature
Ambient Temperature
Power Dissipation
Thermal Resistance Junction to Ambient
TJ =
TA =
PD =
RqJA =
There are three basic components that make up total
power to be dissipated when driving a capacitive load with
respect to ground. They are:
PQ + PC + PT
where:
PD =
PQ =
PC =
PT =
Quiescent Power Dissipation
Capacitive Load Power Dissipation
Transition Power Dissipation
The quiescent power supply current depends on the
supply voltage and duty cycle as shown in Figure 16. The
device’s quiescent power dissipation is:
where:
PQ =
ICCL =
ICCH =
D=
Supply Current with Low State Drive
Outputs
VCC (ICCL [1−D] + ICCH [D])
Supply Current with High State Drive
Outputs
Output Duty Cycle
The capacitive load power dissipation is directly related
to the load capacitance value, frequency, and Drive Output
voltage swing. The capacitive load power dissipation per
driver is:
VCC (VOH − VOL) CL f
where:
PC =
VOH =
VOL =
CL =
f=
High State Drive Output Voltage
Low State Drive Output Voltage
Load Capacitance
Frequency
When driving a MOSFET, the calculation of capacitive
load power PC is somewhat complicated by the changing
gate to source capacitance CGS as the device switches. To
aid in this calculation, power MOSFET manufacturers
provide gate charge information on their data sheets.
Figure 17 shows a curve of gate voltage versus gate charge
for the ON Semiconductor MTM15N50. Note that there are
three distinct slopes to the curve representing different
input capacitance values. To completely switch the
MOSFET ‘on,’ the gate must be brought to 10 V with
respect to the source. The graph shows that a gate charge
Qg of 110 nC is required when operating the MOSFET with
a drain to source voltage VDS of 400 V.
Figure 17. Gate−to−Source Voltage
versus Gate charge
16
12
8.0
4.0
0
0
40
80
120
160
Qg, GATE CHARGE (nC)
2.0nF
MTM15B50
ID = 15 A
TA = 25°C
VDS =100V
VDS =400V
CGS =
D Qg
D VGS
8.9nF
The capacitive load power dissipation is directly related to
the required gate charge, and operating frequency. The
capacitive load power dissipation per driver is:
PC(MOSFET) = VCC Qg f
The flat region from 10 nC to 55 nC is caused by the
drain−to−gate Miller capacitance, occurring while the
MOSFET is in the linear region dissipating substantial
amounts of power. The high output current capability of the
MC34152 is able to quickly deliver the required gate
charge for fast power efficient MOSFET switching. By
operating the MC34152 at a higher VCC, additional charge
can be provided to bring the gate above 10 V. This will
reduce the ‘on’ resistance of the MOSFET at the expense
of higher driver dissipation at a given operating frequency.
The transition power dissipation is due to extremely
short simultaneous conduction of internal circuit nodes
when the Drive Outputs change state. The transition power
dissipation per driver is approximately:
PT ≈ VCC (1.08 VCC CL f − 8 x 10−4)
PT must be greater than zero.
Switching time characterization of the MC34152 is
performed with fixed capacitive loads. Figure 13 shows
that for small capacitance loads, the switching speed is
limited by transistor turn−on/off time and the slew rate of
the internal nodes. For large capacitance loads, the
switching speed is limited by the maximum output current
capability of the integrated circuit.


Similar Part No. - MC34152DR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC34152DR2G ONSEMI-MC34152DR2G Datasheet
151Kb / 12P
   HIGH SPEED DUAL MOSFET DRIVERS
October, 2004 ??Rev. 7
MC34152DR2G ONSEMI-MC34152DR2G Datasheet
176Kb / 12P
   High Speed Dual MOSFET Drivers
September, 2014??Rev. 14
More results

Similar Description - MC34152DR2G

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2811 TI-TPS2811 Datasheet
663Kb / 31P
[Old version datasheet]   DUAL HIGH-SPEED MOSFET DRIVERS
logo
ON Semiconductor
MC34152 ONSEMI-MC34152 Datasheet
151Kb / 12P
   HIGH SPEED DUAL MOSFET DRIVERS
October, 2004 ??Rev. 7
MC34152 ONSEMI-MC34152_14 Datasheet
176Kb / 12P
   High Speed Dual MOSFET Drivers
September, 2014??Rev. 14
logo
Texas Instruments
TPS2811 TI1-TPS2811_15 Datasheet
1Mb / 40P
[Old version datasheet]   DUAL HIGH-SPEED MOSFET DRIVERS
logo
ON Semiconductor
MC34151 ONSEMI-MC34151_04 Datasheet
177Kb / 12P
   High Speed Dual MOSFET Drivers
July, 2004 ??Rev. 4
MC34151 ONSEMI-MC34151_13 Datasheet
252Kb / 12P
   High Speed Dual MOSFET Drivers
August, 2013 ??Rev. 9
MC34151 ONSEMI-MC34151 Datasheet
284Kb / 12P
   High Speed Dual MOSFET Drivers
April, 2000 ??Rev. 1
NCP4423 ONSEMI-NCP4423 Datasheet
90Kb / 12P
   3A Dual High-Speed MOSFET Drivers
October, 2000 ??Rev. 1
logo
Maxim Integrated Produc...
MAX4426 MAXIM-MAX4426_14 Datasheet
866Kb / 7P
   Dual High-Speed 1.5A MOSFET Drivers
Rev 2; 6/06
logo
Linear Technology
LTC1693 LINER-LTC1693 Datasheet
213Kb / 20P
   High Speed Single/Dual MOSFET Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com