Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA4243 Datasheet(PDF) 7 Page - Texas Instruments

Part # OPA4243
Description  Quad OPERATIONAL AMPLIFIER MicroPOWER, Single-Supply
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA4243 Datasheet(HTML) 7 Page - Texas Instruments

Back Button OPA4243_13 Datasheet HTML 3Page - Texas Instruments OPA4243_13 Datasheet HTML 4Page - Texas Instruments OPA4243_13 Datasheet HTML 5Page - Texas Instruments OPA4243_13 Datasheet HTML 6Page - Texas Instruments OPA4243_13 Datasheet HTML 7Page - Texas Instruments OPA4243_13 Datasheet HTML 8Page - Texas Instruments OPA4243_13 Datasheet HTML 9Page - Texas Instruments OPA4243_13 Datasheet HTML 10Page - Texas Instruments OPA4243_13 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
®
OPA4243
TYPICAL PERFORMANCE CURVES (Cont.)
At TA = + 25°C, RL = 20kΩ connected to ground, unless otherwise noted.
LARGE-SIGNAL STEP RESPONSE
(V
S = ± 7.5, G = +1, RL = 20kΩ, CL = 100pF)
50
µs/div
SMALL-SIGNAL STEP RESPONSE
(V
S = ±7.5V, G = +1, RL = 20kΩ, CL = 100pF)
10
µs/div
APPLICATION INFORMATION
The OPA4243 is unity-gain stable and suitable for a wide
range of general-purpose applications. The power supply
pins should be bypassed with 0.01
µF ceramic capacitors.
OPERATING VOLTAGE
The OPA4243 can operate from single supply (2.2V to 36V)
or dual supplies (
±1.1V to ±18V) with excellent perfor-
mance. Unlike most op amps which are specified at only one
supply voltage, the OPA4243 is specified for real world
applications; a single set of specifications applies through-
out the 2.6V to 36V supply range. This allows the designer
to have the same assured performance at any supply voltage
within this range.
In addition, many key parameters are guaranteed over the
specified temperature range, –40
°C to +85°C. Most behav-
iors remain unchanged throughout the full operating voltage
range. Parameters, which vary significantly with operating
voltage or temperature, are shown in the typical perfor-
mance curves.
PRINTED CIRCUIT BOARD LAYOUT
See Burr-Brown Application Note AB-132 for specific PC
board layout recommendations.
INPUT PROTECTION
Rail-to-rail input signals will not cause damage or invert the
output of the OPA4243. To protect against ESD and exces-
sive input voltage (beyond the supply rails) the OPA4243
includes diodes from the input terminals to the power supply
rails. Normally, these diodes are reversed biased and have
negligible effect on circuit operation. However, if the input
voltage is allowed to exceed the supply voltages by enough
to forward bias these diodes (generally, 0.3V to 0.6V)
excessive input current could flow. If this condition could
occur (for example, if an input signal is applied when the op
amp supply voltage is zero), care should be taken to limit the
input current to less than 10mA to avoid damage. An input
signal beyond the supplies, with power applied, can cause an
unexpected output inversion.


Similar Part No. - OPA4243_13

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA4243EA BURR-BROWN-OPA4243EA Datasheet
97Kb / 7P
   Quad OPERATIONAL AMPLIFIER MicroPOWER, Single-Supply
More results

Similar Description - OPA4243_13

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA4243 BURR-BROWN-OPA4243 Datasheet
97Kb / 7P
   Quad OPERATIONAL AMPLIFIER MicroPOWER, Single-Supply
logo
General Electric Compan...
CA3401 GEC-CA3401 Datasheet
342Kb / 4P
   Quad Single-Supply Operational Amplifier
logo
Analog Devices
OP777 AD-OP777 Datasheet
162Kb / 12P
   Precision Micropower Single Supply Operational Amplifier
REV. 0
logo
New Japan Radio
NJM2902 NJRC-NJM2902 Datasheet
255Kb / 7P
   QUAD SINGLE-SUPPLY OPERATIONAL AMPLIFIER
NJM324 NJRC-NJM324 Datasheet
239Kb / 6P
   SINGLE-SUPPLY QUAD OPERATIONAL AMPLIFIER
NJM3403A NJRC-NJM3403A Datasheet
213Kb / 6P
   SINGLE-SUPPLY QUAD OPERATIONAL AMPLIFIER?
NJM2902M-TE1 NJRC-NJM2902M-TE1 Datasheet
310Kb / 6P
   QUAD SINGLE-SUPPLY OPERATIONAL AMPLIFIER
NJM2902C NJRC-NJM2902C Datasheet
497Kb / 8P
   QUAD SINGLE-SUPPLY OPERATIONAL AMPLIFIER
Ver.09
logo
National Semiconductor ...
LP2902 NSC-LP2902 Datasheet
323Kb / 10P
   Micropower Quad Operational Amplifier
LP324 NSC-LP324 Datasheet
364Kb / 11P
   Micropower Quad Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com