Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P82B715P Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # P82B715P
Description  I2C BUS EXTENDER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

P82B715P Datasheet(HTML) 1 Page - Texas Instruments

  P82B715P Datasheet HTML 1Page - Texas Instruments P82B715P Datasheet HTML 2Page - Texas Instruments P82B715P Datasheet HTML 3Page - Texas Instruments P82B715P Datasheet HTML 4Page - Texas Instruments P82B715P Datasheet HTML 5Page - Texas Instruments P82B715P Datasheet HTML 6Page - Texas Instruments P82B715P Datasheet HTML 7Page - Texas Instruments P82B715P Datasheet HTML 8Page - Texas Instruments P82B715P Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1
FEATURES
1
8
NC
V
CC
2
7
Lx
Ly
3
6
Sx
Sy
4
5
GND
NC
DPACKAGE
(TOP VIEW)
1
8
NC
V
CC
2
7
Lx
Ly
3
6
Sx
Sy
4
5
GND
NC
P PACKAGE
(TOP VIEW)
NC – Nointernalconnection
DESCRIPTION/ORDERING INFORMATION
P82B715
I2C BUS EXTENDER
SCPS145A – DECEMBER 2007 – REVISED FEBRUARY 2008
www.ti.com
• Operating Power-Supply Voltage Range of
• Multi-Drop Distribution of I2C Signals Using
3 V to 12 V
Low-Cost Twisted-Pair Cables
• Supports Bidirectional Data Transfer of I2C
• I2C Bus Operation Over 50 Meters of
Bus Signals
Twisted-Pair Wire
• Allows Bus Capacitance of 400 pF on Main I2C
• Latch-up Performance Exceeds 100 mA Per
Bus (Sx/Sy Side) and 3000 pF on Transmission
JESD 78, Class II
Side (Lx/Ly Side)
• ESD Protection Exceeds JESD 22
• Dual Bidirectional Unity-Voltage-Gain Buffer
2500-V Human-Body Model (A114-A)
With No External Directional Control Required
400-V Machine Model (A115-A)
• Drives 10× Lower-Impedance Bus Wiring for
1000-V Charged-Device Model (C101)
Improved Noise Immunity
The P82B715 is a bipolar device intended for I2C bus systems applications and supports bidirectional data
transfer via the I2C bus. The P82B715 buffers both the serial data (SDA) and serial clock (SCL) signals on the
I2C bus and allows for extension of the I2C bus, while retaining all the operating modes and features of the I2C
system.
ORDERING INFORMATION
TA
PACKAGE(1)(2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
PDIP – P
Tube of 50
P82B715P
P82B715P
–40
°C to 85°C
Tube of 75
P82B715D
SOIC – D
PG715
Reel of 2500
P82B715DR
(1)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
(2)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007–2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - P82B715P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
P82B715P TI1-P82B715P Datasheet
896Kb / 22P
[Old version datasheet]   I2C Bus Extender
P82B715PE4 TI1-P82B715PE4 Datasheet
896Kb / 22P
[Old version datasheet]   I2C Bus Extender
logo
NXP Semiconductors
P82B715PN PHILIPS-P82B715PN Datasheet
96Kb / 10P
   I2C bus extender
1998 Jan 09
P82B715PN NXP-P82B715PN Datasheet
155Kb / 23P
   I2C-bus extender
Rev. 08-9 November 2009
P82B715PN NXP-P82B715PN Datasheet
155Kb / 23P
   I2C-bus extender
Rev. 08-9 November 2009
More results

Similar Description - P82B715P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
P82B715 TI1-P82B715_16 Datasheet
896Kb / 22P
[Old version datasheet]   I2C Bus Extender
logo
NXP Semiconductors
82B715 PHILIPS-82B715 Datasheet
96Kb / 10P
   I2C bus extender
1998 Jan 09
P82B715TD-T NXP-P82B715TD-T Datasheet
155Kb / 23P
   I2C-bus extender
Rev. 08-9 November 2009
P82B715 NXP-P82B715 Datasheet
155Kb / 23P
   I2C-bus extender
Rev. 08-9 November 2009
logo
Generalplus Technology ...
GPBA01B GENERALPLUS-GPBA01B Datasheet
524Kb / 29P
   Bus Extender
logo
NXP Semiconductors
PCA9527 NXP-PCA9527 Datasheet
146Kb / 22P
   3-channel bidirectional bus extender for HDMI, I2C-bus and SMBus
Rev. 01-29 June 2009
PCA9507 NXP-PCA9507 Datasheet
128Kb / 20P
   2-wire serial bus extender for HDMI DDC I2C-bus and SMBus
Rev. 01-7 February 2008
PCA9515 NXP-PCA9515 Datasheet
102Kb / 16P
   I2C-bus repeater
Rev. 09-23 April 2009
PCA9515ADP-T NXP-PCA9515ADP-T Datasheet
222Kb / 20P
   I2C-bus repeater
Rev. 5-23 March 2012
logo
Rohm
BR24T32-W ROHM-BR24T32-W Datasheet
1Mb / 37P
   I2C BUS EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com