Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UC3841DWG4 Datasheet(PDF) 1 Page - Texas Instruments

Part # UC3841DWG4
Description  Programmable, Off-Line, PWM Controller
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UC3841DWG4 Datasheet(HTML) 1 Page - Texas Instruments

  UC3841DWG4 Datasheet HTML 1Page - Texas Instruments UC3841DWG4 Datasheet HTML 2Page - Texas Instruments UC3841DWG4 Datasheet HTML 3Page - Texas Instruments UC3841DWG4 Datasheet HTML 4Page - Texas Instruments UC3841DWG4 Datasheet HTML 5Page - Texas Instruments UC3841DWG4 Datasheet HTML 6Page - Texas Instruments UC3841DWG4 Datasheet HTML 7Page - Texas Instruments UC3841DWG4 Datasheet HTML 8Page - Texas Instruments UC3841DWG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
UC1841
UC2841
UC3841
Programmable, Off-Line, PWM Controller
All Control, Driving, Monitoring, and
Protection Functions Included
Low-current, Off-line Start Circuit
Voltage Feed Forward or Current
Mode Control
Guaranteed Duty Cycle Clamp
PWM Latch for Single Pulse per Period
Pulse-by-Pulse Current Limiting Plus
Shutdown for Over-Current Fault
No Start-up or Shutdown Transients
Slow Turn-on Both Initially and After
Fault Shutdown
Shutdown Upon Over- or
Under-Voltage Sensing
Latch Off or Continuous Retry After
Fault
PWM Output Switch Usable to 1A
Peak Current
1% Reference Accuracy
500kHz Operation
18 Pin DIL Package
The UC1841 family of PWM controllers has been designed to increase
the level of versatility while retaining all of the performance features of
the earlier UC1840 devices. While still optimized for highly-efficient boot-
strapped primary-side operation in forward or flyback power converters,
the UC1841 is equally adept in implementing both low and high voltage
input DC to DC converters. Important performance features include a
low-current starting circuit, linear feed-forward for constant volt-second
operation, and compatibility with either voltage or current mode topologies.
In addition to start-up and normal regulating PWM functions, these de-
vices include built in protection from over-voltage, under-voltage, and
over-current fault conditions with the option for either latch-off or automat-
ic restart.
While pin compatible with the UC1840 in all respects except that the po-
larity of the External Stop has been reversed, the UC1841 offers the fol-
lowing improvements:
1. Fault latch reset is accomplished with slow start discharge rather
than recycling the input voltage to the chip.
2. The External Stop input can be used for a fault delay to resist
shutdown from short duration transients.
3. The duty-cycle clamping function has been characterized and
specified.
The UC1841 is characterized for -55°C to +125°C operation while the
UC2841 and UC3841 are designed for -25°C to +85°C and 0°to +70°C,
respectively.
BLOCK DIAGRAM
Note: Positive true logic, latch outputs high with set, reset has priority.
6/93
DESCRIPTION
FEATURES


Similar Part No. - UC3841DWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC3841 TI-UC3841 Datasheet
923Kb / 9P
[Old version datasheet]   Programmable, Off-Line, PWM Controller
More results

Similar Description - UC3841DWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1851 TI-UC1851 Datasheet
576Kb / 7P
[Old version datasheet]   Programmable, Off-Line, PWM Controller
SLUS226 TI1-SLUS226 Datasheet
772Kb / 11P
[Old version datasheet]   Programmable, Off-Line, PWM Controller
UC1841 TI-UC1841 Datasheet
923Kb / 9P
[Old version datasheet]   Programmable, Off-Line, PWM Controller
logo
STMicroelectronics
UC1840 STMICROELECTRONICS-UC1840 Datasheet
447Kb / 10P
   PROGRAMMABLE, OFF-LIINE, PWM CONTROLLER
logo
Infineon Technologies A...
ICE2QR0665 INFINEON-ICE2QR0665_10 Datasheet
658Kb / 21P
   Off-Line SMPS Quasi-Resonant PWM Controller
Ver 2.3, April 27, 2010
logo
Dialog Semiconductor
IW1690 DIALOG-IW1690 Datasheet
879Kb / 13P
   Low-Power Off-line Digital PWM Controller
IW1815 DIALOG-IW1815 Datasheet
355Kb / 6P
   Off-Line Digital Green-Mode PWM Controller
IW1692 DIALOG-IW1692 Datasheet
1Mb / 18P
   Low-Power Off-line Digital PWM Controller
logo
Infineon Technologies A...
ICE2QR4765 INFINEON-ICE2QR4765_10 Datasheet
812Kb / 21P
   Off-Line SMPS Quasi-Resonant PWM Controller
Ver 2.1, February 5, 2010
logo
Dialog Semiconductor
IW1689 DIALOG-IW1689 Datasheet
973Kb / 17P
   Low-Power Off-line Digital PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com