Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

62403-1 Datasheet(PDF) 2 Page - Tyco Electronics

Part # 62403-1
Description  Axial Leaded Power Inductors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

62403-1 Datasheet(HTML) 2 Page - Tyco Electronics

  62403-1 Datasheet HTML 1Page - Tyco Electronics 62403-1 Datasheet HTML 2Page - Tyco Electronics 62403-1 Datasheet HTML 3Page - Tyco Electronics 62403-1 Datasheet HTML 4Page - Tyco Electronics 62403-1 Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Section 1 was formerly the TE Connectivity C10 Series, Section 2 was formerly the TE Connectivity C11 Series,
Section 3 was formerly the TE Connectivity C12 Series
Type SC10 - Section 3
Inductance
Inductance
Test Freq.
Q Factor
S.R.F.
Max. DC
Direct Current
Value - μH
Code
MHz
Min.
MHz Min.
Resistance
at 70°C
Ohms at 20°C
Max. mA
56
68
82
100
120
150
180
220
270
330
390
470
560
680
820
1000
560
680
820
101
121
151
181
221
271
331
391
471
561
681
821
102
2.5
2.5
2.5
2.5
0.79
0.79
0.79
0.79
0.79
0.79
0.79
0.79
0.79
0.79
0.79
0.79
55
55
50
50
40
40
45
45
45
45
45
45
45
45
45
40
11
10
8.5
7.0
6.5
5.5
5.0
4.2
3.8
3.3
3.1
2.9
2.7
2.5
2.3
2.2
8.1
9.0
10.0
11.0
12.0
13.0
15.0
17.0
19.5
22.0
24.5
26.5
30.0
33.0
36.5
40.0
170
161
153
146
140
134
125
117
110
103
98
94
88
84
80
76
Type SC10 - Section 2
Inductance
Inductance
Test Freq.
Q Factor
S.R.F.
Max. DC
Direct Current
Value - μH
Code
MHz
Min.
MHz Min.
Resistance
at 70°C
Ohms at 20°C
Max. mA
3.9
4.7
5.6
6.8
8.2
10
12
15
18
22
27
33
39
47
3R9
4R7
5R6
6R8
8R2
100
120
150
180
220
270
330
390
470
7.9
7.9
7.9
7.9
7.9
7.9
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
45
45
45
45
45
45
55
55
55
55
55
55
55
55
75
65
60
55
50
45
40
35
30
27
25
22
20
18
0.25
0.35
0.40
0.55
0.75
0.9
1.1
1.5
2.7
3.0
4.5
5.2
7.5
9.6
970
820
765
650
560
510
460
395
295
280
230
210
175
156
Axial Leaded Power Inductors
Type SC10, SC15, SC30, SC55 Series
1773282 CIS BI 03/2012
Dimensions are in millimeters
Dimensions are shown for
For email, phone or live chat, go to: te.com/help
and inches unless otherwise
reference purposes only.
specified. Values in brackets
Specifications subject
are standard equivalents.
to change.
Characteristics - Electrical - Type SC10 - Section 1
Inductance
Inductance
Test Freq.
Q Factor
S.R.F.
Max. DC
Direct Current
Value - μH
Code
MHz
Min.
MHz Min.
Resistance
at 70°C
Ohms at 20°C
Max. mA
0.10
0.12
0.15
0.18
0.22
0.27
0.33
0.39
0.47
0.56
0.68
0.82
1.0
1.2
1.5
1.8
2.2
2.7
3.3
R10
R12
R15
R18
R22
R27
R33
R39
R47
R56
R68
R82
1R0
1R2
1R5
1R8
2R2
2R7
3R3
25
25
25
25
25
25
25
25
25
25
25
25
25
7.9
7.9
7.9
7.9
7.9
7.9
50
50
50
50
50
50
50
50
50
50
45
45
45
32
32
32
32
32
32
500
475
450
425
400
380
360
330
300
280
260
235
210
190
170
156
140
125
115
0.055
0.060
0.065
0.070
0.075
0.085
0.095
0.11
0.12
0.14
0.16
0.26
0.30
0.50
0.60
0.75
1.10
1.40
1.90
2060
1970
1900
1830
1770
1660
1570
1460
1390
1290
1210
950
880
685
625
560
460
410
350


Similar Part No. - 62403-1

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
624037-000 PANDUIT-624037-000 Datasheet
36Kb / 1P
   SOLDERSLEEVE* DEVICE WITH PRE-INSTALLED LEAD
624038-000 PANDUIT-624038-000 Datasheet
39Kb / 1P
   SOLDERSLEEVE* DEVICE WITH PRE-INSTALLED LEAD
More results

Similar Description - 62403-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SC308R2KT MACOM-SC308R2KT Datasheet
99Kb / 5P
   Axial Leaded Power Inductors
SC30R22KT MACOM-SC30R22KT Datasheet
99Kb / 5P
   Axial Leaded Power Inductors
logo
Taiyo Yuden (U.S.A.), I...
CAL45TB6R8K TAIYO-YUDEN-CAL45TB6R8K Datasheet
138Kb / 1P
   Axial Leaded Inductors
CAL45TB102K TAIYO-YUDEN-CAL45TB102K Datasheet
138Kb / 1P
   Axial Leaded Inductors
CAL45TB150K TAIYO-YUDEN-CAL45TB150K Datasheet
138Kb / 1P
   Axial Leaded Inductors
CAL45TB270K TAIYO-YUDEN-CAL45TB270K Datasheet
138Kb / 1P
   Axial Leaded Inductors
CAL45TB822K TAIYO-YUDEN-CAL45TB822K Datasheet
138Kb / 1P
   Axial Leaded Inductors
CAL45VB1R2K TAIYO-YUDEN-CAL45VB1R2K Datasheet
138Kb / 1P
   Axial Leaded Inductors
CAL45VB2R2K TAIYO-YUDEN-CAL45VB2R2K Datasheet
138Kb / 1P
   Axial Leaded Inductors
CAL45VB2R7K TAIYO-YUDEN-CAL45VB2R7K Datasheet
138Kb / 1P
   Axial Leaded Inductors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com