Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN751178N Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN751178N
Description  DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN751178N Datasheet(HTML) 1 Page - Texas Instruments

  SN751178N Datasheet HTML 1Page - Texas Instruments SN751178N Datasheet HTML 2Page - Texas Instruments SN751178N Datasheet HTML 3Page - Texas Instruments SN751178N Datasheet HTML 4Page - Texas Instruments SN751178N Datasheet HTML 5Page - Texas Instruments SN751178N Datasheet HTML 6Page - Texas Instruments SN751178N Datasheet HTML 7Page - Texas Instruments SN751178N Datasheet HTML 8Page - Texas Instruments SN751178N Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
SN751177, SN751178
DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SLLS059D – FEBRUARY 1990 – REVISED MAY 1999
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Meet or Exceed the Requirements of ANSI
Standards TIA/EIA-422-B and TIA/EIA-485-A
and ITU Recommendations V.10 and V.11
D Designed for Multipoint Bus Transmission
on Long Bus Lines in Noise Environments
D Driver Positive- and Negative-Current
Limiting
D Thermal Shutdown Protection
D Driver 3-State Outputs
D Receiver Common-Mode Input Voltage
Range of –12 V to 12 V
D Receiver Input Sensitivity... ±200 mV
D Receiver Hysteresis...50 mV Typ
D Receiver Input Impedance...12kΩ Min
D Receiver 3-State Outputs (SN751177 Only)
D Operate From Single 5-V Supply
description
The SN751177 and SN751178 dual differential
drivers and receivers are monolithic integrated
circuits that are designed for balanced multipoint
bus transmission at rates up to 10 Mbit/s. They are
designed
to
improve
the
performance
of
full-duplex data communications over long bus
lines and meet ANSI Standards TIA/EIA-422-B
and TIA/EIA-485-A and ITU Recommendations
V.10 and V.11.
The SN751177 and SN751178 driver outputs provide limiting for both positive and negative currents and
thermal-shutdown protection from line-fault conditions on the transmission bus line.
The receiver features high input impedance of at least 12 k
Ω, an input sensitivity of ±200 mV over a
common-mode input voltage range of –12 V to 12 V, and typical input hysteresis of 50 mV. Fail-safe design
ensures that if the receiver inputs are open, the receiver outputs always will be high.
The SN751177 and SN751178 are characterized for operation from –20
°C to 85°C.
Copyright
© 1999, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
1B
1A
1R
RE
2R
2A
2B
GND
VCC
1D
1Y
1Z
DE
2Z
2Y
2D
SN751177 ...N OR NS† PACKAGE
(TOP VIEW)
† The NS package is only available taped and reeled.
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
1B
1A
1R
1DE
2R
2A
2B
GND
VCC
1D
1Y
1Z
2DE
2Z
2Y
2D
SN751178 ...N OR NS† PACKAGE
(TOP VIEW)


Similar Part No. - SN751178N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN751178N TI-SN751178N Datasheet
155Kb / 11P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN751178NS TI-SN751178NS Datasheet
155Kb / 11P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN751178NSR TI-SN751178NSR Datasheet
497Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
More results

Similar Description - SN751178N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65C1167 TI-SN65C1167 Datasheet
288Kb / 14P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN75ALS1177 TI-SN75ALS1177_07 Datasheet
485Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN75ALS1177 TI-SN75ALS1177_08 Datasheet
514Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN65C1167 TI-SN65C1167_06 Datasheet
353Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN751178NSR TI-SN751178NSR Datasheet
497Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN65C1167 TI-SN65C1167_V01 Datasheet
921Kb / 26P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
REVISED NOVEMBER 2009
SN75C1167NSE4 TI1-SN75C1167NSE4 Datasheet
933Kb / 20P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN65C1167 TI-SN65C1167_07 Datasheet
507Kb / 18P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN7534050 TI-SN7534050 Datasheet
471Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN65C1167 TI-SN65C1167_09 Datasheet
606Kb / 20P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com