Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCA9509DGKR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TCA9509DGKR
Description  LEVEL-TRANSLATING I2C/SMBUS BUS REPEATER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TCA9509DGKR Datasheet(HTML) 5 Page - Texas Instruments

  TCA9509DGKR Datasheet HTML 1Page - Texas Instruments TCA9509DGKR Datasheet HTML 2Page - Texas Instruments TCA9509DGKR Datasheet HTML 3Page - Texas Instruments TCA9509DGKR Datasheet HTML 4Page - Texas Instruments TCA9509DGKR Datasheet HTML 5Page - Texas Instruments TCA9509DGKR Datasheet HTML 6Page - Texas Instruments TCA9509DGKR Datasheet HTML 7Page - Texas Instruments TCA9509DGKR Datasheet HTML 8Page - Texas Instruments TCA9509DGKR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
TCA9509
www.ti.com
SCPS225B
– AUGUST 2011 – REVISED JANUARY 2012
ELECTRICAL CHARACTERISTICS
VCCB = 2.7 V to 5.5 V, VCCA = 0.9 V to (VCCB-1), TA = –40°C to 85°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIK
Input clamp voltage
II = –18 mA
–1.5
–0.5
V
IOL = 10 μA,
SDAA, SCLA
VILA = VILB = 0 V,
0.18
0.25
VCCA = 0.9 to 1.2V
VOL
Low-level output voltage
V
IOL = 20 μA,
SDAA, SCLA
VILA = VILB = 0 V,
0.2
0.3
1.2V
< VCCA <= (VCCB - 1V)
Low-level input voltage
VOL – VILc
below low-level output
SDAA, SCLA
50
mV
voltage
SDA and SCL low-level
VILc
SDAA, SCLA
–0.5
0.15
V
input voltage contention
VOLB
Low-level output voltage
SDAB, SCLB
IOL = 6 mA
0.1
0.2
V
All port A Static high
0.25
0.45
0.9
ICC
Quiescent supply current for VCCA
mA
All port A Static low
1.25
3
5
ICC
Quiescent supply current for VCCB
All port B Static high
0.5
0.9
1.1
mA
VI = VCCB
±1
SDAB, SCLB
VI = 0.2 V
10
VI = VCCA
±1
II
Input leakage current
SDAA, SCLA
μA
VI = 0.2 V
10
VI = VCCB
±1
EN
VI = 0.2 V
–10
SDAB, SCLB
10
High-level output leakage
IOH
VO = 3.6 V
μA
current
SDAA, SCLA
10
CIOA
I/O capacitance of A-side
SCLA, SDAA
VI = 0 V
6
6.5
7
pF
CIOB
I/O capacitance of B-side
SCLB, SDAB
VI = 0 V
5.5
6
6.2
pF
TIMING REQUIREMENTS
over recommended operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
tsu
Setup time, EN high before Start condition(1)
100
ns
th
Hold time, EN high after Stop condition(1)
100
ns
(1)
EN should change state only when the global bus and the repeater port are in an idle state.
Copyright
© 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TCA9509


Similar Part No. - TCA9509DGKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA9509DGKR TI1-TCA9509DGKR Datasheet
1Mb / 25P
[Old version datasheet]   TCA9509 Level-Translating I2C and SMBUS Bus Repeater
More results

Similar Description - TCA9509DGKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA9509 TI1-TCA9509 Datasheet
318Kb / 14P
[Old version datasheet]   LEVEL-TRANSLATING I2C/SMBUS BUS REPEATER
JUNE2011
logo
NXP Semiconductors
PCA9509 PHILIPS-PCA9509 Datasheet
101Kb / 16P
   Level translating I2C-bus/SMBus repeater
Rev. 01-27 June 2006
logo
Nuvoton Technology Corp...
NCT5917W NUVOTON-NCT5917W Datasheet
481Kb / 18P
   Level translating I2C-bus/SMBus Repeater
NCT5927W NUVOTON-NCT5927W Datasheet
718Kb / 16P
   Level translating I2C-bus/SMBus Repeater
logo
NXP Semiconductors
PCA9509 NXP-PCA9509 Datasheet
124Kb / 19P
   Level translating I2C-bus/SMBus repeater
Rev. 05-10 July 2009
PCA9509P NXP-PCA9509P Datasheet
1Mb / 23P
   Low power level translating I2C-bus/SMBus repeater
Rev. 1-14 August 2012
PCA9519 PHILIPS-PCA9519 Datasheet
108Kb / 17P
   4-channel level translating I2C-bus/SMBus repeater
Rev. 01-22 June 2006
PCA9519 NXP-PCA9519 Datasheet
121Kb / 18P
   4-channel level translating I2C-bus/SMBus repeater
Rev. 02-13 August 2007
logo
Texas Instruments
TCA9509 TI1-TCA9509_V01 Datasheet
1Mb / 25P
[Old version datasheet]   TCA9509 Level-Translating I2C and SMBUS Bus Repeater
TCA9517A TI1-TCA9517A Datasheet
759Kb / 17P
[Old version datasheet]   LEVEL-TRANSLATING I2C BUS REPEATER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com