Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM8S26 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SM8S26
Description  Surface Mount PAR® Transient Voltage Suppressors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SM8S26 Datasheet(HTML) 2 Page - Vishay Siliconix

  SM8S26 Datasheet HTML 1Page - Vishay Siliconix SM8S26 Datasheet HTML 2Page - Vishay Siliconix SM8S26 Datasheet HTML 3Page - Vishay Siliconix SM8S26 Datasheet HTML 4Page - Vishay Siliconix SM8S26 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
New Product
SM8S10 thru SM8S43A
www.vishay.com
Vishay General Semiconductor
Revision: 14-Sep-11
2
Document Number: 88387
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• For all types maximum VF = 1.8 V at IF = 100 A measured on 8.3 ms single half sine-wave or equivalent square wave, duty cycle = 4 pulses
per minute maximum
ELECTRICAL CHARACTERISTICS (TC = 25 °C unless otherwise noted)
DEVICE
TYPE
BREAKDOWN
VOLTAGE
VBR (V)
TEST
CURRENT
IT
(mA)
STAND-OFF
VOLTAGE
VWM
(V)
MAXIMUM
REVERSE
LEAKAGE
AT VWM
ID (μA)
MAXIMUM REVERSE
LEAKAGE
AT VWM
TJ = 175 °C
ID (μA)
MAX. PEAK
PULSE CURRENT
AT 10/1000 μs
WAVEFORM
(A)
MAXIMUM
CLAMPING
VOLTAGE
AT IPPM
VC (V)
MIN.
MAX.
SM8S10
11.1
13.6
5.0
10.0
15
250
351
18.8
SM8S10A
11.1
12.3
5.0
10.0
15
250
388
17.0
SM8S11
12.2
14.9
5.0
11.0
10
150
328
20.1
SM8S11A
12.2
13.5
5.0
11.0
10
150
363
18.2
SM8S12
13.3
16.3
5.0
12.0
10
150
300
22.0
SM8S12A
13.3
14.7
5.0
12.0
10
150
332
19.9
SM8S13
14.4
17.6
5.0
13.0
10
150
277
23.8
SM8S13A
14.4
15.9
5.0
13.0
10
150
307
21.5
SM8S14
15.6
19.1
5.0
14.0
10
150
256
25.8
SM8S14A
15.6
17.2
5.0
14.0
10
150
284
23.2
SM8S15
16.7
20.4
5.0
15.0
10
150
245
26.9
SM8S15A
16.7
18.5
5.0
15.0
10
150
270
24.4
SM8S16
17.8
21.8
5.0
16.0
10
150
229
28.8
SM8S16A
17.8
19.7
5.0
16.0
10
150
254
26.0
SM8S17
18.9
23.1
5.0
17.0
10
150
216
30.5
SM8S17A
18.9
20.9
5.0
17.0
10
150
239
27.6
SM8S18
20.0
24.4
5.0
18.0
10
150
205
32.2
SM8S18A
20.0
22.1
5.0
18.0
10
150
226
29.2
SM8S20
22.2
27.1
5.0
20.0
10
150
184
35.8
SM8S20A
22.2
24.5
5.0
20.0
10
150
204
32.4
SM8S22
24.4
29.8
5.0
22.0
10
150
168
39.4
SM8S22A
24.4
26.9
5.0
22.0
10
150
186
35.5
SM8S24
26.7
32.6
5.0
24.0
10
150
153
43.0
SM8S24A
26.7
29.5
5.0
24.0
10
150
170
38.9
SM8S26
28.9
35.3
5.0
26.0
10
150
142
46.6
SM8S26A
28.9
31.9
5.0
26.0
10
150
157
42.1
SM8S28
31.1
38.0
5.0
28.0
10
150
132
50.1
SM8S28A
31.1
34.4
5.0
28.0
10
150
145
45.4
SM8S30
33.3
40.7
5.0
30.0
10
150
123
53.5
SM8S30A
33.3
36.8
5.0
30.0
10
150
136
48.4
SM8S33
36.7
44.9
5.0
33.0
10
150
112
59.0
SM8S33A
36.7
40.6
5.0
33.0
10
150
124
53.3
SM8S36
40.0
48.9
5.0
36.0
10
150
103
64.3
SM8S36A
40.0
44.2
5.0
36.0
10
150
114
58.1
SM8S40
44.4
54.3
5.0
40
10
150
92.4
71.4
SM8S40A
44.4
49.1
5.0
40
10
150
102
64.5
SM8S43
47.8
58.4
5.0
43
10
150
86
76.7
SM8S43A
47.8
52.8
5.0
43
10
150
95.1
69.4


Similar Part No. - SM8S26

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SM8S26 VISHAY-SM8S26 Datasheet
63Kb / 3P
   Surface Mount Automotive Transient Voltage Suppressors
04-Jun-04
logo
Shanghai Shunye Electro...
SM8S26 SHUNYE-SM8S26 Datasheet
217Kb / 3P
   Surface Mount Automotive Transient Voltage Suppressors
logo
Vishay Siliconix
SM8S26 VISHAY-SM8S26 Datasheet
115Kb / 5P
   Surface Mount Automotive Transient Voltage Suppressors
Revision: 21-Oct-08
logo
Shanghai Semitech Semic...
SM8S26 SEMITECH-SM8S26 Datasheet
204Kb / 4P
   Surface mount package
logo
Vishay Siliconix
SM8S26 VISHAY-SM8S26 Datasheet
97Kb / 5P
   Surface Mount PAR Transient Voltage Suppressors
Revision: 20-Apr-11
More results

Similar Description - SM8S26

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SM8A27T VISHAY-SM8A27T Datasheet
96Kb / 5P
   Surface Mount PAR® Transient Voltage Suppressors
Revision: 24-Mar-15
SM5S24AHE3-2D VISHAY-SM5S24AHE3-2D Datasheet
87Kb / 5P
   Surface Mount PAR® Transient Voltage Suppressors
Revision: 14-Sep-11
TPSMB30AHE3-5BT VISHAY-TPSMB30AHE3-5BT Datasheet
90Kb / 5P
   Surface Mount PAR® Transient Voltage Suppressors
Revision: 05-Oct-12
SM8S10AT VISHAY-SM8S10AT_V01 Datasheet
123Kb / 5P
   Surface Mount PAR® Transient Voltage Suppressors
01-Jan-2022
TPSMA43A VISHAY-TPSMA43A_V01 Datasheet
96Kb / 5P
   Surface-Mount PAR® Transient Voltage Suppressors
01-Jan-2022
TPSMB43A VISHAY-TPSMB43A_V01 Datasheet
99Kb / 5P
   Surface-Mount PAR® Transient Voltage Suppressors
01-Jan-2022
3KASMC13AHE3-57T VISHAY-3KASMC13AHE3-57T Datasheet
93Kb / 5P
   Surface Mount PAR® Transient Voltage Suppressors
Revision: 14-Dec-12
SM8S10AT VISHAY-SM8S10AT Datasheet
99Kb / 5P
   Surface Mount PAR® Transient Voltage Suppressors
Revision: 20-Mar-15
TPC36CA VISHAY-TPC36CA_V01 Datasheet
92Kb / 5P
   Surface Mount PAR® Transient Voltage Suppressors
01-Jan-2022
TPSMC47A VISHAY-TPSMC47A_V01 Datasheet
97Kb / 5P
   Surface Mount PAR® Transient Voltage Suppressors
01-Jan-2022
TPC51A VISHAY-TPC51A Datasheet
102Kb / 5P
   Surface Mount PAR® Transient Voltage Suppressors
01-Jan-2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com