Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS1030IDWR Datasheet(PDF) 5 Page - Texas Instruments

Part # THS1030IDWR
Description  3-V TO 5.5-V, 10-BIT, 30MSPS CMOS ANALOG-TO-DIGITAL CONVERTER
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS1030IDWR Datasheet(HTML) 5 Page - Texas Instruments

  THS1030IDWR Datasheet HTML 1Page - Texas Instruments THS1030IDWR Datasheet HTML 2Page - Texas Instruments THS1030IDWR Datasheet HTML 3Page - Texas Instruments THS1030IDWR Datasheet HTML 4Page - Texas Instruments THS1030IDWR Datasheet HTML 5Page - Texas Instruments THS1030IDWR Datasheet HTML 6Page - Texas Instruments THS1030IDWR Datasheet HTML 7Page - Texas Instruments THS1030IDWR Datasheet HTML 8Page - Texas Instruments THS1030IDWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 39 page
background image
THS1030
3V TO 5.5V, 10BIT, 30 MSPS
CMOS ANALOGTODIGITAL CONVERTER
SLAS243E − NOVEMBER 1999 − REVISED DECEMBER 2003
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating conditions, AVDD = 3 V, DVDD = 3 V, fs = 30
MSPS/50% duty cycle, MODE = AVDD, 2-V input span from 0.5 V to 2.5 V, external reference,
TA = Tmin to Tmax (unless otherwise noted) (continued)
dc accuracy
PARAMETER
MIN
TYP
MAX
UNIT
INL
Integral nonlinearity (see Note 2)
±1
±2
LSB
DNL
Differential nonlinearity (see Note 3)
±0.3
±1
LSB
Offset error (see Note 4)
0.4
1.4
%FSR
Gain error (see Note 5)
1.4
3.5
%FSR
Missing code
No missing code assured
NOTES:
2. Integral nonlinearity refers to the deviation of each individual code from a line drawn from zero to full scale. The point used as zero
occurs 1/2 LSB before the first code transition. The full-scale point is defined as a level 1/2 LSB beyond the last code transition. The
deviation is measured from the center of each particular code to the true straight line between these two endpoints.
3. An ideal ADC exhibits code transitions that are exactly 1 LSB apart. DNL is the deviation from this ideal value. Therefore this measure
indicates how uniform the transfer function step sizes are. The ideal step size is defined here as the step size for the device under
test (i.e., (last transition level – first transition level)
÷ (2 n – 2)). Using this definition for DNL separates the effects of gain and offset
error. A minimum DNL better than –1 LSB ensures no missing codes.
4. Offset error is defined as the difference in analog input voltage – between the ideal voltage and the actual voltage – that will switch
the ADC output from code 0 to code 1. The ideal voltage level is determined by adding the voltage corresponding to 1/2 LSB to the
bottom reference level. The voltage corresponding to 1 LSB is found from the difference of top and bottom references divided by
the number of ADC output levels (1024).
5. Gain error is defined as the difference in analog input voltage – between the ideal voltage and the actual voltage – that will switch
the ADC output from code 1022 to code 1023. The ideal voltage level is determined by subtracting the voltage corresponding to 1.5
LSB from the top reference level. The voltage corresponding to 1 LSB is found from the difference of top and bottom references
divided by the number of ADC output levels (1024).
dynamic performance (See Note 6)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
f = 3.5 MHz
8.4
9
ENOB
Effective number of bits
f = 3.5 MHz, AVDD = 5 V
9
Bits
ENOB
Effective number of bits
f = 15 MHz, 3 V
7.8
Bits
f = 15 MHz, AVDD = 5 V
7.7
f = 3.5 MHz
56
60.6
SFDR
Spurious free dynamic range
f = 3.5 MHz, AVDD = 5 V
64.6
dB
SFDR
Spurious free dynamic range
f = 15 MHz
48.5
dB
f = 15 MHz, AVDD = 5 V
53
f = 3.5 MHz
−60
−56
dB
THD
Total harmonic distortion
f = 3.5 MHz, AVDD = 5 V
− 66.9
dB
THD
Total harmonic distortion
f = 15 MHz
− 47.5
f = 15 MHz, AVDD = 5 V
− 53.1
f = 3.5 MHz
53
57
dB
SNR
Signal-to-noise ratio
f = 3.5 MHz, AVDD = 5 V
56
dB
SNR
Signal-to-noise ratio
f = 15 MHz
53.1
f = 15 MHz, AVDD = 5 V
49.4
f = 3.5 MHz
52.5
56
SINAD
Signal-to-noise and distortion
f = 3.5 MHz, AVDD = 5 V
56
dB
SINAD
Signal-to-noise and distortion
f = 15 MHz
48.6
dB
f = 15 MHz, AVDD = 5 V
48.1
NOTES:
6. Input amplitude of single tone sine wave for dynamic tests is −0.5 dBFS.


Similar Part No. - THS1030IDWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS1030 TI-THS1030 Datasheet
302Kb / 22P
[Old version datasheet]   2.7 V . 5.5 V, 10-BIT, 30 MSPS CMOS ANALOG-TO-DIGITAL CONVERTER
THS1030SOIC TI-THS1030SOIC Datasheet
302Kb / 22P
[Old version datasheet]   2.7 V . 5.5 V, 10-BIT, 30 MSPS CMOS ANALOG-TO-DIGITAL CONVERTER
THS1030TSSOP TI-THS1030TSSOP Datasheet
302Kb / 22P
[Old version datasheet]   2.7 V . 5.5 V, 10-BIT, 30 MSPS CMOS ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - THS1030IDWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS1031CPW TI-THS1031CPW Datasheet
734Kb / 41P
[Old version datasheet]   3-V TO 5.5-V, 10-BIT, 30 MSPS CMOS ANALOG-TO-DIGITAL CONVERTER
THS1031IPW TI-THS1031IPW Datasheet
734Kb / 41P
[Old version datasheet]   3-V TO 5.5-V, 10-BIT, 30 MSPS CMOS ANALOG-TO-DIGITAL CONVERTER
THS1031 TI-THS1031 Datasheet
358Kb / 26P
[Old version datasheet]   2.7 V . 5.5 V, 10-BIT, 30 MSPS CMOS ANALOG-TO-DIGITAL CONVERTER
THS1030 TI-THS1030 Datasheet
302Kb / 22P
[Old version datasheet]   2.7 V . 5.5 V, 10-BIT, 30 MSPS CMOS ANALOG-TO-DIGITAL CONVERTER
THS1040 TI-THS1040 Datasheet
545Kb / 32P
[Old version datasheet]   3-V, 10-BIT , 40-MSPS CMOS ANALOG TO DIGITAL CONVERTER
DAC6571 TI-DAC6571 Datasheet
524Kb / 22P
[Old version datasheet]   2.7 V to 5.5 V, I2C INTERFACE, VOLTAGE OUTPUT, 10-BIT DIGITAL-TO-ANALOG CONVERTER
logo
Wolfson Microelectronic...
WM2130 WOLFSON-WM2130 Datasheet
186Kb / 20P
   10 - BIT 30MSPS ANALOGUE- TO - DIGITAL CONVERTER
logo
Texas Instruments
TLV1570 TI1-TLV1570_14 Datasheet
1,019Kb / 33P
[Old version datasheet]   2.7 V TO 5.5 V 8-CHANNEL 10-BIT 1.25-MSPS SERIAL ANALOG-TO-DIGITAL CONVERTER
TLV1570 TI-TLV1570 Datasheet
480Kb / 28P
[Old version datasheet]   2.7 V TO 5.5 V 8-CHANNEL 10-BIT 1.25-MSPS SERIAL ANALOG-TO-DIGITAL CONVERTER
TLV571 TI-TLV571 Datasheet
405Kb / 27P
[Old version datasheet]   2.7 V TO 5.5 V, 1-CHANNEL, 8-BIT, PARALLEL ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com