Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STY145N65M5 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STY145N65M5
Description  N-channel 650 V, 0.012typ., 138 A, MDmesh??V Power MOSFET in Max247 package
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STY145N65M5 Datasheet(HTML) 3 Page - STMicroelectronics

  STY145N65M5 Datasheet HTML 1Page - STMicroelectronics STY145N65M5 Datasheet HTML 2Page - STMicroelectronics STY145N65M5 Datasheet HTML 3Page - STMicroelectronics STY145N65M5 Datasheet HTML 4Page - STMicroelectronics STY145N65M5 Datasheet HTML 5Page - STMicroelectronics STY145N65M5 Datasheet HTML 6Page - STMicroelectronics STY145N65M5 Datasheet HTML 7Page - STMicroelectronics STY145N65M5 Datasheet HTML 8Page - STMicroelectronics STY145N65M5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
STY145N65M5
Electrical ratings
Doc ID 023718 Rev 2
3/13
1
Electrical ratings
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VGS
Gate- source voltage
± 25
V
ID
Drain current (continuous) at TC = 25 °C
138
A
ID
Drain current (continuous) at TC = 100 °C
87
A
IDM
(1)
1.
Pulse width limited by safe operating area.
Drain current (pulsed)
552
A
PTOT
Total dissipation at TC = 25 °C
625
W
IAR
Max current during repetitive or single pulse avalanche
(pulse width limited by TJMAX)
17
A
EAS
Single pulse avalanche energy
(starting Tj = 25°C, ID = IAR, VDD = 50V)
2420
mJ
dv/dt(2)
2.
ISD ≤ 138 A, di/dt = 400 A/µs, VDD = 400 V, peak VDS < V(BR)DSS.
Peak diode recovery voltage slope
15
V/ns
Tstg
Storage temperature
- 55 to 150
°C
Tj
Max. operating junction temperature
150
°C
Table 3.
Thermal data
Symbol
Parameter
Value
Unit
Rthj-case Thermal resistance junction-case max
0.2
°C/W
Rthj-amb Thermal resistance junction-ambient max
30
°C/W
Tl
Maximum lead temperature for soldering purpose
300
°C


Similar Part No. - STY145N65M5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STY140NS10 STMICROELECTRONICS-STY140NS10 Datasheet
254Kb / 8P
   N-CHANNEL 100V - 0.009 ohm - 140A MAX247??MESH OVERLAY??POWER MOSFET
More results

Similar Description - STY145N65M5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STY139N65M5 STMICROELECTRONICS-STY139N65M5 Datasheet
971Kb / 13P
   N-channel 650 V, 0.014 廓 typ., 130 A, MDmesh??V Power MOSFET in Max247 package
STY112N65M5 STMICROELECTRONICS-STY112N65M5 Datasheet
856Kb / 12P
   N-channel 650 V, 0.019 廓, 96 A, MDmesh??V Power MOSFET in Max247 package
STY105NM50N STMICROELECTRONICS-STY105NM50N Datasheet
907Kb / 13P
   N-channel 500 V, 0.019 廓 typ., 110 A, MDmesh??II Power MOSFET in a Max247 package
July 2013 Rev 3
STW57N65M5-4 STMICROELECTRONICS-STW57N65M5-4 Datasheet
1Mb / 14P
   N-channel 650 V, 0.056 廓 typ., 42 A, MDmesh??V Power MOSFET in a TO247-4 package
STFI20NM65N STMICROELECTRONICS-STFI20NM65N Datasheet
783Kb / 12P
   N-channel 650 V, 15 A, 0.250 廓 typ., MDmesh??II Power MOSFET in a I짼PAKFP package
December 2013 Rev 1
STL57N65M5 STMICROELECTRONICS-STL57N65M5 Datasheet
1Mb / 16P
   N-channel 650 V, 0.061 廓 typ., 22.5 A MDmesh??V Power MOSFET in a PowerFLAT??8x8 HV package
STW56N65DM2 STMICROELECTRONICS-STW56N65DM2 Datasheet
719Kb / 12P
   N-channel 650 V, 0.058 廓 typ., 48 A MDmesh??DM2 Power MOSFET in a TO-247 package
September 2015 Rev 2
STF40N65M2 STMICROELECTRONICS-STF40N65M2 Datasheet
441Kb / 13P
   N-channel 650 V, 0.087 廓 typ., 32 A MDmesh??M2 Power MOSFET in a TO-220FP package
February 2015 Rev 1
STE139N65M5 STMICROELECTRONICS-STE139N65M5 Datasheet
1,021Kb / 13P
   N-channel 650 V, 0.014 (ohm) typ., 130 A, MDmesh V Power MOSFET in a ISOTOP package
STL45N65M5 STMICROELECTRONICS-STL45N65M5 Datasheet
878Kb / 16P
   N-channel 650 V, 0.075 廓 typ., 22.5 A MDmesh??M5 Power MOSFET in a PowerFLAT??8x8 HV package
October 2015 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com