Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC1542MJB Datasheet(PDF) 11 Page - Texas Instruments

Part # TLC1542MJB
Description  10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC1542MJB Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLC1542MJB Datasheet HTML 7Page - Texas Instruments TLC1542MJB Datasheet HTML 8Page - Texas Instruments TLC1542MJB Datasheet HTML 9Page - Texas Instruments TLC1542MJB Datasheet HTML 10Page - Texas Instruments TLC1542MJB Datasheet HTML 11Page - Texas Instruments TLC1542MJB Datasheet HTML 12Page - Texas Instruments TLC1542MJB Datasheet HTML 13Page - Texas Instruments TLC1542MJB Datasheet HTML 14Page - Texas Instruments TLC1542MJB Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
www.ti.com
PARAMETER MEASUREMENT INFORMATION
EOC
CL = 50 pF
12 k
DATA OUT
Test Point
VCC
RL = 2.18 kΩ
CL = 100 pF
12 k
Test Point
VCC
RL = 2.18 kΩ
CS
DATA
OUT
2.4 V
0.4 V
90%
10%
tPZH, tPZL
tPHZ, tPLZ
0.8 V
2 V
ADDRESS
th(A)
0.8 V
2 V
I/O CLOCK
Address
Valid
tsu(A)
0.8 V
Last
Clock
CS
0.8 V
2 V
0.8 V
tsu(CS)
0.8 V
I/O CLOCK
th(CS)
First
Clock
TLC1542I,, TLC1542M,, TLC1542Q
TLC1542C, TLC1543C, TLC1543I, TLC1543Q
SLAS052G – MARCH 1992 – REVISED JANUARY 2006
Figure 2. Load Circuits
Figure 3. DATA OUT Enable and Disable Voltage Waveforms
Figure 4. ADDRESS Setup and Hold Time Voltage Waveforms
Figure 5. I/O CLOCK Setup and Hold Time Voltage Waveforms
11
Submit Documentation Feedback


Similar Part No. - TLC1542MJB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC1542MJ TI-TLC1542MJ Datasheet
424Kb / 27P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
More results

Similar Description - TLC1542MJB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC1542C TI-TLC1542C Datasheet
424Kb / 27P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC1542I TI1-TLC1542I_14 Datasheet
1Mb / 34P
[Old version datasheet]    10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLV1543 TI-TLV1543 Datasheet
611Kb / 26P
[Old version datasheet]   3.3V 10 BIT ANALOG TO DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLV2543IDBR TI1-TLV2543IDBR Datasheet
536Kb / 28P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC2543C TI-TLC2543C Datasheet
431Kb / 27P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLV2543IDB TI-TLV2543IDB Datasheet
558Kb / 28P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC2543-Q1 TI1-TLC2543-Q1_16 Datasheet
700Kb / 28P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC2543CDWR TI-TLC2543CDWR Datasheet
1Mb / 34P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC2543MJB TI-TLC2543MJB Datasheet
1Mb / 34P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLV2543C TI-TLV2543C Datasheet
379Kb / 24P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com