Electronic Components Datasheet Search |
|
TLC1543CDW Datasheet(PDF) 3 Page - Texas Instruments |
|
|
TLC1543CDW Datasheet(HTML) 3 Page - Texas Instruments |
3 / 33 page www.ti.com DETAILED DESCRIPTION TLC1542I,, TLC1542M,, TLC1542Q TLC1542C, TLC1543C, TLC1543I, TLC1543Q SLAS052G – MARCH 1992 – REVISED JANUARY 2006 TERMINAL FUNCTIONS TERMINAL I/O DESCRIPTION NAME NO. ADDRESS 17 I Serial address input. A 4-bit serial address selects the desired analog input or test voltage that is to be converted next. The address data is presented with the MSB first and shifts in on the first four rising edges of I/O CLOCK. After the four address bits have been read into the address register, this input is ignored for the remainder of the current conversion period. A0-A10 1-9, 11, 12 I Analog signal inputs. The 11 analog inputs are applied to these terminals and are internally multiplexed. The driving source impedance should be less than or equal to 1 k Ω. CS 15 I Chip select. A high-to-low transition on this input resets the internal counters and controls and enables DATA OUT, ADDRESS, and I/O CLOCK within a maximum of a setup time plus two falling edges of the internal system clock. A low-to-high transition disables ADDRESS and I/O CLOCK within a setup time plus two falling edges of the internal system clock. DATA OUT 16 O The 3-state serial output for the A/D conversion result. This output is in the high-impedance state when CS is high and active when CS is low. With a valid chip select, DATA OUT is removed from the high-impedance state and is driven to the logic level corresponding to the MSB value of the previous conversion result. The next falling edge of I/O CLOCK drives this output to the logic level corresponding to the next most significant bit, and the remaining bits shift out in order with the LSB appearing on the ninth falling edge of I/O CLOCK. On the tenth falling edge of I/O CLOCK, DATA OUT is driven to a low logic level so that serial interface data transfers of more than ten clocks produce zeroes as the unused LSBs. EOC 19 O End of conversion. This output goes from a high to a low logic level on the trailing edge of the tenth I/O CLOCK and remains low until the conversion is complete and data are ready for transfer. GND 10 I The ground return terminal for the internal circuitry. Unless otherwise noted, all voltage measurements are with respect to this terminal. I/O CLOCK 18 I Input/output clock. This terminal receives the serial I/O CLOCK input and performs the following four functions: 1) It clocks the four input address bits into the address register on the first four rising edges of the I/O CLOCK with the multiplex address available after the fourth rising edge. 2) On the fourth falling edge of I/O CLOCK, the analog input voltage on the selected multiplex input begins charging the capacitor array and continues to do so until the tenth falling edge of I/O CLOCK. 3) It shifts the nine remaining bits of the previous conversion data out on DATA OUT. 4) It transfers control of the conversion to the internal state controller on the falling edge of the tenth clock. REF+ 14 I The upper reference voltage value (nominally VCC) is applied to this terminal. The maximum input voltage range is determined by the difference between the voltage applied to this terminal and the voltage applied to the REF- terminal. REF- 13 I The lower reference voltage value (nominally ground) is applied to this terminal. VCC 20 I Positive supply voltage With chip select (CS) inactive (high), the ADDRESS and I/O CLOCK inputs are initially disabled and DATA OUT is in the high-impedance state. When the serial interface takes CS active (low), the conversion sequence begins with the enabling of I/O CLOCK and ADDRESS and the removal of DATA OUT from the high-impedance state. The serial interface then provides the 4-bit channel address to ADDRESS and the I/O CLOCK sequence to I/O CLOCK. During this transfer, the serial interface also receives the previous conversion result from DATA OUT. I/O CLOCK receives an input sequence that is between 10 and 16 clocks long from the host serial interface. The first four I/O clocks load the address register with the 4-bit address on ADDRESS, selecting the desired analog channel, and the next six clocks providing the control timing for sampling the analog input. There are six basic serial-interface timing modes that can be used with the device. These modes are determined by the speed of I/O CLOCK and the operation of CS as shown in Table 1. These modes are (1) a fast mode with a 10-clock transfer and CS inactive (high) between conversion cycles, (2) a fast mode with a 10-clock transfer and CS active (low) continuously, (3) a fast mode with an 11- to 16-clock transfer and CS inactive (high) between conversion cycles, (4) a fast mode with a 16-clock transfer and CS active (low) continuously, (5) a slow mode with an 11- to 16-clock transfer and CS inactive (high) between conversion cycles, and (6) a slow mode with a 16-clock transfer and CS active (low) continuously. 3 Submit Documentation Feedback |
Similar Part No. - TLC1543CDW |
|
Similar Description - TLC1543CDW |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |