Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV4111IDGN Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TLV4111IDGN
Description  FAMILY OF HIGH OUTPUT DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV4111IDGN Datasheet(HTML) 5 Page - Texas Instruments

  TLV4111IDGN Datasheet HTML 1Page - Texas Instruments TLV4111IDGN Datasheet HTML 2Page - Texas Instruments TLV4111IDGN Datasheet HTML 3Page - Texas Instruments TLV4111IDGN Datasheet HTML 4Page - Texas Instruments TLV4111IDGN Datasheet HTML 5Page - Texas Instruments TLV4111IDGN Datasheet HTML 6Page - Texas Instruments TLV4111IDGN Datasheet HTML 7Page - Texas Instruments TLV4111IDGN Datasheet HTML 8Page - Texas Instruments TLV4111IDGN Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
TLV4110, TLV4111, TLV4112, TLV4113
FAMILY OF HIGH OUTPUT DRIVE OPERATIONAL
AMPLIFIERS WITH SHUTDOWN
SLOS289E − DECEMBER 1999 − REVISED SEPTEMBER 2006
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics at specified free-air temperature, VDD = 3 V and 5 V (unless otherwise
noted) (continued)
output characteristics
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
UNITS
IOH = −10 mA
25
°C
2.7
2.97
VDD = 3 V, VIC = VDD/2
IOH = −10 mA
Full range
2.7
V
VDD = 3 V, VIC = VDD/2
IOH =−100 mA
25
°C
2.6
2.73
V
IOH =−100 mA
Full range
2.6
IOH = −10 mA
25
°C
4.7
4.96
VOH
High-level output voltage
IOH = −10 mA
Full range
4.7
VOH
High-level output voltage
IOH = −100 mA
25
°C
4.6
4.76
VDD = 5 V, VIC = VDD/2
IOH = −100 mA
Full range
4.6
V
VDD = 5 V, VIC = VDD/2
25
°C
4.45
4.6
V
IOH = −200 mA
−40
°C to
85
°C
4.35
IOL = 10 mA
25
°C
0.03
0.1
VDD = 3 V and 5 V,
IOL = 10 mA
Full range
0.1
VDD = 3 V and 5 V,
VIC = VDD/2
IOL = 100 mA
25
°C
0.33
0.4
VOL
Low-level output voltage
VIC = VDD/2
IOL = 100 mA
Full range
0.55
V
VOL
Low-level output voltage
25
°C
0.38
0.6
V
VDD = 5 V, VIC = VDD/2
IOL = 200 mA
−40
°C to
85
°C
0.7
IO
Output current‡
Measured at 0.5 V from rail
VDD = 3 V
25
°C
±220
mA
IO
Output current‡
Measured at 0.5 V from rail
VDD = 5 V
25
°C
±320
mA
IOS
Short-circuit output current‡
Sourcing
25
°C
800
mA
IOS
Short-circuit output current‡
Sinking
25
°C
800
mA
† Full range is 0°C to 70°C for C suffix and −40°C to 125°C for I suffix. If not specified, full range is −40°C to 125°C.
‡ When driving output currents in excess of 200 mA, the MSOP PowerPAD package is required for thermal dissipation.
power supply
PARAMETER
TEST CONDITIONS
TA
MIN
TYP
MAX
UNITS
IDD
Supply current (per channel)
VO = VDD/2
25
°C
700
1000
A
IDD
Supply current (per channel)
VO = VDD/2
Full range
1500
µA
VDD =2.7 to 3.3 V, No load,
25
°C
70
82
PSRR
Power supply rejection ratio (
∆VDD / ∆VIO)
VDD =2.7 to 3.3 V,
VIC = VDD/2 V
No load,
Full range
65
dB
PSRR
Power supply rejection ratio (
∆VDD / ∆VIO)
VDD =4.5 to 5.5 V, No load,
25
°C
70
79
dB
VDD =4.5 to 5.5 V,
VIC = VDD/2 V
No load,
Full range
65
† Full range is 0°C to 70°C for C suffix and −40°C to 125°C for I suffix. If not specified, full range is −40°C to 125°C.


Similar Part No. - TLV4111IDGN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV4111IDGN TI-TLV4111IDGN Datasheet
396Kb / 21P
[Old version datasheet]   FAMILY OF HIGH OUTPUT DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
More results

Similar Description - TLV4111IDGN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV4110 TI-TLV4110 Datasheet
396Kb / 21P
[Old version datasheet]   FAMILY OF HIGH OUTPUT DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV4113-EP TI1-TLV4113-EP Datasheet
884Kb / 25P
[Old version datasheet]   HIGH-OUTPUT-DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2470 TI1-TLV2470_16 Datasheet
2Mb / 64P
[Old version datasheet]   FAMILY OF 600muA/Ch 2.8MHz RAIL-TO-RAIL INPUT/OUTPUT HIGH-DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2470 TI-TLV2470_07 Datasheet
2Mb / 53P
[Old version datasheet]   FAMILY OF 600mA/Ch 2.8MHz RAIL-TO-RAIL INPUT/OUTPUT HIGH-DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2770 TI-TLV2770_07 Datasheet
1Mb / 65P
[Old version datasheet]   FAMILY OF 2.7-HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2780 TI-TLV2780 Datasheet
901Kb / 32P
[Old version datasheet]   FAMILY OF 1.8V HIGH SPEED RAIL TO RAIL INPUT OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLC080 TI1-TLC080_16 Datasheet
2Mb / 53P
[Old version datasheet]   FAMILY OF WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
TLC070 TI1-TLC070_16 Datasheet
1Mb / 54P
[Old version datasheet]   FAMILY OF WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
TLC070 TI-TLC070_08 Datasheet
1Mb / 50P
[Old version datasheet]   FAMILY OF WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
TLC080 TI-TLC080_06 Datasheet
1Mb / 48P
[Old version datasheet]   FAMILY OF WIDE - BANDWITH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com