Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV4111IDGNR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TLV4111IDGNR
Description  FAMILY OF HIGH OUTPUT DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV4111IDGNR Datasheet(HTML) 2 Page - Texas Instruments

  TLV4111IDGNR Datasheet HTML 1Page - Texas Instruments TLV4111IDGNR Datasheet HTML 2Page - Texas Instruments TLV4111IDGNR Datasheet HTML 3Page - Texas Instruments TLV4111IDGNR Datasheet HTML 4Page - Texas Instruments TLV4111IDGNR Datasheet HTML 5Page - Texas Instruments TLV4111IDGNR Datasheet HTML 6Page - Texas Instruments TLV4111IDGNR Datasheet HTML 7Page - Texas Instruments TLV4111IDGNR Datasheet HTML 8Page - Texas Instruments TLV4111IDGNR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 35 page
background image
TLV4110, TLV4111, TLV4112, TLV4113
FAMILY OF HIGH OUTPUT DRIVE OPERATIONAL
AMPLIFIERS WITH SHUTDOWN
SLOS289E − DECEMBER 1999 − REVISED SEPTEMBER 2006
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TLV4110 AND TLV4111 AVAILABLE OPTIONS
PACKAGED DEVICES
TA
SMALL OUTLINE
MSOP
PLASTIC DIP
TA
SMALL OUTLINE
(D)†‡
SMALL OUTLINE
SYMBOL
PLASTIC DIP
(P)
(D)†‡
SMALL OUTLINE
(DGN)†
SYMBOL
(P)
0
°C to 70°C
TLV4110CD
TLV4110CDGN
xxTIAHL
TLV4110CP
0
°C to 70°C
TLV4111CD
TLV4111CDGN
xxTIAHN
TLV4111CP
−40
°C to 125°C
TLV4110ID
TLV4110IDGN
xxTIAHM
TLV4110IP
−40
°C to 125°C
TLV4111ID
TLV4111IDGN
xxTIAHO
TLV4111IP
† This package is available taped and reeled. To order this packaging option, add an R suffix to the part
number (e.g., TLV4110CDR).
‡ In the SOIC package, the maximum RMS output power is thermally limited to 350 mW; 700 mW peaks
can be driven, as long as the RMS value is less than 350 mW.
TLV4112 AND TLV4113 AVAILABLE OPTIONS
PACKAGED DEVICES
TA
SMALL OUTLINE
MSOP
PLASTIC DIP
TA
SMALL OUTLINE
(D)†‡
SMALL OUTLINE
SYMBOL
SMALL OUTLINE
SYMBOL
PLASTIC DIP
(P)
(D)†‡
SMALL OUTLINE
(DGN)†
SYMBOL
SMALL OUTLINE
(DGQ)†
SYMBOL
(P)
0
°C to 70°C
TLV4112CD
TLV4112DGN
xxTIAHP
TLV4112CP
0
°C to 70°C
TLV4113CD
TLV4113CDGQ
xxTIAHR
TLV4113CN
−40
°C to 125°C
TLV4112ID
TLV4112IDGN
xxTIAHQ
TLV4112IP
−40
°C to 125°C
TLV4113ID
TLV4113IDGQ
xxTIAHS
TLV4113IN
† This package is available taped and reeled. To order this packaging option, add an R suffix to the part number (e.g., TLV4112CDR).
‡ In the SOIC package, the maximum RMS output power is thermally limited to 350 mW; 700 mW peaks can be driven, as long as the RMS value
is less than 350 mW.
TLV411x PACKAGE PIN OUTS
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1OUT
1IN −
1IN+
GND
NC
1SHDN
NC
VDD
2OUT
2IN −
2IN+
NC
2SHDN
NC
(TOP VIEW)
1
2
3
4
8
7
6
5
NC
IN −
IN +
GND
SHDN
VDD
OUT
NC
TLV4110
D, DGN OR P PACKAGE
(TOP VIEW)
1
2
3
4
8
7
6
5
1OUT
1IN −
1IN +
GND
VDD
2OUT
2IN −
2IN+
TLV4112
D, DGN, OR P PACKAGE
(TOP VIEW)
TLV4113
D OR N PACKAGE
NC − No internal connection
1
2
3
4
5
10
9
8
7
6
1OUT
1IN −
1IN+
GND
1SHDN
VDD+
2OUT
2IN −
2IN+
2SHDN
TLV4113
DGQ PACKAGE
(TOP VIEW)
1
2
3
4
8
7
6
5
NC
IN −
IN +
GND
NC
VDD
OUT
NC
TLV4111
D, DGN OR P PACKAGE
(TOP VIEW)


Similar Part No. - TLV4111IDGNR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV4111IDGN TI-TLV4111IDGN Datasheet
396Kb / 21P
[Old version datasheet]   FAMILY OF HIGH OUTPUT DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
More results

Similar Description - TLV4111IDGNR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV4110 TI-TLV4110 Datasheet
396Kb / 21P
[Old version datasheet]   FAMILY OF HIGH OUTPUT DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV4113-EP TI1-TLV4113-EP Datasheet
884Kb / 25P
[Old version datasheet]   HIGH-OUTPUT-DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2470 TI1-TLV2470_16 Datasheet
2Mb / 64P
[Old version datasheet]   FAMILY OF 600muA/Ch 2.8MHz RAIL-TO-RAIL INPUT/OUTPUT HIGH-DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2470 TI-TLV2470_07 Datasheet
2Mb / 53P
[Old version datasheet]   FAMILY OF 600mA/Ch 2.8MHz RAIL-TO-RAIL INPUT/OUTPUT HIGH-DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2770 TI-TLV2770_07 Datasheet
1Mb / 65P
[Old version datasheet]   FAMILY OF 2.7-HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2780 TI-TLV2780 Datasheet
901Kb / 32P
[Old version datasheet]   FAMILY OF 1.8V HIGH SPEED RAIL TO RAIL INPUT OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLC080 TI1-TLC080_16 Datasheet
2Mb / 53P
[Old version datasheet]   FAMILY OF WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
TLC070 TI1-TLC070_16 Datasheet
1Mb / 54P
[Old version datasheet]   FAMILY OF WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
TLC070 TI-TLC070_08 Datasheet
1Mb / 50P
[Old version datasheet]   FAMILY OF WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
TLC080 TI-TLC080_06 Datasheet
1Mb / 48P
[Old version datasheet]   FAMILY OF WIDE - BANDWITH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com