Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C6414TBCLZ6 Datasheet(PDF) 38 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6414TBCLZ6
Description  FIXED-POINT DIGITAL SIGNAL PROCESSORS
Download  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C6414TBCLZ6 Datasheet(HTML) 38 Page - Texas Instruments

Back Button TMS320C6414TBCLZ6 Datasheet HTML 34Page - Texas Instruments TMS320C6414TBCLZ6 Datasheet HTML 35Page - Texas Instruments TMS320C6414TBCLZ6 Datasheet HTML 36Page - Texas Instruments TMS320C6414TBCLZ6 Datasheet HTML 37Page - Texas Instruments TMS320C6414TBCLZ6 Datasheet HTML 38Page - Texas Instruments TMS320C6414TBCLZ6 Datasheet HTML 39Page - Texas Instruments TMS320C6414TBCLZ6 Datasheet HTML 40Page - Texas Instruments TMS320C6414TBCLZ6 Datasheet HTML 41Page - Texas Instruments TMS320C6414TBCLZ6 Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 146 page
background image
TMS320C6414T, TMS320C6415T, TMS320C6416T
FIXEDPOINT DIGITAL SIGNAL PROCESSORS
SPRS226M − NOVEMBER 2003 − REVISED APRIL 2009
38
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
DEVICE CONFIGURATIONS (CONTINUED)
Table 27. PCI_EN and MCBSP2_EN Peripheral Selection (HPI, GP[15:9], PCI, and McBSP2)
PERIPHERAL SELECTION†
PERIPHERALS SELECTED
PCI_EN
Pin [AA4]
MCBSP2_EN
Pin [AF3]
HPI
GP[15:9]
PCI
EEPROM
(Internal to PCI)
McBSP2
0
0
0
1
1
0
1
1
† The PCI_EN pin must be driven valid at all times and the user must not switch values throughout device operation.
The MCBSP2_EN pin must be driven valid at all times and the user can switch values throughout device operation.
‡ The only time McBSP2 is disabled is when both PCI_EN = 1 and MCBSP2_EN = 0. This configuration enables, at reset, the auto-initialization
of the PCI peripheral through the PCI internal EEPROM [provided the PCI EEPROM Auto-Initialization pin (BEA13) is pulled up
(EEAI = 1)]. The user can then enable the McBSP2 peripheral (disabling EEPROM) by dynamically changing MCBSP2_EN to a “1” after the
device is initialized (out of reset).
If the PCI is disabled (PCI_EN = 0), the HPI peripheral is enabled and GP[15:9] pins can be programmed
as GPIO, provided the GPxEN and GPxDIR bits are properly configured. [Note: The PCI_EN pin must
be driven valid at all times and the user must not switch values throughout device operation.]
This means all multiplexed HPI/PCI pins function as HPI and all standalone PCI pins (PCBE0 and
XSP_CS) are tied-off (Hi-Z). Also, the multiplexed GPIO/PCI pins can be used as GPIO with the
proper software configuration of the GPIO enable and direction registers (for more details, see
Table 29).
If the PCI is enabled (PCI_EN = 1), the HPI peripheral is disabled. [Note: The PCI_EN pin must be driven
valid at all times and the user must not switch values throughout device operation.]
This means all multiplexed HPI/PCI pins function as PCI. Also, the multiplexed GPIO/PCI pins function
as PCI pins (for more details, see Table 29).
The MCBSP2_EN pin, in combination with the PCI_EN pin, controls the selection of the McBSP2
peripheral and the PCI internal EEPROM (for more details, see Table 27 and its footnotes). [Note: The
MCBSP2_EN pin must be driven valid at all times and the user can switch values throughout device
operation.]
other device configurations
Table 28 describes the C6414T, C6415T, and C6416T devices configuration pins, which are set up via external
pullup/pulldown resistors through the specified EMIFB address bus pins (BEA[20:13, 11, 9:7]) and the HD5 pin.
For more details on these device configuration pins, see the Terminal Functions table and the Debugging
Considerations section.


Similar Part No. - TMS320C6414TBCLZ6

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C6414TBGLZ7 TI-TMS320C6414TBGLZ7 Datasheet
2Mb / 142P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6414TBGLZA6 TI-TMS320C6414TBGLZA6 Datasheet
2Mb / 142P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
More results

Similar Description - TMS320C6414TBCLZ6

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320VC5407 TI-TMS320VC5407 Datasheet
1Mb / 110P
[Old version datasheet]   Fixed-Point Digital Signal Processors
TMS320C6211B TI-TMS320C6211B Datasheet
1Mb / 83P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
SM320C6414-EP TI1-SM320C6414-EP Datasheet
1,019Kb / 93P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
SMJ320C6414 TI1-SMJ320C6414_16 Datasheet
1Mb / 134P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6414 TI-TMS320C6414_04 Datasheet
1Mb / 139P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6202 TI-TMS320C6202 Datasheet
1Mb / 86P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6202 TI1-TMS320C6202_16 Datasheet
2Mb / 110P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C54X TI1-TMS320C54X_16 Datasheet
1Mb / 118P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320VC5510 TI1-TMS320VC5510_17 Datasheet
1Mb / 90P
[Old version datasheet]   Fixed-Point Digital Signal Processors
SM320C6414-EP TI1-SM320C6414-EP_16 Datasheet
1,010Kb / 93P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6416TBGLZA8 TI-TMS320C6416TBGLZA8 Datasheet
2Mb / 148P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com