Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C6414TBGLZ1 Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6414TBGLZ1
Description  FIXED-POINT DIGITAL SIGNAL PROCESSORS
Download  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C6414TBGLZ1 Datasheet(HTML) 39 Page - Texas Instruments

Back Button TMS320C6414TBGLZ1 Datasheet HTML 35Page - Texas Instruments TMS320C6414TBGLZ1 Datasheet HTML 36Page - Texas Instruments TMS320C6414TBGLZ1 Datasheet HTML 37Page - Texas Instruments TMS320C6414TBGLZ1 Datasheet HTML 38Page - Texas Instruments TMS320C6414TBGLZ1 Datasheet HTML 39Page - Texas Instruments TMS320C6414TBGLZ1 Datasheet HTML 40Page - Texas Instruments TMS320C6414TBGLZ1 Datasheet HTML 41Page - Texas Instruments TMS320C6414TBGLZ1 Datasheet HTML 42Page - Texas Instruments TMS320C6414TBGLZ1 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 146 page
background image
TMS320C6414T, TMS320C6415T, TMS320C6416T
FIXEDPOINT DIGITAL SIGNAL PROCESSORS
SPRS226M − NOVEMBER 2003 − REVISED APRIL 2009
39
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
DEVICE CONFIGURATIONS (CONTINUED)
Table 28. Device Configuration Pins (BEA[20:13, 9:7], HD5, and BEA11)
CONFIGURATION
PIN
NO.
FUNCTIONAL DESCRIPTION
BEA20
E16
Device Endian mode (LEND)
0
System operates in Big Endian mode
1
− System operates in Little Endian mode (default)
BEA[19:18]
[D18,
C18]
Bootmode [1:0]
00 –
No boot
01 − HPI boot
10 − EMIFB 8-bit ROM boot with default timings (default mode)
11 − Reserved
BEA[17:16]
[B18,
A18]
EMIFA input clock select
Clock mode select for EMIFA (AECLKIN_SEL[1:0])
00 –
AECLKIN (default mode)
01 − CPU/4 Clock Rate
10 − CPU/6 Clock Rate
11 − Reserved
BEA[15:14]
[D17,
C17]
EMIFB input clock select
Clock mode select for EMIFB (BECLKIN_SEL[1:0])
00 –
BECLKIN (default mode)
01 − CPU/4 Clock Rate
10 − CPU/6 Clock Rate
11 − Reserved
BEA13
B17
PCI EEPROM Auto-Initialization (EEAI) [C6415T and C6416T devices only]
[The C6414T device does not support the PCI peripheral; for proper device operation, do not oppose
the internal pulldown (IPD) on the BEA13 pin
.]
PCI auto-initialization via external EEPROM
0
− PCI auto-initialization through EEPROM is disabled; the PCI peripheral uses the specified
PCI default values (default).
1
− PCI auto-initialization through EEPROM is enabled; the PCI peripheral is configured
through EEPROM provided the PCI peripheral pin is enabled (PCI_EN = 1) and the
McBSP2 peripheral pin is disabled (MCBSP2_EN = 0).
Note: If the PCI peripheral is disabled (PCI_EN pin = 0), this pin must not be pulled up.
For more information on the PCI EEPROM default values, see the TMS320C6000 DSP Peripheral
Component Interconnect (PCI) Reference Guide (literature number SPRU581).
BEA11
D16
UTOPIA Enable (UTOPIA_EN) [C6415T and C6416T devices only]
[The C6414T device does not support the UTOPIA peripheral; for proper device operation, do not
oppose the internal pulldown (IPD) on the BEA11 pin
.]
UTOPIA peripheral enable (functional)
0
− UTOPIA peripheral disabled (McBSP1 functions are enabled). [default]
This means all multiplexed McBSP1/UTOPIA pins function as McBSP1 and all other
standalone UTOPIA pins are tied-off (Hi-Z).
1
− UTOPIA peripheral enabled (McBSP1 functions are disabled).
This means all multiplexed McBSP1/UTOPIA pins now function as UTOPIA and all other
standalone McBSP1 pins are tied-off (Hi-Z).


Similar Part No. - TMS320C6414TBGLZ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C6414TBGLZ7 TI-TMS320C6414TBGLZ7 Datasheet
2Mb / 142P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6414TBGLZA6 TI-TMS320C6414TBGLZA6 Datasheet
2Mb / 142P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
More results

Similar Description - TMS320C6414TBGLZ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320VC5407 TI-TMS320VC5407 Datasheet
1Mb / 110P
[Old version datasheet]   Fixed-Point Digital Signal Processors
TMS320C6211B TI-TMS320C6211B Datasheet
1Mb / 83P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
SM320C6414-EP TI1-SM320C6414-EP Datasheet
1,019Kb / 93P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
SMJ320C6414 TI1-SMJ320C6414_16 Datasheet
1Mb / 134P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6414 TI-TMS320C6414_04 Datasheet
1Mb / 139P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6202 TI-TMS320C6202 Datasheet
1Mb / 86P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6202 TI1-TMS320C6202_16 Datasheet
2Mb / 110P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C54X TI1-TMS320C54X_16 Datasheet
1Mb / 118P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320VC5510 TI1-TMS320VC5510_17 Datasheet
1Mb / 90P
[Old version datasheet]   Fixed-Point Digital Signal Processors
SM320C6414-EP TI1-SM320C6414-EP_16 Datasheet
1,010Kb / 93P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6416TBGLZA8 TI-TMS320C6416TBGLZA8 Datasheet
2Mb / 148P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com