Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV4112IPE4 Datasheet(PDF) 8 Page - Texas Instruments

Part # TLV4112IPE4
Description  FAMILY OF HIGH OUTPUT DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV4112IPE4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLV4112IPE4 Datasheet HTML 4Page - Texas Instruments TLV4112IPE4 Datasheet HTML 5Page - Texas Instruments TLV4112IPE4 Datasheet HTML 6Page - Texas Instruments TLV4112IPE4 Datasheet HTML 7Page - Texas Instruments TLV4112IPE4 Datasheet HTML 8Page - Texas Instruments TLV4112IPE4 Datasheet HTML 9Page - Texas Instruments TLV4112IPE4 Datasheet HTML 10Page - Texas Instruments TLV4112IPE4 Datasheet HTML 11Page - Texas Instruments TLV4112IPE4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
TLV4110, TLV4111, TLV4112, TLV4113
FAMILY OF HIGH OUTPUT DRIVE OPERATIONAL
AMPLIFIERS WITH SHUTDOWN
SLOS289E − DECEMBER 1999 − REVISED SEPTEMBER 2006
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 1
INPUT OFFSET VOLTAGE
vs
COMMON-MODE INPUT VOLTAGE
VICR − Common-Mode Input Voltage − V
0
0.4
0.8
1.2
1.6
2
2.4
2.8
3.2
−0.2
6000
4000
2000
0
−2000
−4000
−6000
VDD = 3 V
TA = 25°C
Figure 2
INPUT OFFSET VOLTAGE
vs
COMMON-MODE INPUT VOLTAGE
VDD = 5 V
TA = 25°C
VICR − Common-Mode Input Voltage − V
6000
4000
2000
0
−2000
−4000
−6000
−0.2
0.4
2.2
1.0 1.6
2.8 3.4 4.0 4.6 5.2
0
Figure 3
COMMON-MODE REJECTION RATIO
vs
FREQUENCY
VDD = 3 V
TA = 25°C
f − Frequency − Hz
100
1 k
1 M
10 k
100 k
10 M
120
110
100
90
80
70
60
50
40
Figure 4
HIGH-LEVEL OUTPUT VOLTAGE
vs
HIGH-LEVEL OUTPUT CURRENT
VDD = 3 V
IOH − High-Level Output Current − mA
TA = 70°C
TA = 25°C
TA = 0°C
TA = −40°C
3.0
2.9
2.8
2.7
2.6
2.5
2.4
2.3
2.0
0
50
200
100
150
250
300
2.2
2.1
TA = 125°C
Figure 5
TA = −40°C
LOW-LEVEL OUTPUT VOLTAGE
vs
LOW-LEVEL OUTPUT CURRENT
VDD = 3 V
IOL − Low-Level Output Current − mA
TA = 70°C
TA = 25°C
TA = 0°C
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.0
0
50
200
100
150
250
300
0.2
0.1
TA = 125°C
Figure 6
HIGH-LEVEL OUTPUT VOLTAGE
vs
HIGH-LEVEL OUTPUT CURRENT
VDD = 5 V
IOH − High-Level Output Current − mA
5.0
4.9
4.8
4.7
4.6
4.5
4.4
4.3
4.0
0
50
200
100
150
250
300
4.2
4.1
TA = −40°C
TA = 70°C
TA = 25°C
TA = 0°C
TA = 125°C
Figure 7
LOW-LEVEL OUTPUT VOLTAGE
vs
LOW-LEVEL OUTPUT CURRENT
VDD = 5 V
IOL − Low-Level Output Current − mA
TA = −40°C
TA = 125°C
TA = 70°C
TA = 25°C
TA = 0°C
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.0
0
50
200
100
150
250
300
0.2
0.1
Figure 8
OUTPUT IMPEDANCE
vs
FREQUENCY
VDD = 3 & 5 V
TA = 25°C
f − Frequency − Hz
100
1k
10k
0.10
1
10
100
A = 1
A = 100
A = 10
100k
1M
10M
Figure 9
SUPPLY CURRENT
vs
SUPPLY VOLTAGE
AV = 1
VIN = VDD/2 V
VDD − Supply Voltage − V
TA = −40°C
TA = 125°C
TA = 70°C
TA = 25°C
TA = 0°C
1200
1000
800
600
400
200
0
01
4
23
5
6


Similar Part No. - TLV4112IPE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV4112IP TI-TLV4112IP Datasheet
396Kb / 21P
[Old version datasheet]   FAMILY OF HIGH OUTPUT DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
More results

Similar Description - TLV4112IPE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV4110 TI-TLV4110 Datasheet
396Kb / 21P
[Old version datasheet]   FAMILY OF HIGH OUTPUT DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV4113-EP TI1-TLV4113-EP Datasheet
884Kb / 25P
[Old version datasheet]   HIGH-OUTPUT-DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2470 TI1-TLV2470_16 Datasheet
2Mb / 64P
[Old version datasheet]   FAMILY OF 600muA/Ch 2.8MHz RAIL-TO-RAIL INPUT/OUTPUT HIGH-DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2470 TI-TLV2470_07 Datasheet
2Mb / 53P
[Old version datasheet]   FAMILY OF 600mA/Ch 2.8MHz RAIL-TO-RAIL INPUT/OUTPUT HIGH-DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2770 TI-TLV2770_07 Datasheet
1Mb / 65P
[Old version datasheet]   FAMILY OF 2.7-HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2780 TI-TLV2780 Datasheet
901Kb / 32P
[Old version datasheet]   FAMILY OF 1.8V HIGH SPEED RAIL TO RAIL INPUT OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLC080 TI1-TLC080_16 Datasheet
2Mb / 53P
[Old version datasheet]   FAMILY OF WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
TLC070 TI1-TLC070_16 Datasheet
1Mb / 54P
[Old version datasheet]   FAMILY OF WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
TLC070 TI-TLC070_08 Datasheet
1Mb / 50P
[Old version datasheet]   FAMILY OF WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
TLC080 TI-TLC080_06 Datasheet
1Mb / 48P
[Old version datasheet]   FAMILY OF WIDE - BANDWITH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com