Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C6415TBGLZ1 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6415TBGLZ1
Description  FIXED-POINT DIGITAL SIGNAL PROCESSORS
Download  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C6415TBGLZ1 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TMS320C6415TBGLZ1 Datasheet HTML 6Page - Texas Instruments TMS320C6415TBGLZ1 Datasheet HTML 7Page - Texas Instruments TMS320C6415TBGLZ1 Datasheet HTML 8Page - Texas Instruments TMS320C6415TBGLZ1 Datasheet HTML 9Page - Texas Instruments TMS320C6415TBGLZ1 Datasheet HTML 10Page - Texas Instruments TMS320C6415TBGLZ1 Datasheet HTML 11Page - Texas Instruments TMS320C6415TBGLZ1 Datasheet HTML 12Page - Texas Instruments TMS320C6415TBGLZ1 Datasheet HTML 13Page - Texas Instruments TMS320C6415TBGLZ1 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 146 page
background image
TMS320C6414T, TMS320C6415T, TMS320C6416T
FIXEDPOINT DIGITAL SIGNAL PROCESSORS
SPRS226M − NOVEMBER 2003 − REVISED APRIL 2009
10
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
CPU (DSP core) description (continued)
The two .M functional units perform all multiplication operations. Each of the C64x .M units can perform two
16
× 16-bit multiplies or four 8 × 8-bit multiplies per clock cycle. The .M unit can also perform 16 × 32-bit multiply
operations, dual 16
× 16-bit multiplies with add/subtract operations, and quad 8 × 8-bit multiplies with add
operations. In addition to standard multiplies, the C64x .M units include bit-count, rotate, Galois field multiplies,
and bidirectional variable shift hardware.
The two .S and .L functional units perform a general set of arithmetic, logical, and branch functions with results
available every clock cycle. The arithmetic and logical functions on the C64x CPU include single 32-bit, dual
16-bit, and quad 8-bit operations.
The processing flow begins when a 256-bit-wide instruction fetch packet is fetched from a program memory.
The 32-bit instructions destined for the individual functional units are “linked” together by “1” bits in the least
significant bit (LSB) position of the instructions. The instructions that are “chained” together for simultaneous
execution (up to eight in total) compose an execute packet. A “0” in the LSB of an instruction breaks the chain,
effectively placing the instructions that follow it in the next execute packet. A C64x
 DSP device enhancement
now allows execute packets to cross fetch-packet boundaries. In the TMS320C62x
/TMS320C67x DSP
devices, if an execute packet crosses the fetch-packet boundary (256 bits wide), the assembler places it in the
next fetch packet, while the remainder of the current fetch packet is padded with NOP instructions. In the C64x
DSP device, the execute boundary restrictions have been removed, thereby, eliminating all of the NOPs added
to pad the fetch packet, and thus, decreasing the overall code size. The number of execute packets within a
fetch packet can vary from one to eight. Execute packets are dispatched to their respective functional units at
the rate of one per clock cycle and the next 256-bit fetch packet is not fetched until all the execute packets from
the current fetch packet have been dispatched. After decoding, the instructions simultaneously drive all active
functional units for a maximum execution rate of eight instructions every clock cycle. While most results are
stored in 32-bit registers, they can be subsequently moved to memory as bytes, half-words, words, or
doublewords. All load and store instructions are byte-, half-word-, word-, or doubleword-addressable.
For more details on the C64x CPU functional units enhancements, see the following documents:
The TMS320C6000 CPU and Instruction Set Reference Guide (literature number SPRU189)
TMS320C64x Technical Overview (literature number SPRU395)
For more detailed information on the device compatibility, similarities/differences, and migration from the
TMS320C6414/15/16 devices to the TMS320C6414T/15T/16T devices, see the following document:
Migrating From TMS320C6416/15/14 to TMS320C6416T/15T/14T application report (literature number
SPRA981).
TMS320C67x is a trademark of Texas Instruments.


Similar Part No. - TMS320C6415TBGLZ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C6415T TI-TMS320C6415T Datasheet
2Mb / 142P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6415T TI-TMS320C6415T Datasheet
2Mb / 142P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6415TGLZ1 TI-TMS320C6415TGLZ1 Datasheet
2Mb / 142P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6415TGLZ6 TI-TMS320C6415TGLZ6 Datasheet
2Mb / 142P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6415TGLZ7 TI-TMS320C6415TGLZ7 Datasheet
2Mb / 142P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
More results

Similar Description - TMS320C6415TBGLZ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320VC5407 TI-TMS320VC5407 Datasheet
1Mb / 110P
[Old version datasheet]   Fixed-Point Digital Signal Processors
TMS320C6211B TI-TMS320C6211B Datasheet
1Mb / 83P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
SM320C6414-EP TI1-SM320C6414-EP Datasheet
1,019Kb / 93P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
SMJ320C6414 TI1-SMJ320C6414_16 Datasheet
1Mb / 134P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6414 TI-TMS320C6414_04 Datasheet
1Mb / 139P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6202 TI-TMS320C6202 Datasheet
1Mb / 86P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6202 TI1-TMS320C6202_16 Datasheet
2Mb / 110P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C54X TI1-TMS320C54X_16 Datasheet
1Mb / 118P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320VC5510 TI1-TMS320VC5510_17 Datasheet
1Mb / 90P
[Old version datasheet]   Fixed-Point Digital Signal Processors
SM320C6414-EP TI1-SM320C6414-EP_16 Datasheet
1,010Kb / 93P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6416TBGLZA8 TI-TMS320C6416TBGLZA8 Datasheet
2Mb / 148P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com