Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320DM8168SCYG4 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM8168SCYG4
Description  TMS320DM816x DaVinci Video Processors
Download  327 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM8168SCYG4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TMS320DM8168SCYG4 Datasheet HTML 6Page - Texas Instruments TMS320DM8168SCYG4 Datasheet HTML 7Page - Texas Instruments TMS320DM8168SCYG4 Datasheet HTML 8Page - Texas Instruments TMS320DM8168SCYG4 Datasheet HTML 9Page - Texas Instruments TMS320DM8168SCYG4 Datasheet HTML 10Page - Texas Instruments TMS320DM8168SCYG4 Datasheet HTML 11Page - Texas Instruments TMS320DM8168SCYG4 Datasheet HTML 12Page - Texas Instruments TMS320DM8168SCYG4 Datasheet HTML 13Page - Texas Instruments TMS320DM8168SCYG4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 327 page
background image
TMS320DM8168, TMS320DM8167
TMS320DM8166, TMS320DM8165
SPRS614D – MARCH 2011 – REVISED JANUARY 2013
www.ti.com
Table 2-2. Characteristics of the Processor (continued)
HARDWARE FEATURES
DM8168, DM6187, DM8166 and DM6185
ADDITIONAL SHARED MEMORY
512KB On-chip RAM
CPU ID + CPU Rev ID
Control Status Register (CSR.[31:16])
0x1003
C674x Megamodule Revision
Revision ID Register (MM_REVID[15:0])
0x0000
JTAG BSDL_ID
JTAGID Register
0x2B81 E02F
ARM Cortex-A8: 1000 MHz
DM8168 - ARM:
1000; DSP: 800
DSP: 800 MHz
ARM Cortex-A8: 1200 MHz
DM8168 - ARM:
CPU Frequency(1)
MHz
1200; DSP: 1000
DSP: 1000 MHz
ARM Cortex-A8: 1350 MHz
DM8168 - ARM:
1350; DSP: 1125
DSP: 1125 MHz
ARM Cortex-A8: 1.00 ns
DM8168 - ARM:
1000; DSP: 800
DSP: 1.25 ns
ARM Cortex-A8: 0.83 ns
DM8168 - ARM:
Cycle Time
ns
1200; DSP: 1000
DSP: 1.00 ns
ARM Cortex-A8: 0.74 ns
DM8168 - ARM:
1350; DSP: 1125
DSP: 0.89 ns
Core Logic (V)
1.0 V with Required AVS Capability
USB Logic (V)
0.9 V
Voltage
RAM (V)
1.0 V
IO (V)
1.5 V, 1.8 V, 3.3 V
Package
25 x 25 mm
1031-Pin BGA (CYG)
Process Technology
µm
0.04 µm
Product Preview (PP),
Product Status(2)
Advance Information (AI),
PD
or Production Data (PD)
(1)
For more information on the available device speed ranges for each part number, see Table 9-1.
(2)
PRODUCTION DATA information is current as of publication date. Products conform to specifications per the terms of Texas
Instruments standard warranty. Production processing does not necessarily include testing of all parameters.
2.3
ARM Subsystem
The ARM subsystem is designed to give the ARM Cortex-A8 master control of the device. In general, the
ARM Cortex-A8 is responsible for configuration and control of the various subsystem, peripherals, and
external memories.
The ARM subsystem includes the following features:
ARM Cortex-A8 RISC processor:
ARMv7 ISA plus Thumb®-2, Jazelle-X, and media extensions
NEON floating-point unit
Enhanced memory management unit (MMU)
Little Endian
32KB L1 instruction cache
32KB L1 data cache
256KB L2 cache
Foresight embedded trace module (ETM)
ARM Cortex-A8 interrupt controller (AINTC)
64KB internal RAM
48KB internal public ROM.
10
Device Overview
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TMS320DM8168 TMS320DM8167 TMS320DM8166 TMS320DM8165


Similar Part No. - TMS320DM8168SCYG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320DM8168SCYG4 TI1-TMS320DM8168SCYG4 Datasheet
2Mb / 328P
[Old version datasheet]   DaVinci Digital Media Processors
More results

Similar Description - TMS320DM8168SCYG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320DM8168 TI1-TMS320DM8168 Datasheet
2Mb / 312P
[Old version datasheet]   TMS320DM816x DaVinci Digital Media Processors
MARCH2011
TMS320DM8127 TI1-TMS320DM8127 Datasheet
2Mb / 365P
[Old version datasheet]   DaVinci Video Processors
TMS320DM8127 TI1-TMS320DM8127_14 Datasheet
2Mb / 365P
[Old version datasheet]   DaVinci Video Processors
TMS320DM8148 TI1-TMS320DM8148_16 Datasheet
2Mb / 376P
[Old version datasheet]   DaVinci Video Processors
TMS320DM8148 TI1-TMS320DM8148_17 Datasheet
2Mb / 377P
[Old version datasheet]   DaVinci Video Processors
TMS320DM8148 TI1-TMS320DM8148_13 Datasheet
2Mb / 370P
[Old version datasheet]   TMS320DM814x DaVinci?줧ideo Processors
TMS320DM8148_1109 TI1-TMS320DM8148_1109 Datasheet
2Mb / 360P
[Old version datasheet]   TMS320DM814x DaVinci Digital Media Processors
TMS320DM8168 TI1-TMS320DM8168_15 Datasheet
2Mb / 328P
[Old version datasheet]   DaVinci Digital Media Processors
TMS320DM8148 TI1-TMS320DM8148 Datasheet
2Mb / 343P
[Old version datasheet]   TMS320DM814x DaVinci??Digital Media Processors
MARCH2011
9900 TI-9900 Datasheet
5Mb / 104P
[Old version datasheet]   Video Display Processors
NOVEMBER 1982
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com