Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS370C356ANMT Datasheet(PDF) 2 Page - Texas Instruments

Part # TMS370C356ANMT
Description  8-BIT MICROCONTROLLER
Download  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS370C356ANMT Datasheet(HTML) 2 Page - Texas Instruments

  TMS370C356ANMT Datasheet HTML 1Page - Texas Instruments TMS370C356ANMT Datasheet HTML 2Page - Texas Instruments TMS370C356ANMT Datasheet HTML 3Page - Texas Instruments TMS370C356ANMT Datasheet HTML 4Page - Texas Instruments TMS370C356ANMT Datasheet HTML 5Page - Texas Instruments TMS370C356ANMT Datasheet HTML 6Page - Texas Instruments TMS370C356ANMT Datasheet HTML 7Page - Texas Instruments TMS370C356ANMT Datasheet HTML 8Page - Texas Instruments TMS370C356ANMT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 75 page
background image
TMS370Cx5x
8-BIT MICROCONTROLLER
SPNS010F – DECEMBER 1986 – REVISED FEBRUARY 1997
2
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
Pin Descriptions
PIN
NAME
ALTERNATE
FUNCTION
SDIP
(64)
LCC
(68)
I/O†
DESCRIPTION‡
A0
A1
A2
A3
A4
A5
A6
A7
DATA0
DATA1
DATA2
DATA3
DATA4
DATA5
DATA6
DATA7
15
16
17
18
19
20
21
22
17
18
19
20
21
22
23
24
I/O
Single-chip mode: Port A is a general-purpose bidirectional I/O port.
Expansion mode: Port A can be individually programmed as the external
bidirectional data bus (DATA0 – DATA7).
B0
B1
B2
B3
B4
B5
B6
B7
ADDR0
ADDR1
ADDR2
ADDR3
ADDR4
ADDR5
ADDR6
ADDR7
60
61
62
63
64
1
2
3
65
66
67
68
1
2
3
4
I/O
Single-chip mode: Port B is a general-purpose bidirectional I/O port.
Expansion mode: Port B can be individually programmed as the low-order address
output bus (ADDR0 – ADDR7).
C0
C1
C2
C3
C4
C5
C6
C7
ADDR8
ADDR9
ADDR10
ADDR11
ADDR12
ADDR13
ADDR14
ADDR15
4
6
7
9
10
11
12
13
5
7
8
10
11
12
13
14
I/O
Single-chip mode: Port C is a general-purpose bidirectional I/O port.
Expansion mode: Port C can be individually programmed as the high-order address
output bus (ADDR8 – ADDR15).
INT1
INT2
INT3
NMI
50
49
48
52
51
50
I
I/O
I/O
External (nonmaskable or maskable) interrupt/general-purpose input pin
External maskable interrupt input/general-purpose bidirectional pin
External maskable interrupt input/general-purpose bidirectional pin
AN0
AN1
AN2
AN3
AN4
AN5
AN6
AN7
E0
E1
E2
E3
E4
E5
E6
E7
14
34
35
36
37
38
39
42
36
37
38
39
40
41
42
43
I
ADC1 analog input (AN0 – AN7) or positive reference pins (AN1 – AN7)
Port E can be individually programmed as general-purpose input pins if not used
as ADC1 analog input or positive reference input.
VCC3
VSS3
32
33
34
35
ADC1 positive-supply voltage and optional positive-reference input pin
ADC1 ground reference pin
RESET
51
53
I/O
System reset bidirectional pin. RESET, as an input, initializes the microcontroller;
as open-drain output, RESET indicates an internal failure was detected by the
watchdog or oscillator fault circuit.
MC
5
6
I
Mode control (MC) pin. MC enables EEPROM write-protection override (WPO)
mode, also EPROM VPP.
XTAL2/CLKIN
XTAL1
29
30
31
32
I
O
Internal oscillator crystal input / external clock source input
Internal oscillator output for crystal
VCC1
31, 57
33,
61
Positive supply voltage
VCC2
15,63
Positive supply voltage
† I = input, O = output
‡ Ports A, B, C, and D can be configured only as general-purpose I/O pins. Also, port D3 can be configured as SYSCLK.


Similar Part No. - TMS370C356ANMT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS370C356A TI-TMS370C356A Datasheet
1Mb / 77P
[Old version datasheet]   8-BIT MICROCONTROLLER
TMS370C356A TI1-TMS370C356A Datasheet
1Mb / 75P
[Old version datasheet]   8-BIT MICROCONTROLLER
TMS370C356AYYZ TI-TMS370C356AYYZ Datasheet
930Kb / 78P
[Old version datasheet]   TMS370 MICROCONTROLLER FAMILY DATA BOOK
More results

Similar Description - TMS370C356ANMT

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com