Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS1101D Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS1101D
Description  SINGLE P-CHANNEL ENHANCEMENT-MODE MOSFETS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS1101D Datasheet(HTML) 5 Page - Texas Instruments

  TPS1101D Datasheet HTML 1Page - Texas Instruments TPS1101D Datasheet HTML 2Page - Texas Instruments TPS1101D Datasheet HTML 3Page - Texas Instruments TPS1101D Datasheet HTML 4Page - Texas Instruments TPS1101D Datasheet HTML 5Page - Texas Instruments TPS1101D Datasheet HTML 6Page - Texas Instruments TPS1101D Datasheet HTML 7Page - Texas Instruments TPS1101D Datasheet HTML 8Page - Texas Instruments TPS1101D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
TPS1101, TPS1101Y
SINGLE P-CHANNEL ENHANCEMENT-MODE MOSFETS
SLVS079C – DECEMBER 1993 – REVISED AUGUST 1995
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
Figure 1. Switching-Time Test Circuit
RG
DUT
RL
VDD
+
VGS
VDS
Figure 2. Switching-Time Waveforms
td(on)
tr
VDS
td(off)
tf
VGS
90%
10%
0 V
– 10 V
TYPICAL CHARACTERISTICS
Table of Graphs
FIGURE
Drain current
vs Drain-to-source voltage
3
Drain current
vs Gate-to-source voltage
4
Static drain-to-source on-state resistance
vs Drain current
5
Capacitance
vs Drain-to-source voltage
6
Static drain-to-source on-state resistance (normalized)
vs Junction temperature
7
Source-to-drain diode current
vs Source-to-drain voltage
8
Static drain-to-source on-state resistance
vs Gate-to-source voltage
9
Gate-to-source threshold voltage
vs Junction temperature
10
Gate-to-source voltage
vs Gate charge
11


Similar Part No. - TPS1101D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS1101D TI-TPS1101D Datasheet
161Kb / 10P
[Old version datasheet]   SINGLE P-CHANNEL ENHANCEMENT-MODE MOSFETS
logo
VBsemi Electronics Co.,...
TPS1101DRG4 VBSEMI-TPS1101DRG4 Datasheet
899Kb / 6P
   P-Channel 12-V (D-S) MOSFET
logo
Texas Instruments
TPS1101DW TI-TPS1101DW Datasheet
161Kb / 10P
[Old version datasheet]   SINGLE P-CHANNEL ENHANCEMENT-MODE MOSFETS
More results

Similar Description - TPS1101D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS1101 TI-TPS1101 Datasheet
161Kb / 10P
[Old version datasheet]   SINGLE P-CHANNEL ENHANCEMENT-MODE MOSFETS
TPS1100DR TI1-TPS1100DR Datasheet
700Kb / 14P
[Old version datasheet]   SINGLE P-CHANNEL ENHANCEMENT-MODE MOSFETS
TPS1100 TI-TPS1100 Datasheet
155Kb / 10P
[Old version datasheet]   SINGLE P-CHANNEL ENHANCEMENT-MODE MOSFETS
logo
Dongguan City Niuhang E...
NH2305A NIUHANG-NH2305A Datasheet
3Mb / 9P
   P-CHANNEL ENHANCEMENT-MODE MOSFETS
logo
Guilin Strong Micro-Ele...
GMS2301 GSME-GMS2301 Datasheet
268Kb / 3P
   P-Channel Enhancement-Mode MOSFETs
logo
Dongguan City Niuhang E...
NH2301 NIUHANG-NH2301 Datasheet
3Mb / 8P
   P-CHANNEL ENHANCEMENT-MODE MOSFETS
NH3401 NIUHANG-NH3401 Datasheet
2Mb / 3P
   P-CHANNEL ENHANCEMENT-MODE MOSFETS
logo
Texas Instruments
TPS1120 TI-TPS1120 Datasheet
180Kb / 12P
[Old version datasheet]   DUAL P-CHANNEL ENHANCEMENT-MODE MOSFETS
TPS1120 TI1-TPS1120_08 Datasheet
379Kb / 15P
[Old version datasheet]   DUAL P-CHANNEL ENHANCEMENT-MODE MOSFETS
logo
Silicon Standard Corp.
SSM4953M SSC-SSM4953M Datasheet
115Kb / 6P
   P-CHANNEL ENHANCEMENT-MODE POWER MOSFETS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com