Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2205IDB Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2205IDB
Description  DUAL-SLOT PC CARD POWER-INTERFACE SWITCH FOR PARALLEL PCMCIA CONTROLLERS
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2205IDB Datasheet(HTML) 1 Page - Texas Instruments

  TPS2205IDB Datasheet HTML 1Page - Texas Instruments TPS2205IDB Datasheet HTML 2Page - Texas Instruments TPS2205IDB Datasheet HTML 3Page - Texas Instruments TPS2205IDB Datasheet HTML 4Page - Texas Instruments TPS2205IDB Datasheet HTML 5Page - Texas Instruments TPS2205IDB Datasheet HTML 6Page - Texas Instruments TPS2205IDB Datasheet HTML 7Page - Texas Instruments TPS2205IDB Datasheet HTML 8Page - Texas Instruments TPS2205IDB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
TPS2205
DUALSLOT PC CARD POWERINTERFACE SWITCH
FOR PARALLEL PCMCIA CONTROLLERS
SLVS128E OCTOBER 1995 − REVISED JANUARY 2001
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Fully Integrated VCC and Vpp Switching for
Dual-Slot PC Card
 Interface
D Compatible With Controllers From Cirrus,
Ricoh, O2Micro, Intel, and Texas Instruments
D 3.3-V Low-Voltage Mode
D Meets PC Card Standards
D 12-V Supply Can Be Disabled Except During
12-V Flash Programming
D Short Circuit and Thermal Protection
D 30-Pin SSOP (DB) and 32-Pin TSSOP (DAP)
D Compatible With 3.3-V, 5-V and 12-V PC Cards
D Low rDS(on) (140-mΩ 5-V VCC Switch; 110-mΩ
3.3-V VCC Switch)
D Break-Before-Make Switching
description
The TPS2205 PC Card power-interface switch
provides
an
integrated
power-management
solution for two PC Cards. All of the discrete
power MOSFETs, a logic section, current limiting,
and thermal protection for PC Card control are
combined on a single integrated circuit (IC), using
the Texas Instruments LinBiCMOS
 process.
The circuit allows the distribution of 3.3-V, 5-V,
and/or 12-V card power, and is compatible with
many PCMCIA controllers. The current-limiting
feature eliminates the need for fuses, which
reduces
component
count
and
improves
reliability.
The TPS2205 is backward compatible with the
TPS2201, except that there is no VDD connection.
Bias current is derived from either the 3.3-V input
pin or the 5-V input pin. The TPS2205 also
eliminates the APWR_GOOD and BPWR_GOOD
pins of the TPS2201.
The TPS2205 features a 3.3-V low-voltage mode that allows for 3.3-V switching without the need for 5 V. This
facilitates low-power system designs such as sleep mode and pager mode where only 3.3 V is available.
End equipment for the TPS2205 includes notebook computers, desktop computers, personal digital assistants
(PDAs), digital cameras, and bar-code scanners.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
LinBiCMOS is a trademark of Texas Instruments.
PC Card is a trademark of PCMCIA (Personal Computer Memory Card International Association).
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright
 2001, Texas Instruments Incorporated
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
5V
5V
A_VPP_PGM
A_VPP_VCC
A_VCC5
A_VCC3
12V
AVPP
AVCC
AVCC
AVCC
GND
NC
SHDN
3.3V
5V
B_VPP_PGM
B_VPP_VCC
B_VCC5
B_VCC3
NC
12V
BVPP
BVCC
BVCC
BVCC
NC
OC
3.3V
3.3V
DB OR DF PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
5V
5V
NC
A_VPP_PGM
A_VPP_VCC
A_VCC5
A_VCC3
12V
AVPP
AVCC
AVCC
AVCC
GND
SHDN
NC
3.3V
5V
NC
B_VPP_PGM
B_VPP_VCC
B_VCC5
NC
B_VCC3
12V
BVPP
BVCC
BVCC
BVCC
OC
NC
3.3V
3.3V
DAP PACKAGE
(TOP VIEW)
NC − No internal connection


Similar Part No. - TPS2205IDB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2205 TI-TPS2205 Datasheet
463Kb / 28P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCH FOR PARALLEL PCMCIA CONTROLLERS
TPS2205DAP TI-TPS2205DAP Datasheet
463Kb / 28P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCH FOR PARALLEL PCMCIA CONTROLLERS
TPS2205DB TI-TPS2205DB Datasheet
463Kb / 28P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCH FOR PARALLEL PCMCIA CONTROLLERS
TPS2205DF TI-TPS2205DF Datasheet
463Kb / 28P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCH FOR PARALLEL PCMCIA CONTROLLERS
More results

Similar Description - TPS2205IDB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2205 TI-TPS2205 Datasheet
463Kb / 28P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCH FOR PARALLEL PCMCIA CONTROLLERS
TPS2211 TI-TPS2211 Datasheet
323Kb / 22P
[Old version datasheet]   SINGLE-SLOT PC CARD POWER INTERFACE SWITCH FOR PARALLEL PCMCIA CONTROLLERS
TPS2211A TI-TPS2211A Datasheet
454Kb / 19P
[Old version datasheet]   SINGLE-SLOT PC CARD POWER INTERFACE SWITCH FOR PARALLEL PCMCIA CONTROLLERS
TPS2211 TI1-TPS2211_12 Datasheet
661Kb / 23P
[Old version datasheet]   SINGLE-SLOT PC CARD POWER INTERFACE SWITCH FOR PARALLEL PCMCIA CONTROLLERS
TPS2211A TI1-TPS2211A_16 Datasheet
879Kb / 28P
[Old version datasheet]   SINGLE-SLOT PC CARD POWER INTERFACE SWITCH FOR PARALLEL PCMCIA CONTROLLERS
TPS2201IDFR TI-TPS2201IDFR Datasheet
922Kb / 25P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCHES FOR PARALLEL PCMCIA CONTROLLERS
TPS2201 TI-TPS2201 Datasheet
478Kb / 23P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCHES FOR PARALLEL PCMCIA CONTROLLERS
TPS2214 TI-TPS2214 Datasheet
351Kb / 26P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCH FOR SERIAL PCMCIA CONTROLLERS
TPS2216 TI-TPS2216 Datasheet
371Kb / 27P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCH FOR SERIAL PCMCIA CONTROLLERS
TPS2228 TI-TPS2228 Datasheet
175Kb / 23P
[Old version datasheet]   PC CARD POWER-INTERFACE SWITCH FOR PCMCIA CONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com