Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2205IDBRG4 Datasheet(PDF) 8 Page - Texas Instruments

Part # TPS2205IDBRG4
Description  DUAL-SLOT PC CARD POWER-INTERFACE SWITCH FOR PARALLEL PCMCIA CONTROLLERS
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2205IDBRG4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS2205IDBRG4 Datasheet HTML 4Page - Texas Instruments TPS2205IDBRG4 Datasheet HTML 5Page - Texas Instruments TPS2205IDBRG4 Datasheet HTML 6Page - Texas Instruments TPS2205IDBRG4 Datasheet HTML 7Page - Texas Instruments TPS2205IDBRG4 Datasheet HTML 8Page - Texas Instruments TPS2205IDBRG4 Datasheet HTML 9Page - Texas Instruments TPS2205IDBRG4 Datasheet HTML 10Page - Texas Instruments TPS2205IDBRG4 Datasheet HTML 11Page - Texas Instruments TPS2205IDBRG4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
TPS2205
DUALSLOT PC CARD POWERINTERFACE SWITCH
FOR PARALLEL PCMCIA CONTROLLERS
SLVS128E OCTOBER 1995 − REVISED JANUARY 2001
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
LOAD CIRCUIT
CL
ton
VOLTAGE WAVEFORMS
VI(12V)
GND
50%
50%
90%
VDD
GND
VX_VPP_PGM
VO(xVPP)
Vpp
LOAD CIRCUIT
CL
VCC
ton
toff
VOLTAGE WAVEFORMS
VI(5V)
GND
50%
50%
90%
10%
VDD
GND
Vx_VCCx
VO(xVCC)
10%
toff
Figure 1. Test Circuits and Voltage Waveforms
Table of Timing Diagrams
FIGURE
xVCC Propagation Delay and Rise Time With 1-
µF Load, 3.3-V Switch, VI(5V) = 5 V
2
xVCC Propagation Delay and Fall Time With 1-
µF Load, 3.3-V Switch, VI(5V) = 5 V
3
xVCC Propagation Delay and Rise Time With 150-
µF Load, 3.3-V Switch, VI(5V) = 5 V
4
xVCC Propagation Delay and Fall Time With 150-
µF Load, 3.3-V Switch, VI(5V) = 5 V
5
xVCC Propagation Delay and Rise Time With 1-
µF Load, 3.3-V Switch, VI(5V) = 0
6
xVCC Propagation Delay and Fall Time With 1-
µF Load, 3.3-V Switch, VI(5V) = 0
7
xVCC Propagation Delay and Rise Time With 150-
µF Load, 3.3-V Switch, VI(5V) = 0
8
xVCC Propagation Delay and Fall Time With 150-
µF Load, 3.3-V Switch, VI(5V) = 0
9
xVCC Propagation Delay and Rise Time With 1-
µF Load, 5-V Switch
10
xVCC Propagation Delay and Fall Time With 1-
µF Load, 5-V Switch
11
xVCC Propagation Delay and Rise Time With 150-
µF Load, 5-V Switch
12
xVCC Propagation Delay and Fall Time With 150-
µF Load, 5-V Switch
13
xVPP Propagation Delay and Rise Time With 1-
µF Load, 12-V Switch
14
xVPP Propagation Delay and Fall Time With 1-
µF Load, 12-V Switch
15
xVPP Propagation Delay and Rise Time With 150-
µF Load, 12-V Switch
16
xVPP Propagation Delay and Fall Time With 150-
µF Load, 12-V Switch
17


Similar Part No. - TPS2205IDBRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2205 TI-TPS2205 Datasheet
463Kb / 28P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCH FOR PARALLEL PCMCIA CONTROLLERS
TPS2205DAP TI-TPS2205DAP Datasheet
463Kb / 28P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCH FOR PARALLEL PCMCIA CONTROLLERS
TPS2205DB TI-TPS2205DB Datasheet
463Kb / 28P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCH FOR PARALLEL PCMCIA CONTROLLERS
TPS2205DF TI-TPS2205DF Datasheet
463Kb / 28P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCH FOR PARALLEL PCMCIA CONTROLLERS
More results

Similar Description - TPS2205IDBRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2205 TI-TPS2205 Datasheet
463Kb / 28P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCH FOR PARALLEL PCMCIA CONTROLLERS
TPS2211 TI-TPS2211 Datasheet
323Kb / 22P
[Old version datasheet]   SINGLE-SLOT PC CARD POWER INTERFACE SWITCH FOR PARALLEL PCMCIA CONTROLLERS
TPS2211A TI-TPS2211A Datasheet
454Kb / 19P
[Old version datasheet]   SINGLE-SLOT PC CARD POWER INTERFACE SWITCH FOR PARALLEL PCMCIA CONTROLLERS
TPS2211 TI1-TPS2211_12 Datasheet
661Kb / 23P
[Old version datasheet]   SINGLE-SLOT PC CARD POWER INTERFACE SWITCH FOR PARALLEL PCMCIA CONTROLLERS
TPS2211A TI1-TPS2211A_16 Datasheet
879Kb / 28P
[Old version datasheet]   SINGLE-SLOT PC CARD POWER INTERFACE SWITCH FOR PARALLEL PCMCIA CONTROLLERS
TPS2201IDFR TI-TPS2201IDFR Datasheet
922Kb / 25P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCHES FOR PARALLEL PCMCIA CONTROLLERS
TPS2201 TI-TPS2201 Datasheet
478Kb / 23P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCHES FOR PARALLEL PCMCIA CONTROLLERS
TPS2214 TI-TPS2214 Datasheet
351Kb / 26P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCH FOR SERIAL PCMCIA CONTROLLERS
TPS2216 TI-TPS2216 Datasheet
371Kb / 27P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCH FOR SERIAL PCMCIA CONTROLLERS
TPS2228 TI-TPS2228 Datasheet
175Kb / 23P
[Old version datasheet]   PC CARD POWER-INTERFACE SWITCH FOR PCMCIA CONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com