Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2031PE4 Datasheet(PDF) 9 Page - Texas Instruments

Part # TPS2031PE4
Description  POWER-DISTRIBUTION SWITCHES
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2031PE4 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS2031PE4 Datasheet HTML 5Page - Texas Instruments TPS2031PE4 Datasheet HTML 6Page - Texas Instruments TPS2031PE4 Datasheet HTML 7Page - Texas Instruments TPS2031PE4 Datasheet HTML 8Page - Texas Instruments TPS2031PE4 Datasheet HTML 9Page - Texas Instruments TPS2031PE4 Datasheet HTML 10Page - Texas Instruments TPS2031PE4 Datasheet HTML 11Page - Texas Instruments TPS2031PE4 Datasheet HTML 12Page - Texas Instruments TPS2031PE4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
www.ti.com
1
2
3
4
5
6
7
8
9
10
t − Time − ms
VI(EN) (5 V/div)
0
IO(OUT) (1 A/div)
VI(EN)
IO(OUT)
VI(IN) = 5 V
TA = 25°C
TPS2034
TPS2033
TPS2032
TPS2031
TPS2030
20
40
60
80 100 120 140 160 180 200
t − Time − ms
VO(OC) (5 V/div)
0
IO(OUT) (500 mA/div)
VO(OC)
IO(OUT)
VI(IN) = 5 V
TA = 25°C
20
40
60
80 100 120 140 160 180 200
t − Time − ms
VO(OC) (5 V/div)
0
IO(OUT) (1 A/div)
VO(OC)
IO(OUT)
VI(IN) = 5 V
TA = 25°C
20
40
60
80 100 120 140 160 180 200
t − Time − ms
VO(OC) (5 V/div)
0
IO(OUT) (1 A/div)
VO(OC)
IO(OUT)
VI(IN) = 5 V
TA = 25°C
TPS2030, TPS2031
TPS2032, TPS2033, TPS2034
SLVS190C – DECEMBER 1998 – REVISED OCTOBER 2007
Figure 6. Device Enabled Into Short
Figure 7. TPS2030, Ramped Load on Enabled Device
Figure 8. TPS2031, Ramped Load on Enabled Device
Figure 9. TPS2032, Ramped Load on Enabled Device
Copyright © 1998–2007, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): TPS2030 TPS2031 TPS2032 TPS2033 TPS2034


Similar Part No. - TPS2031PE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2031P TI-TPS2031P Datasheet
376Kb / 23P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
More results

Similar Description - TPS2031PE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2030 TI-TPS2030 Datasheet
376Kb / 23P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2010A TI-TPS2010A Datasheet
356Kb / 22P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
logo
Unisonic Technologies
US202 UTC-US202_15 Datasheet
207Kb / 6P
   POWER DISTRIBUTION SWITCHES
logo
Texas Instruments
TPS2014 TI-TPS2014 Datasheet
430Kb / 22P
[Old version datasheet]   POWER DISTRIBUTION SWITCHES
TPS2080 TI-TPS2080 Datasheet
424Kb / 19P
[Old version datasheet]   POWER DISTRIBUTION SWITCHES
TPS2030 TI-TPS2030 Datasheet
470Kb / 25P
[Old version datasheet]   POWER DISTRIBUTION SWITCHES
TPS2041DR TI-TPS2041DR Datasheet
578Kb / 25P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2030-Q1 TI1-TPS2030-Q1 Datasheet
436Kb / 24P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
logo
Lowpower Semiconductor ...
LPW5202 POWER-LPW5202 Datasheet
372Kb / 8P
   Power Distribution Switches
logo
Texas Instruments
TPS2090 TI1-TPS2090_16 Datasheet
1Mb / 26P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com