Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2811D Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2811D
Description  DUAL HIGH-SPEED MOSFET DRIBERS
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2811D Datasheet(HTML) 5 Page - Texas Instruments

  TPS2811D Datasheet HTML 1Page - Texas Instruments TPS2811D Datasheet HTML 2Page - Texas Instruments TPS2811D Datasheet HTML 3Page - Texas Instruments TPS2811D Datasheet HTML 4Page - Texas Instruments TPS2811D Datasheet HTML 5Page - Texas Instruments TPS2811D Datasheet HTML 6Page - Texas Instruments TPS2811D Datasheet HTML 7Page - Texas Instruments TPS2811D Datasheet HTML 8Page - Texas Instruments TPS2811D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
TPS2811, TPS2812, TPS2813, TPS2814, TPS2815
DUAL HIGHSPEED MOSFET DRIVERS
SLVS132F − NOVEMBER 1995 − REVISED OCTOBER 2004
5
www.ti.com
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage, VCC
−0.3 V to 15 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Regulator input voltage range, REG_IN
VCC −0.3 V to 42 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, 1IN, 2IN, 1IN1, 1IN2, 1IN2, 2IN1, 2IN2, 2IN2
−0.3 V to VCC +0.5 V
. . . . . . . . . . . . . . . . .
Output voltage range, 1OUT, 2OUT
−0.5 < V < VCC +0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous regulator output current, REG_OUT
25 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous output current, 1OUT, 2OUT
±100 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous total power dissipation
See Dissipation Rating Table
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating ambient temperature range, TA
−40
°C to 125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 1: All voltages are with respect to device GND pin.
recommended operating conditions
MIN
MAX
UNIT
Regulator input voltage range
8
40
V
Supply voltage, VCC
4
14
V
Input voltage, 1IN1, 1IN2, 1IN2, 2IN1, 2IN2, 2IN2, 1IN, 2IN
−0.3
VCC
V
Continuous regulator output current, REG_OUT
0
20
mA
Ambient temperature operating range
−40
125
°C
TPS28xx electrical characteristics over recommended operating ambient temperature range,
VCC = 10 V, REG_IN open for TPS2811/12/13, CL = 1 nF (unless otherwise noted)
inputs
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VCC = 5 V
3.3
4
V
Positive-going input threshold voltage
VCC = 10 V
5.8
9
V
Positive-going input threshold voltage
VCC = 14 V
8.3
13
V
VCC = 5 V
1
1.6
V
Negative-going input threshold voltage
VCC = 10 V
1
4.2
V
Negative-going input threshold voltage
VCC = 14 V
1
6.2
V
Input hysteresis
VCC = 5 V
1.6
V
Input current
Inputs = 0 V or VCC
−1
0.2
1
µA
Input capacitance
5
10
pF
† Typicals are for TA = 25°C unless otherwise noted.
outputs
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
High-level output voltage
IO = −1 mA
9.75
9.9
V
High-level output voltage
IO = −100 mA
8
9.1
V
Low-level output voltage
IO = 1 mA
0.18
0.25
V
Low-level output voltage
IO = 100 mA
1
2
V
Peak output current
VCC = 10 V
2
A
† Typicals are for TA = 25°C unless otherwise noted.


Similar Part No. - TPS2811D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2811D TI-TPS2811D Datasheet
663Kb / 31P
[Old version datasheet]   DUAL HIGH-SPEED MOSFET DRIVERS
More results

Similar Description - TPS2811D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MAX232NG4 TI1-MAX232NG4 Datasheet
581Kb / 17P
[Old version datasheet]   DUAL ELA-232 DRIBERS/RECEIVERS
logo
Intersil Corporation
ISL55110 INTERSIL-ISL55110 Datasheet
311Kb / 15P
   Dual, High Speed MOSFET Driver
logo
Supertex, Inc
MD1210 SUTEX-MD1210_07 Datasheet
532Kb / 7P
   High Speed Dual MOSFET Driver
logo
Intersil Corporation
ISL55110IRZ INTERSIL-ISL55110IRZ Datasheet
475Kb / 18P
   Dual, High Speed MOSFET Driver
January 29, 2015
logo
Texas Instruments
TPS2811 TI-TPS2811 Datasheet
663Kb / 31P
[Old version datasheet]   DUAL HIGH-SPEED MOSFET DRIVERS
logo
ON Semiconductor
MC34152 ONSEMI-MC34152 Datasheet
151Kb / 12P
   HIGH SPEED DUAL MOSFET DRIVERS
October, 2004 ??Rev. 7
logo
Supertex, Inc
MD1213 SUTEX-MD1213 Datasheet
708Kb / 7P
   High Speed Dual MOSFET Driver
logo
Intersil Corporation
ISL55110IVZ-T INTERSIL-ISL55110IVZ-T Datasheet
434Kb / 18P
   Dual, High Speed MOSFET Driver
ISL55110 INTERSIL-ISL55110_11 Datasheet
413Kb / 15P
   Dual, High Speed MOSFET Driver
logo
ON Semiconductor
MC34152 ONSEMI-MC34152_14 Datasheet
176Kb / 12P
   High Speed Dual MOSFET Drivers
September, 2014??Rev. 14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com