Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS3803-01DCKRG4 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS3803-01DCKRG4
Description  VOLTAGE DETECTOR
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3803-01DCKRG4 Datasheet(HTML) 1 Page - Texas Instruments

  TPS3803-01DCKRG4 Datasheet HTML 1Page - Texas Instruments TPS3803-01DCKRG4 Datasheet HTML 2Page - Texas Instruments TPS3803-01DCKRG4 Datasheet HTML 3Page - Texas Instruments TPS3803-01DCKRG4 Datasheet HTML 4Page - Texas Instruments TPS3803-01DCKRG4 Datasheet HTML 5Page - Texas Instruments TPS3803-01DCKRG4 Datasheet HTML 6Page - Texas Instruments TPS3803-01DCKRG4 Datasheet HTML 7Page - Texas Instruments TPS3803-01DCKRG4 Datasheet HTML 8Page - Texas Instruments TPS3803-01DCKRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
FEATURES
D Single Voltage Detector (TPS3803):
Adjustable/1.5 V
D Dual Voltage Detector (TPS3805):
Adjustable/3.3 V
D High ±1.5% Threshold Voltage Accuracy
D Supply Current: 3 µA Typical at VDD = 3.3 V
D Push/Pull Reset Output (TPS3805) Open-Drain
Reset Output (TPS3803)
D Temperature Range: −40°C to +85°C
D 5-Pin SC−70 Package
DESCRIPTION
The TPS3803 and TPS3805 families of supervisory
circuits provide circuit initialization and timing supervision,
primarily for DSPs and processor-based systems.
The TPS3803G15 device has a fixed-sense threshold
voltage VIT set by an internal voltage divider, whereas the
TPS3803−01 has an adjustable SENSE input that can be
configured by two external resistors. In addition to the fixed
sense threshold monitored at VDD, the TPS3805 devices
provide a second adjustable SENSE input. RESET is
asserted in case any of the two voltages drops below VIT.
During power on, RESET is asserted when supply voltage
VDD becomes higher than 0.8 V. Thereafter, the
supervisory circuit monitors VDD (and/or SENSE) and
keeps RESET active as long as VDD or SENSE remains
below the threshold voltage VIT. As soon as VDD (SENSE)
rises above the threshold voltage VIT, RESET is
deasserted again. The product spectrum is designed for
1.5 V, 3.3 V, and adjustable supply voltages. The devices
are available in a 5-pin SC-70 package. The TPS3803 and
TPS3805 devices are characterized for operation over a
temperature range of −40
°C to +85°C.
APPLICATIONS
D Applications Using DSPs, Microcontrollers,
or Microprocessors
D Wireless Communication Systems
D Portable/Battery-Powered Equipment
D Programmable Controls
D Intelligent Instruments
D Industrial Equipment
D Notebook/Desktop Computers
D Automotive Systems
3
2
4
5
DCK PACKAGE
(Top View)
1
NC
GND
RESET
(1) NC = No Connection on TPS3803G15
V
DD
SENSE
NC(1)
TPS3803−01, TPS3803G15, TPS3805
Typical Operating Circuit
TPS3805H33
TMS320VC5416
RESET
V
DD
SENSE
GND
DV
DD
CV
DD
RESET
GND
3.3 V
1.6 V
R1
R2
www.ti.com
TPS3803−01
TPS3803G15
TPS3805H33
SLVS392A − JULY 2001 − REVISED JUNE 2007
VOLTAGE
DETECTOR
PRODUCTION DATA information is current as of publication date. Products
conform to specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all parameters.
www.ti.com
Copyright
 2001−2007, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.
All trademarks are the property of their respective owners.


Similar Part No. - TPS3803-01DCKRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3803-01 TI-TPS3803-01 Datasheet
254Kb / 12P
[Old version datasheet]   VOLTAGE DETECTOR
TPS3803-01 TI-TPS3803-01 Datasheet
298Kb / 13P
[Old version datasheet]   VOLTAGE DETECTOR
TPS3803-01 TI1-TPS3803-01 Datasheet
1Mb / 25P
[Old version datasheet]   Voltage Detectors
TPS3803-01-EP TI-TPS3803-01-EP Datasheet
298Kb / 13P
[Old version datasheet]   VOLTAGE DETECTOR
TPS3803-01-EP TI1-TPS3803-01-EP Datasheet
925Kb / 18P
[Old version datasheet]   VOLTAGE DETECTOR
More results

Similar Description - TPS3803-01DCKRG4

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ70XX BCDSEMI-AZ70XX Datasheet
144Kb / 12P
   VOLTAGE DETECTOR
logo
RICOH electronics devic...
R5VL20C RICOH-R5VL20C Datasheet
300Kb / 29P
   VOLTAGE DETECTOR
logo
New Japan Radio
NJM2405 NJRC-NJM2405 Datasheet
161Kb / 4P
   VOLTAGE DETECTOR
NJU7706 NJRC-NJU7706 Datasheet
79Kb / 9P
   VOLTAGE DETECTOR
logo
Microchip Technology
TC54 MICROCHIP-TC54_07 Datasheet
229Kb / 16P
   Voltage Detector
2007
logo
Texas Instruments
TPS3803-01-EP TI1-TPS3803-01-EP_16 Datasheet
925Kb / 18P
[Old version datasheet]   VOLTAGE DETECTOR
logo
E-CMOS Corporation
EC9518C E-CMOS-EC9518C Datasheet
439Kb / 9P
   VOLTAGE DETECTOR
logo
Fujitsu Component Limit...
MB3761 FUJITSU-MB3761 Datasheet
414Kb / 13P
   VOLTAGE DETECTOR
logo
Holtek Semiconductor In...
HT70XX HOLTEK-HT70XX Datasheet
131Kb / 16P
   Voltage Detector
logo
Microchip Technology
TC54 MICROCHIP-TC54 Datasheet
215Kb / 12P
   Voltage Detector
2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com