Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2224APWPG4 Datasheet(PDF) 2 Page - Texas Instruments

Part # TPS2224APWPG4
Description  CARDBUS POWER-INTERFACE SWITCHES FOR SERIAL PCMCIA CONTROLLERS
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2224APWPG4 Datasheet(HTML) 2 Page - Texas Instruments

  TPS2224APWPG4 Datasheet HTML 1Page - Texas Instruments TPS2224APWPG4 Datasheet HTML 2Page - Texas Instruments TPS2224APWPG4 Datasheet HTML 3Page - Texas Instruments TPS2224APWPG4 Datasheet HTML 4Page - Texas Instruments TPS2224APWPG4 Datasheet HTML 5Page - Texas Instruments TPS2224APWPG4 Datasheet HTML 6Page - Texas Instruments TPS2224APWPG4 Datasheet HTML 7Page - Texas Instruments TPS2224APWPG4 Datasheet HTML 8Page - Texas Instruments TPS2224APWPG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
DISSIPATION RATING TABLE
RECOMMENDED OPERATING CONDITIONS
TPS2220A, TPS2223A
TPS2224A, TPS2226A
SLVS428E – MAY 2002 – REVISED MSRCH 2008
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
over operating free-air temperature range (unless otherwise noted)
(1)
TPA222xA
UNIT
VI(3.3V)
–0.3 to 5.5
V
VI
Input voltage range for card power
VI(5V)
–0.3 to 5.5
V
VI(12V)
(2)
–0.3 to 14
V
Logic input/output voltage
–0.3 to 6
V
VO(xVCC)
–0.3 to 6
V
VO
Output voltage
VO(xVPP)
–0.3 to 14
V
Continuous total power dissipation
See Dissipation Rating Table
IO(xVCC)
Internally Limited
IO
Output current
IO(xVPP)
Internally Limited
TJ
Operating virtual junction temperature range
–40 to 100
°C
Tstg
Storage temperature range
–55 to 150
°C
OC sink current
10
mA
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Not applicable for TPS2223A
TA ≤ 25°C
DERATING FACTOR
TA = 70°C
TA = 85°C
PACKAGE(1)
POWER RATING
ABOVE TA = 25°C
POWER RATING
POWER RATING
24
890 mW
8.9 mW/
°C
489 mW
356 mW
DB
30
1095 mW
10.95 mW/
°C
602 mW
438 mW
PWP
24
3322 mW
33.22 mW/
°C
1827 mW
1329 mW
(1)
These devices are mounted on an JEDEC low-k board (2-oz. traces on surface).
MIN
MAX
UNIT
VI(3.3V)
(1)
3
3.6
Input voltage, VI(3.3V) is required for all circuit
operations. 5V and 12V are only required for
VI(5V)
3
5.5
V
their respective functions.
VI(12V)
(2)
7
13.5
IO(xVCC) at TJ = 100°C
1
A
IO
Output current
IO(xVPP) at TJ = 100°C
100
mA
f(clock)
Clock frequency
2.5
MHz
Data
200
Latch
250
tw
Pulse duration
ns
Clock
100
Reset
100
th
Data-to-clock hold time (see Figure 2)
100
ns
tsu
Data-to-clock setup time (see Figure 2)
100
ns
td(latch)
Latch delay time (see Figure 2)
100
ns
td(clock)
Clock delay time (see Figure 2)
250
ns
(1)
It is understood that for VI(3.3V) < 3 V, voltages within the absolute maximum ratings applied to pin 5V or pin 12V do not damage the IC.
(2)
Not applicable for TPS2223A
2
Submit Documentation Feedback
Copyright © 2002–2008, Texas Instruments Incorporated
Product Folder Link(s): TPS2220A TPS2223A TPS2224A TPS2226A


Similar Part No. - TPS2224APWPG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2224APWP TI-TPS2224APWP Datasheet
447Kb / 29P
[Old version datasheet]   CARDBUS POWER-INTERFACE SWITCHES FOR SERIAL PCMCIA CONTROLLERS
TPS2224APWPRG4 TI-TPS2224APWPRG4 Datasheet
447Kb / 29P
[Old version datasheet]   CARDBUS POWER-INTERFACE SWITCHES FOR SERIAL PCMCIA CONTROLLERS
More results

Similar Description - TPS2224APWPG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2220A TI-TPS2220A Datasheet
447Kb / 29P
[Old version datasheet]   CARDBUS POWER-INTERFACE SWITCHES FOR SERIAL PCMCIA CONTROLLERS
TPS2223 TI-TPS2223 Datasheet
389Kb / 27P
[Old version datasheet]   DUAL-SLOT CARDBUS POWER-INTERFACE SWITCHES FOR SERIAL PCMCIA CONTROLLERS
TPS2220B TI-TPS2220B Datasheet
428Kb / 27P
[Old version datasheet]   POWER-INTERFACE SWITCHES FOR SERIAL PCMCIA CONTROLLERS
logo
Maxim Integrated Produc...
MAX1601 MAXIM-MAX1601 Datasheet
190Kb / 16P
   Dual-Channel CardBus and PCMCIA Power Switches with SMBus??Serial Interface
19-1085; Rev 1; 10/96
logo
Texas Instruments
TPS2202 TI-TPS2202 Datasheet
455Kb / 21P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCHES FOR SERIAL PCMCIA CONTROLLERS
logo
List of Unclassifed Man...
G571 ETC-G571 Datasheet
151Kb / 11P
   Single-Slot PCMCIA/CardBus Power Controllers
logo
Global Mixed-mode Techn...
G576 GMT-G576 Datasheet
271Kb / 12P
   Dual-Slot PCMCIA/CardBus Power Controllers
logo
Micrel Semiconductor
MIC2564A MICREL-MIC2564A_04 Datasheet
125Kb / 14P
   Dual Serial PCMCIA/CardBus Power Controller
logo
Texas Instruments
TPS2214A TI1-TPS2214A_14 Datasheet
1Mb / 34P
[Old version datasheet]   DUAL-SLOT PC CARD POWER SWITCHES FOR SERIAL PCMCIA CONTROLLERS
TPS2223 TI1-TPS2223_16 Datasheet
1Mb / 34P
[Old version datasheet]   DUAL-SLOT PC CARD POWER SWITCHES FOR SERIAL PCMCIA CONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com