Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2819DBVTG4 Datasheet(PDF) 4 Page - Texas Instruments

Part # TPS2819DBVTG4
Description  SINGLE-CHANNEL HIGH-SPEED MOSFET DRIBER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2819DBVTG4 Datasheet(HTML) 4 Page - Texas Instruments

  TPS2819DBVTG4 Datasheet HTML 1Page - Texas Instruments TPS2819DBVTG4 Datasheet HTML 2Page - Texas Instruments TPS2819DBVTG4 Datasheet HTML 3Page - Texas Instruments TPS2819DBVTG4 Datasheet HTML 4Page - Texas Instruments TPS2819DBVTG4 Datasheet HTML 5Page - Texas Instruments TPS2819DBVTG4 Datasheet HTML 6Page - Texas Instruments TPS2819DBVTG4 Datasheet HTML 7Page - Texas Instruments TPS2819DBVTG4 Datasheet HTML 8Page - Texas Instruments TPS2819DBVTG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
TPS2816, TPS2817, TPS2818, TPS2819, TPS2828, TPS2829,
SINGLECHANNEL HIGHSPEED MOSFET DRIVER
SLVS160C – FEBRUARY 1997 – REVISED OCTOBER 2002
4
www.ti.com
DISSIPATION RATING TABLE
PACKAGE
TA ≤ 25°C
POWER RATING
DERATING FACTOR
ABOVE TA = 25°C
TA = 70°C
POWER RATING
TA = 80°C
POWER RATING
DBV
437 mW
3.5 mW/
°C
280 mW
227 mW
These dissipation ratings are based upon EIA specification JESD51-3, ”Low Effective Thermal
Conductivity Test Board for Leaded Surface Mount Packages,” in tests conducted in a zero-airflow, wind
tunnel environment.
absolute maximum ratings over operating temperature range (unless otherwise noted)
Supply voltage range, VCC
–0.3 V to 15 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Regulator supply voltage range, VDD
VCC –0.3 V to 42 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, IN
–0.3 V to VCC +0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage range, (pin 4)
–0.5 V to VCC +0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous regulator output current, VCC
25 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous output current, OUT
±100 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous total power dissipation
See Dissipation Rating Table
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating ambient temperature range, TA
–40
°C to 125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16inch) from case for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 1: All voltages are with respect to device GND terminal.
recommended operating conditions
MIN
MAX
UNIT
Regulator input voltage range, VDD, TPS2816 through TPS2819
8
40
V
Supply voltage, VCC
4
14
V
Input voltage, IN
–0.3
VCC
V
Continuous regulator output current, ICC
0
20
mA
Operating ambient temperature range, TA
–40
125
_C


Similar Part No. - TPS2819DBVTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2819DBV TI-TPS2819DBV Datasheet
371Kb / 20P
[Old version datasheet]   SINGLE-CHANNEL HIGH-SPEED MOSFET DRIVER
TPS2819DBV TI-TPS2819DBV Datasheet
394Kb / 21P
[Old version datasheet]   SINGLE-CHANNEL HIGH-SPEED MOSFET DRIVERS
TPS2819DBV TI-TPS2819DBV Datasheet
576Kb / 24P
[Old version datasheet]   SINGLE-CHANNEL HIGH-SPEED MOSFET DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com