Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2813D Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2813D
Description  DUAL HIGH-SPEED MOSFET DRIBERS
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2813D Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS2813D Datasheet HTML 4Page - Texas Instruments TPS2813D Datasheet HTML 5Page - Texas Instruments TPS2813D Datasheet HTML 6Page - Texas Instruments TPS2813D Datasheet HTML 7Page - Texas Instruments TPS2813D Datasheet HTML 8Page - Texas Instruments TPS2813D Datasheet HTML 9Page - Texas Instruments TPS2813D Datasheet HTML 10Page - Texas Instruments TPS2813D Datasheet HTML 11Page - Texas Instruments TPS2813D Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
TPS2811, TPS2812, TPS2813, TPS2814, TPS2815
DUAL HIGHSPEED MOSFET DRIVERS
SLVS132F − NOVEMBER 1995 − REVISED OCTOBER 2004
8
www.ti.com
PARAMETER MEASUREMENT INFORMATION
0−10 V dc
xOUT
0.1
µF
4.7
µF
10 V
Current
Loop
1
2
3
4
8
7
6
5
TPS2811
Regulator
+
VCC
Figure 2. Shoot-through Current Test Setup
50%
90%
1IN
1OUT
50%
50%
90%
10%
50%
10%
tPLH
tr
tf
tPHL
0 V
0 V
Figure 3. Typical Timing Diagram (TPS2811)
TYPICAL CHARACTERISTICS
Tables of Characteristics Graphs and Application Information
typical characteristics
PARAMETER
vs PARAMETER 2
FIGURE
PAGE
Rise time
Supply voltage
4
10
Fall time
Supply voltage
5
10
Propagation delay time
Supply voltage
6, 7
10
Supply voltage
8
11
Supply current
Load capacitance
9
11
Supply current
Ambient temperature
10
11
Input threshold voltage
Supply voltage
11
11
Regulator output voltage
Regulator input voltage
12, 13
12
Regulator quiescent current
Regulator input voltage
14
12
Peak source current
Supply voltage
15
12
Peak sink current
Supply voltage
16
13
Shoot-through current
Input voltage, high-to-low
17
13
Shoot-through current
Input voltage, low-to-high
18
13


Similar Part No. - TPS2813D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2813D TI-TPS2813D Datasheet
663Kb / 31P
[Old version datasheet]   DUAL HIGH-SPEED MOSFET DRIVERS
More results

Similar Description - TPS2813D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MAX232NG4 TI1-MAX232NG4 Datasheet
581Kb / 17P
[Old version datasheet]   DUAL ELA-232 DRIBERS/RECEIVERS
logo
Intersil Corporation
ISL55110 INTERSIL-ISL55110 Datasheet
311Kb / 15P
   Dual, High Speed MOSFET Driver
logo
Supertex, Inc
MD1210 SUTEX-MD1210_07 Datasheet
532Kb / 7P
   High Speed Dual MOSFET Driver
logo
Intersil Corporation
ISL55110IRZ INTERSIL-ISL55110IRZ Datasheet
475Kb / 18P
   Dual, High Speed MOSFET Driver
January 29, 2015
logo
Texas Instruments
TPS2811 TI-TPS2811 Datasheet
663Kb / 31P
[Old version datasheet]   DUAL HIGH-SPEED MOSFET DRIVERS
logo
ON Semiconductor
MC34152 ONSEMI-MC34152 Datasheet
151Kb / 12P
   HIGH SPEED DUAL MOSFET DRIVERS
October, 2004 ??Rev. 7
logo
Supertex, Inc
MD1213 SUTEX-MD1213 Datasheet
708Kb / 7P
   High Speed Dual MOSFET Driver
logo
Intersil Corporation
ISL55110IVZ-T INTERSIL-ISL55110IVZ-T Datasheet
434Kb / 18P
   Dual, High Speed MOSFET Driver
ISL55110 INTERSIL-ISL55110_11 Datasheet
413Kb / 15P
   Dual, High Speed MOSFET Driver
logo
ON Semiconductor
MC34152 ONSEMI-MC34152_14 Datasheet
176Kb / 12P
   High Speed Dual MOSFET Drivers
September, 2014??Rev. 14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com