Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS40057PWP Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS40057PWP
Description  WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS40057PWP Datasheet(HTML) 5 Page - Texas Instruments

  TPS40057PWP Datasheet HTML 1Page - Texas Instruments TPS40057PWP Datasheet HTML 2Page - Texas Instruments TPS40057PWP Datasheet HTML 3Page - Texas Instruments TPS40057PWP Datasheet HTML 4Page - Texas Instruments TPS40057PWP Datasheet HTML 5Page - Texas Instruments TPS40057PWP Datasheet HTML 6Page - Texas Instruments TPS40057PWP Datasheet HTML 7Page - Texas Instruments TPS40057PWP Datasheet HTML 8Page - Texas Instruments TPS40057PWP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
ILIM
VIN
BOOST
HDRV
SW
BP10
LDRV
PGND
KFF
RT
BP5
SYNC
SGND
SS/SD
VFB
COMP
Thermal Pad
TPS40054
TPS40055
TPS40057
www.ti.com
SLUS593H – DECEMBER 2003 – REVISED JULY 2012
Table 1. PIN DESCRIPTIONS
TERMINAL
I/O
DESCRIPTION
NAME
NO.
Gate drive voltage for the high side N-channel MOSFET. The BOOST voltage is 9 V greater than the SW voltage. A
BOOST
14
O
0.1-µF ceramic capacitor should be connected from this pin to the drain of the lower MOSFET.
5-V reference. This pin should be bypassed to ground with a 0.1-µF ceramic capacitor. This pin may be used with an
BP5
3
O
external DC load of 1 mA or less.
10-V reference used for gate drive of the N-channel synchronous rectifier. This pin should be bypassed by a 1-µF
BP10
11
O
ceramic capacitor. This pin may be used with an external DC load of 1 mA or less.
Output of the error amplifier, input to the PWM comparator. A feedback network is connected from this pin to the VFB
COMP
8
O
pin to compensate the overall loop. The comp pin is internally clamped above the peak of the ramp to improve large
signal transient response.
Floating gate drive for the high-side N-channel MOSFET. This pin switches from BOOST (MOSFET on) to SW
HDRV
13
O
(MOSFET off).
Current limit pin, used to set the overcurrent threshold. An internal current sink from this pin to ground sets a voltage
ILIM
16
I
drop across an external resistor connected from this pin to VCC. The voltage on this pin is compared to the voltage
drop (VIN – SW) across the high-side MOSFET during conduction.
A resistor is connected from this pin to VIN to program the amount of voltage feed-forward and UVLO level. The
KFF
1
I
current fed into this pin is internally divided and used to control the slope of the PWM ramp.
Gate drive for the N-channel synchronous rectifier. This pin switches from BP10 (MOSFET on) to ground (MOSFET
LDRV
10
O
off).
Power ground reference for the device. There should be a low-impedance path from this pin to the source(s) of the
PGND
9
lower MOSFET(s).
RT
2
I
A resistor is connected from this pin to ground to set the internal oscillator and switching frequency.
SGND
5
Signal ground reference for the device.
Soft-start programming and shutdown pin. A capacitor connected from this pin to ground programs the soft-start time.
The capacitor is charged with an internal current source of 2.3 µA. The resulting voltage ramp on the SS/SD pin is
used as a second non-inverting input to the error amplifier. The output voltage begins to rise when VSS/SD is
SS/SD
6
I
approximately 0.85 V. The output continues to rise and reaches regulation when VSS/SD is approximately 1.55 V. The
controller is considered shut down when VSS/SD is 125 mV or less. The internal circuitry is enabled when VSS/SD is 210
mV or greater. When VSS/SD is less than approximately 0.85 V, the outputs cease switching and the output voltage
(VO) decays while the internal circuitry remains active.
This pin is connected to the switched node of the converter and used for overcurrent sensing. The TPS40054 also
SW
12
I
uses this pin for zero current sensing.
Syncronization input for the device. This pin can be used to synchronize the oscillator to an external master frequency.
SYNC
4
I
If synchronization is not used, connect this pin to SGND.
Inverting input to the error amplifier. In normal operation the voltage on this pin is equal to the internal reference
VFB
7
I
voltage, 0.7 V.
VIN
15
I
Supply voltage for the device.
PWP PACKAGE (TOP VIEW)
A.
For more information on the PWP package, refer to TI Technical Brief, Literature No. SLMA002.
B.
PowerPAD™ heat slug must be connected to SGND (pin 5) or electrically isolated from all other pins.
Copyright © 2003–2012, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TPS40054 TPS40055 TPS40057


Similar Part No. - TPS40057PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40057PWP TI-TPS40057PWP Datasheet
496Kb / 33P
[Old version datasheet]   WIDE INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40057PWP TI-TPS40057PWP Datasheet
1Mb / 35P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40057PWP TI1-TPS40057PWP Datasheet
1Mb / 39P
[Old version datasheet]   Wide-Input Synchronous Buck Controller
TPS40057PWPG4 TI-TPS40057PWPG4 Datasheet
1Mb / 35P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40057PWPG4 TI1-TPS40057PWPG4 Datasheet
1Mb / 39P
[Old version datasheet]   Wide-Input Synchronous Buck Controller
More results

Similar Description - TPS40057PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40050 TI-TPS40050 Datasheet
275Kb / 30P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40054 TI1-TPS40054_14 Datasheet
1Mb / 37P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40057PWPG4 TI-TPS40057PWPG4 Datasheet
1Mb / 35P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40060 TI-TPS40060 Datasheet
373Kb / 28P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40050-Q1 TI-TPS40050-Q1 Datasheet
345Kb / 32P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40055-EP TI-TPS40055-EP_15 Datasheet
2Mb / 35P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40052 TI-TPS40052 Datasheet
452Kb / 30P
[Old version datasheet]   WIDE INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40060EVM TI1-TPS40060EVM Datasheet
1Mb / 37P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40052PWPR TI-TPS40052PWPR Datasheet
851Kb / 33P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40060 TI1-TPS40060_17 Datasheet
1Mb / 39P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40055-EP TI1-TPS40055-EP Datasheet
2Mb / 36P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com