Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE9227 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE9227
Description  75 Ohm SMC Jack to SMC Jack Adapter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9227 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE9227 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9227 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
© 2012 Pasternack Enterprises All Rights Reserved
PE9227 REV
75 Ohm SMC Jack to SMC Jack Adapter
PE9227
CAD Drawing


Similar Part No. - PE9227

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9227 PASTERNACK-PE9227 Datasheet
241Kb / 2P
   75 Ohm SMC Jack to SMC Jack Adapter
More results

Similar Description - PE9227

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9227 PASTERNACK-PE9227 Datasheet
241Kb / 2P
   75 Ohm SMC Jack to SMC Jack Adapter
PE9228 PASTERNACK-PE9228 Datasheet
244Kb / 2P
   75 Ohm SMC Jack to SMC Jack Bulkhead Adapter
PE9244 PASTERNACK-PE9244 Datasheet
236Kb / 3P
   75 Ohm SMC Tee Adapter Jack-Plug-Jack
PE9587 PASTERNACK-PE9587 Datasheet
253Kb / 2P
   75 Ohm N Female to SMC Jack Adapter
PE9586 PASTERNACK-PE9586 Datasheet
252Kb / 2P
   75 Ohm N Male to SMC Jack Adapter
PE9121 PASTERNACK-PE9121 Datasheet
254Kb / 3P
   SMC Jack to SMC Jack Bulkhead Adapter
PE91044 PASTERNACK-PE91044 Datasheet
746Kb / 2P
   75 Ohm SMC Jack to 50 Ohm BNC Female Adapter
PE91403 PASTERNACK-PE91403 Datasheet
362Kb / 4P
   SMC Jack to SMC Jack Bulkhead Mount Adapter
PE9244 PASTERNACK-PE9244 Datasheet
78Kb / 1P
   75 OHM SMC TEE, JACK-PLUG-JACK
PE9233 PASTERNACK-PE9233 Datasheet
77Kb / 1P
   BNC MALE TO 75 OHM SMC JACK
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com