Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2814PWR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2814PWR
Description  DUAL HIGH-SPEED MOSFET DRIBERS
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2814PWR Datasheet(HTML) 3 Page - Texas Instruments

  TPS2814PWR Datasheet HTML 1Page - Texas Instruments TPS2814PWR Datasheet HTML 2Page - Texas Instruments TPS2814PWR Datasheet HTML 3Page - Texas Instruments TPS2814PWR Datasheet HTML 4Page - Texas Instruments TPS2814PWR Datasheet HTML 5Page - Texas Instruments TPS2814PWR Datasheet HTML 6Page - Texas Instruments TPS2814PWR Datasheet HTML 7Page - Texas Instruments TPS2814PWR Datasheet HTML 8Page - Texas Instruments TPS2814PWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
TPS2811, TPS2812, TPS2813, TPS2814, TPS2815
DUAL HIGHSPEED MOSFET DRIVERS
SLVS132F − NOVEMBER 1995 − REVISED OCTOBER 2004
3
www.ti.com
TPS28xxY chip information
This chip, when properly assembled, displays characteristics similar to those of the TPS28xx. Thermal compression
or ultrasonic bonding may be used on the doped aluminum bonding pads. The chip may be mounted with conductive
epoxy or a gold-silicon preform.
57
BONDING PAD ASSIGNMENTS
CHIP THICKNESS: 15 MILS TYPICAL
BONDING PADS: 4
× 4 MILS MINIMUM
TJmax OPERATING TEMPERATURE = 150°C
TOLERANCES ARE
±10%.
ALL DIMENSIONS ARE IN MILS.
(7)
(6)
(1)
(5)
(2)
(3)
GND
1OUT
VCC
REG_IN
1IN
TPS2811Y
TPS2812Y
TPS2813Y
REG_OUT
(8)
(4)
2IN
47
(1)
(8)
(7)
(2)
(3)
(4)
(5)
(6)
2OUT
(6)
(5)
(1)
(4)
(2)
(8)
GND
1OUT
VCC
1IN1
1IN2
TPS2814Y
(7)
(3)
2IN1
2OUT
2IN2
(6)
(5)
(1)
(4)
(2)
(8)
GND
1OUT
VCC
1IN1
1IN2
TPS2815Y
(7)
(3)
2IN1
2OUT
2IN2


Similar Part No. - TPS2814PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2814PW TI-TPS2814PW Datasheet
663Kb / 31P
[Old version datasheet]   DUAL HIGH-SPEED MOSFET DRIVERS
More results

Similar Description - TPS2814PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MAX232NG4 TI1-MAX232NG4 Datasheet
581Kb / 17P
[Old version datasheet]   DUAL ELA-232 DRIBERS/RECEIVERS
logo
Intersil Corporation
ISL55110 INTERSIL-ISL55110 Datasheet
311Kb / 15P
   Dual, High Speed MOSFET Driver
logo
Supertex, Inc
MD1210 SUTEX-MD1210_07 Datasheet
532Kb / 7P
   High Speed Dual MOSFET Driver
logo
Intersil Corporation
ISL55110IRZ INTERSIL-ISL55110IRZ Datasheet
475Kb / 18P
   Dual, High Speed MOSFET Driver
January 29, 2015
logo
Texas Instruments
TPS2811 TI-TPS2811 Datasheet
663Kb / 31P
[Old version datasheet]   DUAL HIGH-SPEED MOSFET DRIVERS
logo
ON Semiconductor
MC34152 ONSEMI-MC34152 Datasheet
151Kb / 12P
   HIGH SPEED DUAL MOSFET DRIVERS
October, 2004 ??Rev. 7
logo
Supertex, Inc
MD1213 SUTEX-MD1213 Datasheet
708Kb / 7P
   High Speed Dual MOSFET Driver
logo
Intersil Corporation
ISL55110IVZ-T INTERSIL-ISL55110IVZ-T Datasheet
434Kb / 18P
   Dual, High Speed MOSFET Driver
ISL55110 INTERSIL-ISL55110_11 Datasheet
413Kb / 15P
   Dual, High Speed MOSFET Driver
logo
ON Semiconductor
MC34152 ONSEMI-MC34152_14 Datasheet
176Kb / 12P
   High Speed Dual MOSFET Drivers
September, 2014??Rev. 14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com