Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS7330QPE4 Datasheet(PDF) 9 Page - Texas Instruments

Part # TPS7330QPE4
Description  LOW-DROPOUT VOLTAGE REGULATORS WITH INTEGRATED DELAYED RESET FUNCTION
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS7330QPE4 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS7330QPE4 Datasheet HTML 5Page - Texas Instruments TPS7330QPE4 Datasheet HTML 6Page - Texas Instruments TPS7330QPE4 Datasheet HTML 7Page - Texas Instruments TPS7330QPE4 Datasheet HTML 8Page - Texas Instruments TPS7330QPE4 Datasheet HTML 9Page - Texas Instruments TPS7330QPE4 Datasheet HTML 10Page - Texas Instruments TPS7330QPE4 Datasheet HTML 11Page - Texas Instruments TPS7330QPE4 Datasheet HTML 12Page - Texas Instruments TPS7330QPE4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 45 page
background image
TPS7301Q, TPS7325Q, TPS7330Q, TPS7333Q, TPS7348Q, TPS7350Q
LOW-DROPOUT VOLTAGE REGULATORS
WITH INTEGRATED DELAYED RESET FUNCTION
SLVS124F – JUNE 1995 – REVISED JANUARY 1999
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TPS7325Q electrical characteristics at IO = 10 mA, VI = 3.5 V, EN = 0 V, Co = 10 µF (CSR= 1 Ω), SENSE
shorted to OUT (unless otherwise noted)
PARAMETER
TEST CONDITIONS‡
TJ
MIN
TYP
MAX
UNIT
Output voltage
25
°C
2.45
2.5
2.55
V
Output voltage
3.5 V
≤ VI ≤ 10 V,
5 mA
≤ IO ≤ 500 mA
–40
°C to 125°C 2.425
2.575
V
§
IO =10mA
VI = 2 97 V
25
°C
5
§
IO = 10 mA,
VI = 2.97 V
–40
°C to 125°C
14
Dropout voltage§
IO = 100 mA
VI = 2 97 V
25
°C
50
80
mV
Dropout voltage§
IO = 100 mA,
VI = 2.97 V
–40
°C to 125°C
150
mV
IO = 500 mA
VI = 2 97 V
25
°C
270
400
IO = 500 mA,
VI = 2.97 V
–40
°C to 125°C
600
Pass element series resistance§
(2.97 V – VO)/IO,
VI = 2.97 V,
25
°C
0.5
0.7
Pass-element series resistance§
(
O) O,
IO = 500 mA
I
,
–40
°C to 125°C
1.4
Input regulation
VI =3 5Vto10V
50
µA ≤ IO ≤ 500 mA
25
°C
6
20
mV
Input regulation
VI = 3.5 V to 10 V,
50
µA ≤ IO ≤ 500 mA
–40
°C to 125°C
25
mV
IO =5mAto500 mA
35 V
≤ VI ≤ 10 V
25
°C
20
32
mV
Output regulation
IO = 5 mA to 500 mA,
3.5 V
≤ VI ≤ 10 V
–40
°C to 125°C
50
mV
Output regulation
IO =50 µA to 500 mA
35 V
≤ VI ≤ 10 V
25
°C
28
60
mV
IO = 50 µA to 500 mA, 3.5 V ≤ VI ≤ 10 V
–40
°C to 125°C
100
mV
IO =50 µA
25
°C
50
53
Ripple rejection
f = 120 Hz
IO = 50 µA
–40
°C to 125°C
49
dB
Ripple rejection
f = 120 Hz
IO = 500 mA
25
°C
49
53
dB
IO = 500 mA
–40
°C to 125°C
32
Output noise-spectral density
f = 120 Hz
25
°C
2
µV/√Hz
Co = 4.7 µF
25
°C
274
Output noise voltage
10 Hz
≤ f ≤ 100 kHz
Co = 10 µF
25
°C
228
µVrms
Co = 100 µF
25
°C
159
RESET trip-threshold voltage
VO decreasing
–40
°C to 125°C
2.23
2.32
2.39
V
RESET output low voltage
VI =2 1V
IO(RESET) =0 8 mA
25
°C
0.14
0.4
V
RESET output low voltage
VI = 2.1 V,
IO(RESET) = – 0.8 mA
–40
°C to 125°C
0.4
V
† CSR refers to the total series resistance, including the ESR of the capacitor, any series resistance added externally, and PWB trace resistance
to Co.
‡ Pulse-testing techniques are used to maintain virtual junction temperature as close as possible to ambient temperature; thermal effects must
be taken into account separately.
§ Dropout test and pass-element series resistance test are not production tested. Test method requires SENSE terminal to be disconnected from
output voltage.


Similar Part No. - TPS7330QPE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7330QP TI-TPS7330QP Datasheet
638Kb / 43P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS WITH INTEGRATED DELAYED RESET FUNCTION
TPS7330QP TI1-TPS7330QP Datasheet
1Mb / 45P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS WITH INTEGRATED DELAYED RESET FUNCTION
TPS7330QPW TI-TPS7330QPW Datasheet
638Kb / 43P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS WITH INTEGRATED DELAYED RESET FUNCTION
More results

Similar Description - TPS7330QPE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7301Q TI-TPS7301Q Datasheet
638Kb / 43P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS WITH INTEGRATED DELAYED RESET FUNCTION
TPS7301Q TI1-TPS7301Q_16 Datasheet
1Mb / 45P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS WITH INTEGRATED DELAYED RESET FUNCTION
logo
National Semiconductor ...
LM2925 NSC-LM2925 Datasheet
223Kb / 8P
   Low Dropout Regulator with Delayed Reset
logo
HTC Korea TAEJIN Techno...
LM2925 HTC-LM2925 Datasheet
228Kb / 8P
   Low Dropout Regulator with Delayed Reset
logo
National Semiconductor ...
LM9071 NSC-LM9071 Datasheet
193Kb / 7P
   Low-Dropout System Voltage Regulator with Delayed Reset
LM2826 NSC-LM2826 Datasheet
319Kb / 9P
   Low Dropout Regulator with Delayed Reset
LM2926 NSC-LM2926 Datasheet
404Kb / 10P
   Low Dropout Regulator with Delayed Reset
logo
Cherry Semiconductor Co...
CS8126 CHERRY-CS8126 Datasheet
207Kb / 9P
   5V, 750mA Low Dropout Linear Regulator with Delayed RESET
CS8122 CHERRY-CS8122 Datasheet
175Kb / 8P
   2% 5V, 750mA Low Dropout Linear Regulator with Delayed RESET
logo
Sanyo Semicon Device
LA5602 SANYO-LA5602 Datasheet
91Kb / 4P
   Low-Dropout Voltage Regulator with Reset and On-Off Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com