Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS61043 Datasheet(PDF) 2 Page - Texas Instruments

Part # TPS61043
Description  CONSTANT CURRENT LED DRIVER
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61043 Datasheet(HTML) 2 Page - Texas Instruments

  TPS61043_12 Datasheet HTML 1Page - Texas Instruments TPS61043_12 Datasheet HTML 2Page - Texas Instruments TPS61043_12 Datasheet HTML 3Page - Texas Instruments TPS61043_12 Datasheet HTML 4Page - Texas Instruments TPS61043_12 Datasheet HTML 5Page - Texas Instruments TPS61043_12 Datasheet HTML 6Page - Texas Instruments TPS61043_12 Datasheet HTML 7Page - Texas Instruments TPS61043_12 Datasheet HTML 8Page - Texas Instruments TPS61043_12 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
DISSIPATION RATING
RECOMMENDED OPERATING CONDITIONS
ELECTRICAL CHARACTERISTICS
TPS61043
SLVS465A – DECEMBER 2003 – REVISED DECEMBER 2003
ORDERING INFORMATION(1)
TA
PACKAGE
PACKAGE MARKING
-40
°C to 85°C
TPS61043DRB
AQN
(1)
The DRB package is available taped and reeled. Add R suffix (TPS61043DRBR) to order quantities of 3000 devices per reel. Add T
suffix (TPS61043DRBT) to order quantities of 250 devices per reel.
over operating free-air temperature range (unless otherwise noted)(1)
TPS61043
Supply Voltages, v(VIN)
(2)
-0.3 V to 7 V
Voltages, V(Rs), V(CTRL), V(FB)
-0.3 V to Vin + 0.3 V
Voltages, V(SW), V(LED)
(2)
30 V
Voltage, V(OVP)
30 V
Continuous power dissipation
See Dissipation Rating Table
Operating junction temperature range
-40
°C to 150°C
Storage temperature range, TSTG
-65
°C to 150°C
Lead temperature (soldering, 10 sec)
260
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to network ground terminal.
THERMAL
TA ≤ 25°C
DERATING FACTOR
TA = 70°C
TA = 85°C
PACKAGE
RESISTANCE
POWER RATING
ABOVE TA= 25°C
POWER RATING
POWER RATING
8-pin QFN
RΘJA = 270°C/W
(1)
370 mW
3.7 mW/
°C
204 mW
148 mW
(1)
The thermal resistance junction to ambient of the 8-pin QFN package is measured with a standard 2-layer PCB without vias for the
thermal pad.
MIN
NOM
MAX
UNIT
VI
Input voltage range
1.8
6.0
V
TA
Operating ambient temperature
-40
85
°C
TJ
Operating junction temperature
-40
125
°C
V
I = 3.6 V, CTRL= VI, TA = -40°C to + 85°C, typical values are at TA= 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY CURRENT
VI
Input voltage range
1.8
6.0
V
I(Q)
Operating quiescent current into VIN
IO = 0 mA, not switching
38
65
µA
IO(sd)
Shutdown current
CTRL = GND
0.1
1
µA
VUVLO
Under-voltage lockout threshold
VI falling
1.5
1.7
V
CTRL
VIH
CTRL high level input voltage
1.3
V
VIL
CTRL low level input voltage
0.3
V
IIkg
CTRL input leakage current
CTRL = GND or VIN
0.1
µA
ton
Minimim CTRL pulse witdh to enable
CTRL = low to high
500
us
toff
Minimum CTRL pulse width to disable
CTRL = high to low
10
32
ms
2


Similar Part No. - TPS61043_12

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61043 TI1-TPS61043_16 Datasheet
1Mb / 31P
[Old version datasheet]   Constant Current LED Driver
More results

Similar Description - TPS61043_12

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP7618 SIPEX-SP7618 Datasheet
408Kb / 10P
   Constant Current LED Driver
logo
Texas Instruments
TPS61042 TI-TPS61042 Datasheet
552Kb / 20P
[Old version datasheet]   CONSTANT CURRENT LED DRIVER
logo
Diodes Incorporated
AL5890 DIODES-AL5890 Datasheet
824Kb / 17P
   Constant Current LED Driver
logo
First Silicon Co., Ltd
FC2082G FS-FC2082G Datasheet
1Mb / 12P
   LED CONSTANT CURRENT DRIVER
logo
DIWELL Electronics Co.,...
SLE-24 DIWELL-SLE-24 Datasheet
418Kb / 9P
   Constant Current LED Driver
2012/07/19
CALE-48 DIWELL-CALE-48 Datasheet
444Kb / 7P
   Constant Current LED Driver
2016/09/23
logo
Texas Instruments
TPS61043 TI-TPS61043 Datasheet
516Kb / 21P
[Old version datasheet]   CONSTANT CURRENT LED DRIVER
logo
ON Semiconductor
CAT4004A ONSEMI-CAT4004A_11 Datasheet
165Kb / 11P
   Constant Current LED Driver
June, 2011 ??Rev. 2
logo
Protek Devices
PA5110 PROTEC-PA5110 Datasheet
178Kb / 7P
   Constant Current LED Driver.
logo
DIWELL Electronics Co.,...
CLE-12 DIWELL-CLE-12 Datasheet
1Mb / 8P
   Constant Current LED Driver
2016/09/12
logo
Rohm
BD1754HFN ROHM-BD1754HFN_15 Datasheet
1Mb / 21P
   Constant Current LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com