Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS61012DGS Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61012DGS
Description  HIGH-EFFICIENCY, 1-CELL AND 2-CELL BOOST CONVERTERS
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61012DGS Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS61012DGS Datasheet HTML 3Page - Texas Instruments TPS61012DGS Datasheet HTML 4Page - Texas Instruments TPS61012DGS Datasheet HTML 5Page - Texas Instruments TPS61012DGS Datasheet HTML 6Page - Texas Instruments TPS61012DGS Datasheet HTML 7Page - Texas Instruments TPS61012DGS Datasheet HTML 8Page - Texas Instruments TPS61012DGS Datasheet HTML 9Page - Texas Instruments TPS61012DGS Datasheet HTML 10Page - Texas Instruments TPS61012DGS Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
www.ti.com
Power-Save Mode
Device Enable
Under-Voltage Lockout
Autodischarge
Low-Battery Detector Circuit (LBI and LBO)
Antiringing Switch
TPS61010, TPS61011
TPS61012, TPS61013
TPS61014, TPS61015, TPS61016
SLVS314D – SEPTEMBER 2000 – REVISED JUNE 2005
DETAILED DESCRIPTION (continued)
The TPS61010 is designed for high efficiency over a wide output current range. Even at light loads, the efficiency
stays high because the switching losses of the converter are minimized by effectively reducing the switching
frequency. The controller enters a powersave-mode if certain conditions are met. In this mode, the controller only
switches on the transistor if the output voltage trips below a set threshold voltage. It ramps up the output voltage
with one or several pulses, and goes again into powersave-mode once the output voltage exceeds a set
threshold voltage.
The device is shut down when EN is set to GND. In this mode, the regulator stops switching, all internal control
circuitry including the low-battery comparator, is switched off, and the load is disconnected from the input (as
described above in the synchronous rectifier section). This also means that the output voltage may drop below
the input voltage during shutdown.
The device is put into operation when EN is set high. During start-up of the converter, the duty cycle is limited in
order to avoid high peak currents drawn from the battery. The limit is set internally by the current limit circuit and
is proportional to the voltage on the COMP-pin.
An under-voltage lockout function prevents the device from starting up if the supply voltage on VBAT is lower
than approximately 0.7 V. This under-voltage lockout function is implemented in order to prevent the
malfunctioning of the converter. When in operation and the battery is being discharged, the device will
automatically enter the shutdown mode if the voltage on VBAT drops below approximately 0.7 V.
The autodischarge function is useful for applications where the supply voltage of a
µC, µP, or memory has to be
removed during shutdown in order to ensure a defined state of the system.
The autodischarge function is enabled when the ADEN is set high, and is disabled when the ADEN is set to
GND. When the autodischarge function is enabled, the output capacitor will be discharged after the device is
shut down by setting EN to GND. The capacitors connected to the output are discharged by an integrated switch
of 300
Ω, hence the discharge time depends on the total output capacitance. The residual voltage on VOUT is
less than 0.4 V after autodischarge.
The low-battery detector circuit is typically used to supervise the battery voltage and to generate an error flag
when the battery voltage drops below a user-set threshold voltage. The function is active only when the device is
enabled. When the device is disabled, the LBO-pin is high impedance. The LBO-pin goes active low when the
voltage on the LBI-pin decreases below the set threshold voltage of 500 mV
±15 mV, which is equal to the
internal reference voltage. The battery voltage, at which the detection circuit switches, can be programmed with a
resistive divider connected to the LBI-pin. The resistive divider scales down the battery voltage to a voltage level
of 500 mV, which is then compared to the LBI threshold voltage. The LBI-pin has a built-in hysteresis of 10 mV.
See the application section for more details about the programming of the LBI-threshold.
If the low-battery detection circuit is not used, the LBI-pin should be connected to GND (or to VBAT) and the
LBO-pin can be left unconnected. Do not let the LBI-pin float.
The device integrates a circuit that removes the ringing that typically appears on the SW-node when the
converter enters the discontinuous current mode. In this case, the current through the inductor ramps to zero and
the integrated PMOS switch turns off to prevent a reverse current from the output capacitors back to the battery.
Due to remaining energy that is stored in parasitic components of the semiconductors and the inductor, a ringing
on the SW pin is induced. The integrated antiringing switch clamps this voltage internally to VBAT and therefore,
dampens this ringing.
7


Similar Part No. - TPS61012DGS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61012DGS TI-TPS61012DGS Datasheet
459Kb / 25P
[Old version datasheet]   HIGH-EFFICIENCY, 1-CELL AND 2-CELL BOOST CONVERTERS
More results

Similar Description - TPS61012DGS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61010 TI-TPS61010 Datasheet
459Kb / 25P
[Old version datasheet]   HIGH-EFFICIENCY, 1-CELL AND 2-CELL BOOST CONVERTERS
TPS61010 TI-TPS61010_15 Datasheet
989Kb / 36P
[Old version datasheet]   TPS6101x High-Efficiency, 1-Cell and 2-Cell Boost Converters
logo
Fitipower Integrated Te...
FP6711 FITIPOWER-FP6711 Datasheet
678Kb / 13P
   High-Efficiency, 1-Cell and 2-Cell Boost Converter
logo
Maxim Integrated Produc...
MAX1678 MAXIM-MAX1678 Datasheet
166Kb / 12P
   1-Cell to 2-Cell, Low-Noise, High-Efficiency, Step-Up DC-DC Converter
Rev 0; 7/98
logo
Linear Technology
LTC3128 LINER-LTC3128 Datasheet
230Kb / 6P
   High Efficiency 2-Cell Supercapacitor Charger and Balancer Converter
LTC3625-1 LINER-LTC3625-1_15 Datasheet
272Kb / 16P
   1A High Efficiency 2-Cell Supercapacitor Charger with Automatic Cell Balancing
LTC3625 LINER-LTC3625_15 Datasheet
272Kb / 16P
   1A High Efficiency 2-Cell Supercapacitor Charger with Automatic Cell Balancing
logo
Maxim Integrated Produc...
MAX17058 MAXIM-MAX17058_13 Datasheet
2Mb / 16P
   1-Cell/2-Cell Li ModelGauge ICs
Rev 4; 6/13
MAX17058 MAXIM-MAX17058 Datasheet
2Mb / 16P
   1-Cell/2-Cell Li ModelGauge ICs
Rev 1; 4/12
logo
Intersil Corporation
ISL9220AIRTZ-T7A INTERSIL-ISL9220AIRTZ-T7A Datasheet
515Kb / 15P
   Switching Charger for 1-Cell and 2-Cell Li-ion Batteries
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com