Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS61043DRBRG4 Datasheet(PDF) 7 Page - Texas Instruments

Part # TPS61043DRBRG4
Description  CONSTANT CURRENT LED DRIVER
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61043DRBRG4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS61043DRBRG4 Datasheet HTML 3Page - Texas Instruments TPS61043DRBRG4 Datasheet HTML 4Page - Texas Instruments TPS61043DRBRG4 Datasheet HTML 5Page - Texas Instruments TPS61043DRBRG4 Datasheet HTML 6Page - Texas Instruments TPS61043DRBRG4 Datasheet HTML 7Page - Texas Instruments TPS61043DRBRG4 Datasheet HTML 8Page - Texas Instruments TPS61043DRBRG4 Datasheet HTML 9Page - Texas Instruments TPS61043DRBRG4 Datasheet HTML 10Page - Texas Instruments TPS61043DRBRG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
www.ti.com
VI - Input Voltage - V
0
5
10
15
20
25
30
35
40
45
50
1.8
2.4
3.0
3.6
4.2
4.8
5.4
6.0
TA = 25°C
TA = - 40°C
TA = 85°C
TA - Free-Air Temperature - °C
240
242
244
246
248
250
252
254
256
258
260
- 40
- 15
10
35
60
85
VCC = 3.7 V
TA - Free-Air Temperature - °C
- 60
- 40
- 20
0
20
40
60
- 40
- 15
10
35
60
85
VCC = 3.6 V
VCC = 2.4 V
VCC = 5 V
200
250
300
350
400
450
500
- 40
- 15
10
35
60
85
TA - Free-Air Temperature - °C
VCC = 3.6 V
0
100
200
300
400
500
600
1.8
2.4
3.0
3.6
4.2
4.8
5.4
6.0
VI - Input Voltage - V
TA = 27°C
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
- 40
- 15
10
35
60
85
TA - Free-Air Temperature - °C
VCC = 3.6 V
TPS61043
SLVS465A – DECEMBER 2003 – REVISED DECEMBER 2003
Operating Quiescent Current into VIN
Feedback Voltage
vs
vs
Input Voltage and Temperature
Temperature
Figure 4.
Figure 5.
Feedback Current
rds(on) Main Switch (Q1)
vs
vs
Temperature
Temperature
Figure 6.
Figure 7.
rds(ON) Main Switch (Q1)
rds(on) LED Switch (Q2)
vs
vs
Input Voltage
Temperature
Figure 8.
Figure 9.
7


Similar Part No. - TPS61043DRBRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61043DRBRG4 TI1-TPS61043DRBRG4 Datasheet
1Mb / 31P
[Old version datasheet]   Constant Current LED Driver
More results

Similar Description - TPS61043DRBRG4

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP7618 SIPEX-SP7618 Datasheet
408Kb / 10P
   Constant Current LED Driver
logo
Texas Instruments
TPS61042 TI-TPS61042 Datasheet
552Kb / 20P
[Old version datasheet]   CONSTANT CURRENT LED DRIVER
logo
Diodes Incorporated
AL5890 DIODES-AL5890 Datasheet
824Kb / 17P
   Constant Current LED Driver
logo
First Silicon Co., Ltd
FC2082G FS-FC2082G Datasheet
1Mb / 12P
   LED CONSTANT CURRENT DRIVER
logo
DIWELL Electronics Co.,...
SLE-24 DIWELL-SLE-24 Datasheet
418Kb / 9P
   Constant Current LED Driver
2012/07/19
CALE-48 DIWELL-CALE-48 Datasheet
444Kb / 7P
   Constant Current LED Driver
2016/09/23
logo
Texas Instruments
TPS61043 TI-TPS61043 Datasheet
516Kb / 21P
[Old version datasheet]   CONSTANT CURRENT LED DRIVER
logo
ON Semiconductor
CAT4004A ONSEMI-CAT4004A_11 Datasheet
165Kb / 11P
   Constant Current LED Driver
June, 2011 ??Rev. 2
logo
Protek Devices
PA5110 PROTEC-PA5110 Datasheet
178Kb / 7P
   Constant Current LED Driver.
logo
DIWELL Electronics Co.,...
CLE-12 DIWELL-CLE-12 Datasheet
1Mb / 8P
   Constant Current LED Driver
2016/09/12
logo
Rohm
BD1754HFN ROHM-BD1754HFN_15 Datasheet
1Mb / 21P
   Constant Current LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com