Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62250DRVRG4 Datasheet(PDF) 6 Page - Texas Instruments

Part # TPS62250DRVRG4
Description  Peak Current Limited Step Down Converter for USB Applications
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62250DRVRG4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS62250DRVRG4 Datasheet HTML 2Page - Texas Instruments TPS62250DRVRG4 Datasheet HTML 3Page - Texas Instruments TPS62250DRVRG4 Datasheet HTML 4Page - Texas Instruments TPS62250DRVRG4 Datasheet HTML 5Page - Texas Instruments TPS62250DRVRG4 Datasheet HTML 6Page - Texas Instruments TPS62250DRVRG4 Datasheet HTML 7Page - Texas Instruments TPS62250DRVRG4 Datasheet HTML 8Page - Texas Instruments TPS62250DRVRG4 Datasheet HTML 9Page - Texas Instruments TPS62250DRVRG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
TYPICAL CHARACTERISTICS
TPS62250
SLVS842 – SEPTEMBER 2008.......................................................................................................................................................................................... www.ti.com
Table of Graphs
FIGURE
Output Current VOUT = 1.8 V, Power Save Mode, MODE = GND
Figure 1
Output Current VOUT = 1.8 V, PWM Mode, MODE = VIN
Figure 2
Output Current VOUT = 3.3 V, PWM Mode, MODE = VIN
Figure 3
η
Efficiency
Output Current VOUT = 3.3 V, Power Save Mode, MODE = GND
Figure 4
Output Current
Figure 5
Output Current
Figure 6
at 25°C, VOUT = 1.8 V, Power Save Mode, MODE = GND
Figure 7
at –40°C, VOUT = 1.8 V, Power Save Mode, MODE = GND
Figure 8
at 85°C, VOUT = 1.8 V, Power Save Mode, MODE = GND
Figure 9
Output Voltage Accuracy
at 25°C, VOUT = 1.8 V, PWM Mode, MODE = VIN
Figure 10
at –40°C, VOUT = 1.8 V, PWM Mode, MODE = VIN
Figure 11
at 85°C, VOUT = 1.8 V, PWM Mode, MODE = VIN
Figure 12
Typical Operation
PWM Mode, VOUT = 1.8 V
Figure 13
MODE Pin Transition From PFM to Forced PWM Mode at light load
Figure 14
Mode Transition
MODE Pin Transition From Forced PWM to PFM Mode at light load
Figure 15
Start-up Timing
Figure 16
Forced PWM Mode , VOUT = 1.5 V, 50 mA to 200 mA
Figure 17
Forced PWM Mode , VOUT = 1.5 V, 200 mA to 400 mA
Figure 18
PFM Mode to PWM Mode, VOUT = 1.5 V, 150 µA to 400 mA
Figure 19
PWM Mode to PFM Mode, VOUT = 1.5 V, 400 mA to 150 µA
Figure 20
Load Transient
PFM Mode, VOUT = 1.5 V, 1.5 mA to 50 mA
Figure 21
PFM Mode, VOUT = 1.5 V, 50 mA to 1.5 mA
Figure 22
PFM Mode to PWM Mode, VOUT = 1.8 V, 50 mA to 250 mA
Figure 23
PFM Mode to PWM Mode, VOUT = 1.5 V, 50 mA to 400 mA
Figure 24
PWM Mode to PFM Mode, VOUT = 1.5 V, 400 mA to 50 mA
Figure 25
PFM Mode, VOUT = 1.8 V, 50 mA
Figure 26
Line Transient
PFM Mode, VOUT = 1.8 V, 250 mA
Figure 27
PFM VOUT Ripple, VOUT = 1.8 V, 10 mA, L = 2.2µH, COUT = 10µF
Figure 28
Typical Operation
PFM VOUT Ripple, VOUT = 1.8 V, 10 mA, L = 4.7µH, COUT = 10µF
Figure 29
Shutdown Current into VIN
vs Input Voltage, (TA = 85°C, TA = 25°C, TA = -40°C)
Figure 30
Quiescent Current
vs Input Voltage, (TA = 85°C, TA = 25°C, TA = -40°C)
Figure 31
Figure 32
Static Drain Source On-State
vs Input Voltage, (TA = 85°C, TA = 25°C, TA = -40°C)
Resistance
Figure 33
6
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TPS62250


Similar Part No. - TPS62250DRVRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62250DRVT TI-TPS62250DRVT Datasheet
1Mb / 29P
[Old version datasheet]   Peak Current Limited Step Down Converter for USB Applications
More results

Similar Description - TPS62250DRVRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62250 TI-TPS62250 Datasheet
1Mb / 29P
[Old version datasheet]   Peak Current Limited Step Down Converter for USB Applications
TPS62750 TI-TPS62750 Datasheet
1Mb / 27P
[Old version datasheet]   High Efficiency Step-Down Converter for USB Applications
TPS62751DSK TI1-TPS62751DSK Datasheet
1Mb / 30P
[Old version datasheet]   High Efficiency Step-Down Converter for USB Applications
TPS62750 TI-TPS62750_15 Datasheet
1Mb / 31P
[Old version datasheet]   High Efficiency Step-Down Converter for USB Applications
logo
Monolithic Power System...
MP8726 MPS-MP8726 Datasheet
481Kb / 14P
   21V, 6A Peak Current, 500kHz Synchronous Step-down Converter
logo
Skyworks Solutions Inc.
AAT2138 SKYWORKS-AAT2138 Datasheet
3Mb / 18P
   High Current Step-Down Converter with High-Precision Programmable Current Limited Load Switch
logo
Texas Instruments
LM3253 TI1-LM3253_16 Datasheet
990Kb / 25P
[Old version datasheet]   High-Current Step-Down Converter
LM3243 TI1-LM3243_16 Datasheet
1Mb / 32P
[Old version datasheet]   High-Current Step-Down Converter
REVISED AUGUST 2015
logo
Linear Technology
LTC3877 LINER-LTC3877 Datasheet
1Mb / 18P
   High Current Step-Down Converter
logo
Richtek Technology Corp...
RTQ2158A-QA RICHTEK-RTQ2158A-QA Datasheet
1Mb / 26P
   Peak 12A, 6.5V, 460kHz Synchronous Step-Down Converter
December 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com