Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS61014DGSR Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS61014DGSR
Description  HIGH-EFFICIENCY, 1-CELL AND 2-CELL BOOST CONVERTERS
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61014DGSR Datasheet(HTML) 1 Page - Texas Instruments

  TPS61014DGSR Datasheet HTML 1Page - Texas Instruments TPS61014DGSR Datasheet HTML 2Page - Texas Instruments TPS61014DGSR Datasheet HTML 3Page - Texas Instruments TPS61014DGSR Datasheet HTML 4Page - Texas Instruments TPS61014DGSR Datasheet HTML 5Page - Texas Instruments TPS61014DGSR Datasheet HTML 6Page - Texas Instruments TPS61014DGSR Datasheet HTML 7Page - Texas Instruments TPS61014DGSR Datasheet HTML 8Page - Texas Instruments TPS61014DGSR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
DRC
DGS
www.ti.com
FEATURES
APPLICATIONS
DESCRIPTION
VBAT
LBI
EN
ADEN
VOUT
LBO
FB
COMP
SW
GND
CIN
10 F
m
L1
10 H
m
R3
COUT
22 F
m
CC1
10 pF
CC2
10 nF
RC
100 kW
6
9
1
8
4
2
3
10
5
7
OFF
ON
OFF
ON
VOUT = 3.3 V
Low Battery
Warning
TPS61016
R1
R2
TPS61010, TPS61011
TPS61012, TPS61013
TPS61014, TPS61015, TPS61016
SLVS314D – SEPTEMBER 2000 – REVISED JUNE 2005
HIGH-EFFICIENCY, 1-CELL AND 2-CELL BOOST CONVERTERS
The converter output voltage can be adjusted from
1.5 V to a maximum of 3.3 V, by an external resistor
Integrated Synchronous Rectifier for Highest
divider or, is fixed internally on the chip. The devices
Power Conversion Efficiency (>95%)
provide an output current of 200 mA with a supply
Start-Up Into Full Load With Supply Voltages
voltage of only 0.9 V. The converter starts up into a
as Low as 0.9 V, Operating Down to 0.8 V
full load with a supply voltage of only 0.9 V and stays
in operation with supply voltages down to 0.8 V.
200-mA Output Current From 0.9-V Supply
Powersave-Mode for Improved Efficiency at
The converter is based on a fixed frequency, current
mode, pulse-width-modulation (PWM) controller that
Low Output Currents
goes automatically into power save mode at light
Autodischarge Allows to Discharge Output
load. It uses a built-in synchronous rectifier, so, no
Capacitor During Shutdown
external Schottky diode is required and the system
Device Quiescent Current Less Than 50
µA
efficiency is improved. The current through the switch
is limited to a maximum value of 1300 mA. The
Ease-of-Use Through Isolation of Load From
converter can be disabled to minimize battery drain.
Battery During Shutdown of Converter
During shutdown, the load is completely isolated from
Integrated Antiringing Switch Across Inductor
the battery.
Integrated Low Battery Comparator
An autodischarge function allows discharging the
Micro-Small 10-Pin MSOP or 3 mm x 3 mm
output capacitor during shutdown mode. This is
QFN Package
especially useful when a microcontroller or memory is
supplied, where residual voltage across the output
EVM Available (TPS6101xEVM-157)
capacitor can cause malfunction of the applications.
When programming the ADEN-pin, the autodischarge
function can be disabled. A low-EMI mode is im-
All Single- or Dual-Cell Battery Operated Prod-
plemented to reduce interference and radiated elec-
ucts Like Internet Audio Players, Pager, Port-
tromagnetic energy when the converter enters the
able Medical Diagnostic Equipment, Remote
discontinuous conduction mode. The device is pack-
Control, Wireless Headsets
aged in the micro-small space saving 10-pin MSOP
package. The TPS61010 is also available in a 3 mm
x 3 mm 10-pin QFN package.
The TPS6101x devices are boost converters intended
for systems that are typically operated from a single-
or dual-cell nickel-cadmium (NiCd), nickel-metal hy-
dride (NiMH), or alkaline battery.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2000–2005, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS61014DGSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61014DGS TI-TPS61014DGS Datasheet
459Kb / 25P
[Old version datasheet]   HIGH-EFFICIENCY, 1-CELL AND 2-CELL BOOST CONVERTERS
More results

Similar Description - TPS61014DGSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61010 TI-TPS61010 Datasheet
459Kb / 25P
[Old version datasheet]   HIGH-EFFICIENCY, 1-CELL AND 2-CELL BOOST CONVERTERS
TPS61010 TI-TPS61010_15 Datasheet
989Kb / 36P
[Old version datasheet]   TPS6101x High-Efficiency, 1-Cell and 2-Cell Boost Converters
logo
Fitipower Integrated Te...
FP6711 FITIPOWER-FP6711 Datasheet
678Kb / 13P
   High-Efficiency, 1-Cell and 2-Cell Boost Converter
logo
Maxim Integrated Produc...
MAX1678 MAXIM-MAX1678 Datasheet
166Kb / 12P
   1-Cell to 2-Cell, Low-Noise, High-Efficiency, Step-Up DC-DC Converter
Rev 0; 7/98
logo
Linear Technology
LTC3128 LINER-LTC3128 Datasheet
230Kb / 6P
   High Efficiency 2-Cell Supercapacitor Charger and Balancer Converter
LTC3625-1 LINER-LTC3625-1_15 Datasheet
272Kb / 16P
   1A High Efficiency 2-Cell Supercapacitor Charger with Automatic Cell Balancing
LTC3625 LINER-LTC3625_15 Datasheet
272Kb / 16P
   1A High Efficiency 2-Cell Supercapacitor Charger with Automatic Cell Balancing
logo
Maxim Integrated Produc...
MAX17058 MAXIM-MAX17058_13 Datasheet
2Mb / 16P
   1-Cell/2-Cell Li ModelGauge ICs
Rev 4; 6/13
MAX17058 MAXIM-MAX17058 Datasheet
2Mb / 16P
   1-Cell/2-Cell Li ModelGauge ICs
Rev 1; 4/12
logo
Intersil Corporation
ISL9220AIRTZ-T7A INTERSIL-ISL9220AIRTZ-T7A Datasheet
515Kb / 15P
   Switching Charger for 1-Cell and 2-Cell Li-ion Batteries
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com