Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS65023BRSBT Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65023BRSBT
Description  POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65023BRSBT Datasheet(HTML) 2 Page - Texas Instruments

  TPS65023BRSBT Datasheet HTML 1Page - Texas Instruments TPS65023BRSBT Datasheet HTML 2Page - Texas Instruments TPS65023BRSBT Datasheet HTML 3Page - Texas Instruments TPS65023BRSBT Datasheet HTML 4Page - Texas Instruments TPS65023BRSBT Datasheet HTML 5Page - Texas Instruments TPS65023BRSBT Datasheet HTML 6Page - Texas Instruments TPS65023BRSBT Datasheet HTML 7Page - Texas Instruments TPS65023BRSBT Datasheet HTML 8Page - Texas Instruments TPS65023BRSBT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 55 page
background image
TPS65023, TPS65023B
SLVS670J
– JUNE 2006 – REVISED SEPTEMBER 2011
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ORDERING INFORMATION(1)
TA
PACKAGE
PART NUMBER(2)
–40°C to 85°C
40 pin QFN (RSB)
TPS65023RSB
–40°C to 85°C
40 pin QFN (RSB)
TPS65023BRSB
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
Web site at www.ti.com.
(2)
The RSB package is available in tape and reel. Add the R suffix (TPS65023RSBR, TPS65023BRSBR) to order quantities of 3000 parts
per reel. Add the T suffix (TPS65023RSBT; TPS65023BRSBT) to order quantities of 250 parts per reel.
ABSOLUTE MAXIMUM RATINGS
(1)
over operating free-air temperature range (unless otherwise noted)
VALUE
UNIT
MIN
MAX
VI Input voltage range on all pins except AGND and PGND pins with respect to
–0.3
7
V
AGND
Current at VINDCDC1, L1, PGND1, VINDCDC2, L2, PGND2, VINDCDC3, L3,
2000
mA
PGND3
Peak current at all other pins
1000
mA
Continuous total power dissipation
See Thermal Information Table
TA Operating free-air temperature
–40
85
°C
TJ Maximum junction temperature
125
°C
Ts Storage temperature
–65
150
°C
tg
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability
THERMAL INFORMATION
TPS65023
THERMAL METRIC(1)
RSB
UNITS
40 PINS
θJA
Junction-to-ambient thermal resistance
32.7
θJCtop
Junction-to-case (top) thermal resistance
15.3
θJB
Junction-to-board thermal resistance
13.6
°C/W
ψJT
Junction-to-top characterization parameter
0.1
ψJB
Junction-to-board characterization parameter
5.4
θJCbot
Junction-to-case (bottom) thermal resistance
1.1
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
2
Submit Documentation Feedback
Copyright
© 2006–2011, Texas Instruments Incorporated
Product Folder Link(s) :TPS65023 TPS65023B


Similar Part No. - TPS65023BRSBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65023B TI1-TPS65023B Datasheet
1Mb / 47P
[Old version datasheet]   Power Management IC
More results

Similar Description - TPS65023BRSBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65020 TI-TPS65020 Datasheet
3Mb / 44P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65021 TI-TPS65021 Datasheet
2Mb / 45P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023 TI-TPS65023 Datasheet
908Kb / 43P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023-Q1 TI1-TPS65023-Q1_16 Datasheet
1Mb / 50P
[Old version datasheet]   Power Management IC For Li-Ion Powered Systems
TPS65022 TI-TPS65022 Datasheet
1Mb / 45P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS650250 TI-TPS650250 Datasheet
1Mb / 35P
[Old version datasheet]   Power Management IC for Li-Ion Powered Systems
TPS65022 TI1-TPS65022_16 Datasheet
1Mb / 47P
[Old version datasheet]   Power Management IC for Li-Ion Powered Systems
TPS65023-Q1 TI1-TPS65023-Q1 Datasheet
1Mb / 53P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS650250-Q1 TI1-TPS650250-Q1 Datasheet
919Kb / 32P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS650231 TI-TPS650231_10 Datasheet
1Mb / 55P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com